Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1110E-50 Datasheet(PDF) 6 Page - Dallas Semiconductor

Part # DS1110E-50
Description  10-Tap Silicon Delay Line
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1110E-50 Datasheet(HTML) 6 Page - Dallas Semiconductor

  DS1110E-50 Datasheet HTML 1Page - Dallas Semiconductor DS1110E-50 Datasheet HTML 2Page - Dallas Semiconductor DS1110E-50 Datasheet HTML 3Page - Dallas Semiconductor DS1110E-50 Datasheet HTML 4Page - Dallas Semiconductor DS1110E-50 Datasheet HTML 5Page - Dallas Semiconductor DS1110E-50 Datasheet HTML 6Page - Dallas Semiconductor DS1110E-50 Datasheet HTML 7Page - Dallas Semiconductor DS1110E-50 Datasheet HTML 8Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Terminology
Period: The time elapsed between the leading edge of
the first pulse and the leading edge of the following pulse.
tWI (Pulse Width): The elapsed time on the pulse
between the 1.5V point on the leading edge and the
1.5V point on the trailing edge, or the 1.5V point on the
trailing edge and the 1.5V point on the leading edge.
tRISE (Input Rise Time): The elapsed time between the
20% and the 80% point on the leading edge of the
input pulse.
tFALL (Input Fall Time): The elapsed time between the
80% and the 20% point on the trailing edge of the
input pulse.
tPLH (Time Delay, Rising): The elapsed time between
the 1.5V point on the leading edge of the input pulse
and the 1.5V point on the leading edge of any tap out-
put pulse.
tPHL (Time Delay, Falling): The elapsed time between
the 1.5V point on the trailing edge of the input pulse
and the 1.5V point on the trailing edge of any tap out-
put pulse.
Test Setup Description
Figure 3 illustrates the hardware configuration used for
measuring the timing parameters on the DS1110. A
precision pulse generator under software control pro-
duces the input waveform. Time delays are measured
by a time interval counter (20ps resolution) connected
10-Tap Silicon Delay Line
6
______________________________________________________________________
PULSE
GENERATOR
TIME
INTERVAL
COUNTER
VHF SWITCH
CONTROL UNIT
STOP
DEVICE UNDER TEST
Z0 = 50
START
Figure 3. Test Circuit


Similar Part No. - DS1110E-50

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1110E-XXX MAXIM-DS1110E-XXX Datasheet
115Kb / 8P
   10-Tap Silicon Delay Line
Rev 1; 11/03
More results

Similar Description - DS1110E-50

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1010 MAXIM-DS1010 Datasheet
65Kb / 6P
   10-Tap Silicon Delay Line
111799
logo
Dallas Semiconductor
DS1010 DALLAS-DS1010 Datasheet
60Kb / 6P
   10-Tap Silicon Delay Line
logo
Maxim Integrated Produc...
DS1110 MAXIM-DS1110 Datasheet
115Kb / 8P
   10-Tap Silicon Delay Line
Rev 1; 11/03
logo
Dallas Semiconductor
DS1110L DALLAS-DS1110L Datasheet
102Kb / 7P
   3V 10-Tap Silicon Delay Line
logo
Maxim Integrated Produc...
MXD1005 MAXIM-MXD1005 Datasheet
89Kb / 8P
   5-Tap Silicon Delay Line
19-1309; Rev 0; 10/97
logo
Dallas Semiconductor
DS1005 DALLAS-DS1005 Datasheet
62Kb / 6P
   5-Tap Silicon Delay Line
logo
Maxim Integrated Produc...
MXD1000 MAXIM-MXD1000 Datasheet
72Kb / 8P
   5-Tap Silicon Delay Line
19-1310; Rev 0; 10/97
logo
Dallas Semiconductor
DS1000 DALLAS-DS1000 Datasheet
65Kb / 5P
   5-Tap Silicon Delay Line
logo
Maxim Integrated Produc...
DS1000 MAXIM-DS1000 Datasheet
162Kb / 6P
   5-Tap Silicon Delay Line
030194
logo
Data Delay Devices, Inc...
3D3220 DATADELAY-3D3220_06 Datasheet
238Kb / 4P
   MONOLITHIC 10-TAP FIXED DELAY LINE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com