Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY62256VLL-70ZRE Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY62256VLL-70ZRE
Description  32K x 8 Static RAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62256VLL-70ZRE Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY62256VLL-70ZRE Datasheet HTML 1Page - Cypress Semiconductor CY62256VLL-70ZRE Datasheet HTML 2Page - Cypress Semiconductor CY62256VLL-70ZRE Datasheet HTML 3Page - Cypress Semiconductor CY62256VLL-70ZRE Datasheet HTML 4Page - Cypress Semiconductor CY62256VLL-70ZRE Datasheet HTML 5Page - Cypress Semiconductor CY62256VLL-70ZRE Datasheet HTML 6Page - Cypress Semiconductor CY62256VLL-70ZRE Datasheet HTML 7Page - Cypress Semiconductor CY62256VLL-70ZRE Datasheet HTML 8Page - Cypress Semiconductor CY62256VLL-70ZRE Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
CY62256V
Document #: 38-05057 Rev. *D
Page 5 of 13
Data Retention Characteristics (Over the Operating Range)
Parameter
Description
Conditions[6]
Min.
Typ.[2]
Max.
Unit
VDR
VCC for Data Retention
1.4
V
ICCDR
Data Retention Current
VCC = 1.6V, CE > VCC – 0.3V,
VIN > VCC – 0.3V or VIN < 0.3V
Com’l
0.1
3
µA
Ind’l
6
Auto
50
tCDR[6]
Chip Deselect to Data
Retention Time
0ns
tR[6]
Operation Recovery Time
tRC
ns
Data Retention Waveform
Notes:
6.
No input may exceed VCC + 0.3V.
1.8V
1.8V
tCDR
VDR > 1.4V
DATA RETENTION MODE
tR
CE
VCC
Thermal Resistance
Parameter
Description
Test Conditions
SOIC
TSOPI
RTSOPI
Unit
ΘJA
Thermal Resistance
(Junction to Ambient)[6]
Still Air, soldered on a 3 × 4.5 inch,
four-layer printed circuit board
68.45
87.62
87.62
°C/W
ΘJC
Thermal Resistance
(Junction to Case)[5]
26.94
23.73
23.73
°C/W


Similar Part No. - CY62256VLL-70ZRE

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62256VLL-70ZRE CYPRESS-CY62256VLL-70ZRE Datasheet
440Kb / 12P
   256K (32K x 8) Static RAM
More results

Similar Description - CY62256VLL-70ZRE

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
HX6256 HONEYWELL-HX6256 Datasheet
780Kb / 13P
   32K x 8 Static RAM
logo
Cypress Semiconductor
CY7C199 CYPRESS-CY7C199 Datasheet
317Kb / 13P
   32K x 8 Static RAM
CY7C199N CYPRESS-CY7C199N Datasheet
488Kb / 10P
   32K x 8 Static RAM
CY7C199 CYPRESS-CY7C199_06 Datasheet
315Kb / 11P
   32K x 8 Static RAM
logo
Honeywell Solid State E...
HC6856 HONEYWELL-HC6856 Datasheet
160Kb / 12P
   32K x 8 STATIC RAM
logo
Weida Semiconductor, In...
WCMS0808U1X WEIDA-WCMS0808U1X Datasheet
224Kb / 10P
   32K x 8 Static RAM
logo
Cypress Semiconductor
CY7C199B CYPRESS-CY7C199B Datasheet
257Kb / 15P
   32K x 8 Static RAM
CY7C199C CYPRESS-CY7C199C Datasheet
117Kb / 12P
   32K x 8 Static RAM
logo
Weida Semiconductor, In...
WCFS0808C1E WEIDA-WCFS0808C1E Datasheet
193Kb / 10P
   32K x 8 Static RAM
logo
Cypress Semiconductor
CY7C198 CYPRESS-CY7C198 Datasheet
467Kb / 9P
   32K x 8 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com