Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ITS4300S-SJ-D Datasheet(PDF) 2 Page - Infineon Technologies AG

Part No. ITS4300S-SJ-D
Description  Smart High-Side NMOS-Power Switch
Download  22 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INFINEON [Infineon Technologies AG]
Homepage  http://www.infineon.com
Logo 

ITS4300S-SJ-D Datasheet(HTML) 2 Page - Infineon Technologies AG

 
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
PG-DSO-8
Data Sheet
2
Rev 1.0, 2012-09-01
Smart High-Side NMOS-Power Switch
ITS4300S-SJ-D
Type
Package
Marking
ITS4300S-SJ-D
PG-DSO-8
I300SD
1Overview
Features
CMOS compatible input
Switching all types of resistive, inductive and capacitive loads
Fast demagnetization of inductive loads
Very low standby current
Optimized Electromagnetic Compatibility (EMC)
Open drain diagnostic output for overtemperature and short circuit
Open load detection in OFF-state with external resistor
Overload protection
Current limitation
Short circuit protection
Thermal shutdown with restart
Overvoltage protection (including load dump)
Reverse battery protection with external resistor
Loss of GND and loss of Vbb protection
Electrostatic Discharge Protection (ESD)
Green Product (RoHS compliant)
ITS4300S-SJ-D is not qualified and manufactured according to the requirements of Infineon Technologies with
regards to automotive and/or transportation applications.
Description
The ITS4300S-SJ-D is a protected single channel Smart High-Side NMOS-Power Switch in a PG-DSO-8 package
with charge pump, CMOS compatible input and diagnostic feedback.
Product Summary
Overvoltage protection
V
SAZmin= 41V
Operating voltage range: 5V <
V
S< 34V
On-state resistance
R
DSON = typ 300mΩ
Nominal load current
I
LNOM= 0.4A
Operating Temperature range:
T
j = -40°C to 125°C
Standby Current:
I
SSTB = 26µA
Application
All types of resistive, inductive and capacitive loads
Power switch for 12V and 24V DC applications with CMOS compatible control interface
Driver for electromagnetic relays
Power managment for high-side-switching with low current consumption in OFF-mode


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn