Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ITS4300S-SJ-D Datasheet(PDF) 16 Page - Infineon Technologies AG

Part No. ITS4300S-SJ-D
Description  Smart High-Side NMOS-Power Switch
Download  22 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INFINEON [Infineon Technologies AG]
Homepage  http://www.infineon.com
Logo 

ITS4300S-SJ-D Datasheet(HTML) 16 Page - Infineon Technologies AG

Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
Data Sheet
16
Rev 1.0, 2012-09-01
ITS4300S-SJ-D
Application Information
7.2
Diagnosis Description
For diagnostic purpose the device provides a digital output pin ST in order to indicate fault conditions.
The status output (ST) of the ITS4300S-SJ-D is a high voltage open drain output.
In “normal” operation mode the NMOS open drain transistor is switched OFF.
The following truth table defines the status output.
Table 5
Truth Table of diagnosis feature
Device Operation
IN
OUT
ST
Comment
Normal Operation
H
H
H
Short circuit to GND
L
L
H
No diagnosis
Short circuit to GND
H
L
L
OUT=L:
V
OUT < VOUTSC ;
Short circuit detection voltage; typ 2.8V
Short Circuit to VS (in OFF state)
L
H
L
Short Circuit to VS (in ON state)
H
H
H
No diagnosis
Overload
L
L
H
No diagnosis
Overload
HH
HOUT=H:
V
OUT > VOUTSC ;
Short circuit detection voltage; typ 2.8V
Overtemperature
L
L
H
No diagnosis
Overtemperature
H
L
L
Open Load in OFF state
L
H
L
Open Load in OFF state
H
H
H
No diagnosis


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn