Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ITS4300S-SJ-D Datasheet(PDF) 12 Page - Infineon Technologies AG

Part No. ITS4300S-SJ-D
Description  Smart High-Side NMOS-Power Switch
Download  22 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INFINEON [Infineon Technologies AG]
Homepage  http://www.infineon.com
Logo 

ITS4300S-SJ-D Datasheet(HTML) 12 Page - Infineon Technologies AG

Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
Data Sheet
12
Rev 1.0, 2012-09-01
ITS4300S-SJ-D
Typical Performance Graphs
Typical Performance Characteristics
Standby Current
I
SSTB versus
Junction Temperature
T
j
Output Leakage current
I
OUTLK versus
Junction Temperature
T
j
Initial Peak Short Circuit Current Limt
I
LSCP versus
Junction Temperature
T
j
Initial Short Circuit Shutdown time
t
SCOFF versus
Junction Temperature
T
j
−40 −25
0
25
50
75
100
125
0
2
4
6
8
10
12
T
j
[
°C]
V
IN
=0V;V
s
=32V
−40 −25
0
25
50
75
100
125
0
1
2
3
4
5
6
T
j
[
°C]
V
IN
=0V;V
s
=32V
−40 −25
0
25
50
75
100
125
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
T
j
[
°C]
V
s
=20V
−40 −25
0
25
50
75
100
125
0
20
40
60
80
100
120
T
j
[
°C]
V
s
=20V


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn