Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ITS4300S-SJ-D Datasheet(PDF) 10 Page - Infineon Technologies AG

Part No. ITS4300S-SJ-D
Description  Smart High-Side NMOS-Power Switch
Download  22 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INFINEON [Infineon Technologies AG]
Homepage  http://www.infineon.com
Logo 

ITS4300S-SJ-D Datasheet(HTML) 10 Page - Infineon Technologies AG

Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
Data Sheet
10
Rev 1.0, 2012-09-01
ITS4300S-SJ-D
Typical Performance Graphs
6
Typical Performance Graphs
Typical Performance Characteristics
Transient Thermal Impedance ZthJA versus
Pulse Time
t
p @ 6cm² heatsink area
Transient Thermal Impedance ZthJA versus
Pulse Time
t
p @ min footprint
On-Resistance
R
DSONversus
Junction Temperature
T
j
On-Resistance
R
DSONversus
Supply Voltage
V
S
D = tp / T
D = tp / T
−40 −25
0
25
50
75
100
125
0
50
100
150
200
250
300
350
400
T
j
[
°C]
V
s
=13.5V
5
10
15
20
25
30
35
40
0
50
100
150
200
250
300
350
400
450
500
550
V
s
[V]
T
j
=−40
°C;I
L
=1A
T
j
=25
°C;I
L
=1A
T
j
=125
°C;I
L
=1A


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn