Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ITS4300S-SJ-D Datasheet(PDF) 7 Page - Infineon Technologies AG

Part No. ITS4300S-SJ-D
Description  Smart High-Side NMOS-Power Switch
Download  22 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INFINEON [Infineon Technologies AG]
Homepage  http://www.infineon.com
Logo 

ITS4300S-SJ-D Datasheet(HTML) 7 Page - Infineon Technologies AG

Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
Data Sheet
7
Rev 1.0, 2012-09-01
ITS4300S-SJ-D
Electrical Characteristics
5
Electrical Characteristics
Table 4
VS=13.5V; Tj = -40°C to 125°C; all voltages with respect to ground. Currents flowing into the
device unless otherwise specified in chapter “Block Diagram and Terms”. Typical values at
Vs = 13.5V, Tj = 25°C
Parameter
Symbol
Values
Unit
Note /
Test Condition
Number
Min.
Typ.
Max.
Powerstage
NMOS ON Resistance
R
DSON
300
400
mΩ
I
OUT= 0.3A;Tj = 25°C;
9V <
V
S <34V;
V
IN= 5V
5.0.1
NMOS ON Resistance
R
DSON
480
600
mΩ
I
OUT= 0.3A;Tj = 125°C;
9V <
V
S <34V;
V
IN= 5V
5.0.2
Nominal Load Current;
device on PCB 1)
I
LNOM
0.4
A
T
pin5 = 85°C
5.0.3
Timings of Power Stages2)
Turn ON Time(to 90% of
V
out);
L to H transition of
V
IN
t
ON
140
µs
V
S=13.5V; RL =47Ω
5.0.4
Turn OFF Time (to 10% of
V
out);
H to L transition of
V
IN
t
OFF
170
µs
V
S=13.5V; RL =47Ω
5.0.5
ON-Slew Rate (10 to 30% of
V
out);
L to H transition of
V
IN
SR
ON
2.0
V /µs
V
S=13.5V; RL =47Ω
5.0.6
OFF-Slew Rate;
dV
OUT / dtON(70 to
40% of
V
out);
H to L transition of
V
IN
SR
OFF
2.0
V / µs
V
S=13.5V; RL =47Ω
5.0.7
Under voltage lockout (charge pump start-stop-restart)
Supply undervoltage;
charge pump stop voltage
V
SUV
5.5
V
V
S decreasing
5.0.8
Supply startup voltage;
Charge pump restart voltage
V
SSU
5.5
V
V
S increasing
5.0.9
Current consumption
Operating current
I
GND
1.3
mA
V
IN= 5V
5.0.10
Standby current
I
SSTB
26
µA
V
IN= 0V; VOUT= 0V
-40°C <
T
j <85°C
5.0.11
Standby current
I
SSTB
26
µA
V
IN= 0V; Tj = 125°C
5.0.12
Output leakage current
I
OUTLK
12
µA
V
IN= 0V; VOUT= 0V
5.0.13
Protection functions3)
Initial peak short circuit current limit
I
LSCP
2A
T
j = -40°C;
V
S =20V;VIN =5.0V
5.0.14
Initial peak short circuit current limit
I
LSCP
1.2
A
T
j = 25°C;
V
S =20V;VIN =5.0V
5.0.15
Initial peak short circuit current limit
I
LSCP
0.4
A
T
j =125°C;
V
S =20V;VIN =5.0V
5.0.16


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn