Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ITS4300S-SJ-D Datasheet(PDF) 5 Page - Infineon Technologies AG

Part No. ITS4300S-SJ-D
Description  Smart High-Side NMOS-Power Switch
Download  22 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INFINEON [Infineon Technologies AG]
Homepage  http://www.infineon.com
Logo 

ITS4300S-SJ-D Datasheet(HTML) 5 Page - Infineon Technologies AG

 
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
Data Sheet
5
Rev 1.0, 2012-09-01
ITS4300S-SJ-D
General Product Characteristics
4
General Product Characteristics
4.1
Absolute Maximum Ratings
Note: Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
Integrated protection functions are designed to prevent IC destruction under fault conditions described in the
data sheet. Fault conditions are considered as “outside” the normal operating range. Protection functions
are neither designed for continuous nor repetitive operation.
Table 1
Absolute maximum ratings1) at Tj = 25°C unless otherwise specified. Currents flowing into the
device unless otherwise specified in chapter “Block Diagram and Terms”
1) Not subject to production test, specified by design
Parameter
Symbol
Values
Unit
Note /
Test Condition
Number
Min.
Typ.
Max.
Supply voltage VS
Voltage
V
S
40
V
4.1.1
Voltage for short circuit protection
V
SSC
28
V
4.1.2
Output stage OUT
Output Current; (Short circuit current
see electrical characteristics)
I
OUT
self
limited
A
4.1.3
Input IN
Voltage
V
IN
-10
16
V
4.1.4
Current
I
IN
-5
5
mA
4.1.5
Status ST
Current
I
ST
-5
5
mA
4.1.6
Temperatures
Junction Temperature
T
j
-40
125
°C
4.1.7
Storage Temperature
T
stg
-55
125
°C
4.1.8
Power dissipation
Ta = 25 °C2)
2) Device on 50mm*50mm*1.5mm epoxy PCB FR4 with 6 cm2 (one layer, 70mm thick) copper area for Vbb connection. PCB
is vertical without blown air
P
tot
1.4
W
4.1.9
Inductive load switch-off energy dissipation
Tj = 125 °C;
V
S=13.5V; IL= 0.3A
3)
3) Not subject to production test, specified by design
E
AS
800
mJ
single pulse
4.1.10
ESD Susceptibility
ESD susceptibility (input pin)
V
ESD
-1
1
kV
HBM4)
4) ESD susceptibility HBM according to EIA/JESD 22-A 114.
4.1.11
ESD susceptibility (all other pins)
V
ESD
-5
5
kV
HBM4)
4.1.12


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn