Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ITS4300S-SJ-D Datasheet(PDF) 3 Page - Infineon Technologies AG

Part No. ITS4300S-SJ-D
Description  Smart High-Side NMOS-Power Switch
Download  22 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INFINEON [Infineon Technologies AG]
Homepage  http://www.infineon.com
Logo 

ITS4300S-SJ-D Datasheet(HTML) 3 Page - Infineon Technologies AG

 
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
Data Sheet
3
Rev 1.0, 2012-09-01
ITS4300S-SJ-D
Block Diagram and Terms
2
Block Diagram and Terms
Figure 1
Block diagram
Figure 2
Terms - parameter definition
3
ITS4300S-SJ-D
4
Gate
Control
Circuit
7
Temperature
Sensor
IN
OUT
VS
6
5
8
Bias
Supervision
Overvoltage
Protection
ESD
Protection
Logic
Current
Limiter
2
1
ST
GND
IS
IL
GND
Voltage- and Current-Definitions:
Switching Times and Slew Rate Definitions:
OFF
OFF
ON
VDS
VOUT
90%
0
+VS
10%
tOFF
t
IL
t
0
tON
SRON
30%
SROFF
70%
40%
t
3
ITS4300S-SJ-D
4
Gate
Control
Circuit
7
Temperature
Sensor
IN
OUT
VS
6
5
8
Bias
Supervision
Overvoltage
Protection
ESD
Protection
Logic
Current
Limiter
2
1
ST
GND
IST
IIN
IOUT
VIN
L
H


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn