Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

477TMA035M Datasheet(PDF) 3 Page - Illinois Capacitor, Inc.

Part # 477TMA035M
Description  Extended Life - High voltage
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

477TMA035M Datasheet(HTML) 3 Page - Illinois Capacitor, Inc.

  477TMA035M Datasheet HTML 1Page - Illinois Capacitor, Inc. 477TMA035M Datasheet HTML 2Page - Illinois Capacitor, Inc. 477TMA035M Datasheet HTML 3Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
TMA
+105°C, Extended Life, 2000
hours
Capacitance
(µF)
WVDC
IC PART NUMBER
Maximum
ESR (Ω)
120 Hz,
+20°C
Maximum
RMS Ripple
Current
(mA)
120 Hz,
+105°C
Dims DxL
(mm)
3300
50
338TMA050M
0.0904
1660
22x41
3300
63
338TMA063M
0.0804
1740
22x51
4700
6.3
478TMA6R3M
0.0127
1060
13x31
4700
10
478TMA010M
0.113
1220
16x31
4700
16
478TMA016M
0.099
1300
16x31
4700
25
478TMA025M
0.085
1540
18x41
4700
35
478TMA035M
0.078
1740
22x41
4700
50
478TMA050M
0.071
1860
22x51
6800
10
688TMA010M
0.0878
1370
16x31
6800
16
688TMA016M
0.078
1620
16x41
6800
25
688TMA025M
0.0683
1810
22x41
Capacitance
(µF)
WVDC
IC PART NUMBER
Maximum
ESR (Ω)
120 Hz,
+20°C
Maximum
RMS Ripple
Current
(mA)
120 Hz,
+105°C
Dims DxL
(mm)
6800
35
688TMA035M
0.0634
1910
22x51
10000
6.3
109TMA6R3M
0.076
1620
16x41
10000
10
109TMA010M
0.0696
1690
18x41
10000
16
109TMA016M
0.063
1900
22x41
10000
25
109TMA025M
0.0729
1980
22x51
15000
6.3
159TMA6R3M
0.062
1740
18x41
15000
10
159TMA010M
0.0575
1950
22x41
15000
16
159TMA016M
0.053
2050
22x51
22000
6.3
229TMA6R3M
0.054
2000
22x41
22000
10
229TMA010M
0.053
2080
22x51


Similar Part No. - 477TMA035M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
477TMA035M ILLINOISCAPACITOR-477TMA035M Datasheet
104Kb / 4P
   105째C Standard Axial Lead Aluminum Electrolytic Capacitors
477TMA035M ILLINOISCAPACITOR-477TMA035M Datasheet
356Kb / 3P
   105C General Purpose Axial Lead Aluminum
477TMA035M ILLINOISCAPACITOR-477TMA035M Datasheet
267Kb / 3P
   Extended Life, 2000 hours
477TMA035M ILLINOISCAPACITOR-477TMA035M Datasheet
114Kb / 1P
   AXIAL LEAD
More results

Similar Description - 477TMA035M

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CGJ5L2X7R0J106KTXXXX TDK-CGJ5L2X7R0J106KTXXXX Datasheet
291Kb / 2P
   Extended Life MLCC
logo
Illinois Capacitor, Inc...
474TMA100M ILLINOISCAPACITOR-474TMA100M_16 Datasheet
267Kb / 3P
   Extended Life, 2000 hours
104CKH050M ILLINOISCAPACITOR-104CKH050M_16 Datasheet
310Kb / 3P
   Extended life 2000 hour
logo
Tadiran Batteries GmbH
SL-850 TADIRN-SL-850 Datasheet
363Kb / 1P
   XOL ??extended operating life
logo
Illinois Capacitor, Inc...
826LBB400M2BC ILLINOISCAPACITOR-826LBB400M2BC_16 Datasheet
348Kb / 5P
   Extended Life, 3000 hours
logo
Tadiran Batteries GmbH
SL-860 TADIRN-SL-860 Datasheet
383Kb / 1P
   XOL ??extended operating life
SL-861 TADIRN-SL-861 Datasheet
385Kb / 1P
   XOL ??extended operating life
SL-2880 TADIRN-SL-2880 Datasheet
408Kb / 1P
   XOL ??extended operating life
SL-886 TADIRN-SL-886 Datasheet
406Kb / 1P
   XOL ??extended operating life
SL-889 TADIRN-SL-889 Datasheet
406Kb / 1P
   XOL ??extended operating life
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com