Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IM831E Datasheet(PDF) 7 Page - ILSI America LLC

Part # IM831E
Description  MEMS Technology
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILSI [ILSI America LLC]
Direct Link  http://www.ilsiamerica.com
Logo ILSI - ILSI America LLC

IM831E Datasheet(HTML) 7 Page - ILSI America LLC

  IM831E Datasheet HTML 1Page - ILSI America LLC IM831E Datasheet HTML 2Page - ILSI America LLC IM831E Datasheet HTML 3Page - ILSI America LLC IM831E Datasheet HTML 4Page - ILSI America LLC IM831E Datasheet HTML 5Page - ILSI America LLC IM831E Datasheet HTML 6Page - ILSI America LLC IM831E Datasheet HTML 7Page - ILSI America LLC IM831E Datasheet HTML 8Page - ILSI America LLC IM831E Datasheet HTML 9Page - ILSI America LLC  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
MEMS Oscillator, -55°C to +125°C, LVCMOS/HCMOS Compatible, 119.342001 MHz to 137.000MHz
IM831 Series
ILSI America Phone 775-851-8880 ● Fax 775-851-8882 ●email: e-mail@ilsiamerica.com ●
www.ilsiamerica.com
Specifications subject to change without notice
Rev 01/30/16_A
Page 7 of 9
Selectable Drive Strength Option
Rise/Fall Time (20% to 80%) vs CLOAD Tables
Rise/Fall Time Typ (nS)
Drive Strength
(CLOAD)
5 pF
15 pF
30 pF
T
0.93
N/A
N/A
E
0.78
N/A
N/A
U
0.70
1.48
N/A
- = Default
0.65
1.30
N/A
Rise/Fall Time Typ (nS)
Drive Strength
(CLOAD)
5 pF
15 pF
30 pF
R
1.45
N/A
N/A
B
1.09
N/A
N/A
T
0.62
1.28
N/A
E
0.54
1.00
N/A
- = Default
0.43
0.96
N/A
F
0.34
0.88
N/A
Table 1 Vdd = 1.8 V Rise/Fall time for Specific CLOAD
Table 2 Vdd = 2.5 V Rise/Fall time for Specific CLOAD
Rise/Fall Time Typ (nS)
Drive Strength
(CLOAD)
5 pF
15 pF
30 pF
R
1.29
N/A
N/A
B
0.97
N/A
N/A
T
0.55
1.12
N/A
U
0.44
1.00
N/A
- = Default
0.34
0.88
N/A
F
0.29
0.81
1.48
Rise/Fall Time Typ (nS)
Drive Strength
(CLOAD)
5 pF
15 pF
30 pF
R
1.22
N/A
N/A
B
0.89
N/A
N/A
- = Default
0.51
1.00
N/A
E
0.38
0.92
N/A
U
0.30
0.83
N/A
F
0.27
0.76
1.39
Table 3 Vdd = 2.8 V Rise/Fall time for Specific CLOAD
Table 4 Vdd= 3.0 V Rise/Fall time for Specific CLOAD
Rise/Fall Time Typ (nS)
Drive Strength
(CLOAD)
5 pF
15 pF
30 pF
R
1.16
N/A
N/A
B
0.81
N/A
N/A
- = Default
0.46
1.00
N/A
E
0.33
0.87
N/A
U
0.28
0.79
1.46
F
0.25
0.72
1.31
Table 5 Vdd = 3.3 V Rise/Fall time for Specific CLOAD
Note:
“N/A” in Table 1 to Table 5 indicates that the resulting rise/fall time from respective combination of the drive strength and output load does not
provide rail-to-rail swing and is not available.


Similar Part No. - IM831E

ManufacturerPart #DatasheetDescription
logo
MMD Components
IM831E MMD-IM831E Datasheet
644Kb / 9P
   MEMS Oscillator, -55째C to 125째C, LVCMOS/HCMOS Compatible, 119.342001 MHz to 137.000MHz
More results

Similar Description - IM831E

ManufacturerPart #DatasheetDescription
logo
ILSI America LLC
IM810 ILSI-IM810 Datasheet
521Kb / 8P
   MEMS Technology
logo
Omron Electronics LLC
D6F-PH OMRON-D6F-PH Datasheet
2Mb / 2P
   High Impedance MEMS Mass Flow Technology
logo
Hamamatsu Corporation
S11519 HAMAMATSU-S11519_15 Datasheet
571Kb / 4P
   Enhanced near IR sensitivity, using a MEMS technology
S11499 HAMAMATSU-S11499 Datasheet
429Kb / 3P
   Large area, enhanced near IR sensitivity, using a MEMS technology
logo
Jauch Quartz Gmbh
JSO-LC-2.8V JAUCH-JSO-LC-2.8V Datasheet
820Kb / 4P
   MEMS-Oscillator
JSO-LC-3.0V JAUCH-JSO-LC-3.0V Datasheet
820Kb / 4P
   MEMS-Oscillator
logo
CUI INC
CMM-2718AB-38308-TR CUI-CMM-2718AB-38308-TR Datasheet
478Kb / 5P
   MEMS MICROPHONE
CMM-2718AB-383161-TR CUI-CMM-2718AB-383161-TR Datasheet
489Kb / 5P
   MEMS MICROPHONE
CMM-2718AT-42108-TR CUI-CMM-2718AT-42108-TR Datasheet
379Kb / 5P
   MEMS MICROPHONE
CMM-2718AT-42308-TR CUI-CMM-2718AT-42308-TR Datasheet
374Kb / 5P
   MEMS MICROPHONE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com