Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IM831D Datasheet(PDF) 9 Page - ILSI America LLC

Part # IM831D
Description  MEMS Technology
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILSI [ILSI America LLC]
Direct Link  http://www.ilsiamerica.com
Logo ILSI - ILSI America LLC

IM831D Datasheet(HTML) 9 Page - ILSI America LLC

  IM831D Datasheet HTML 1Page - ILSI America LLC IM831D Datasheet HTML 2Page - ILSI America LLC IM831D Datasheet HTML 3Page - ILSI America LLC IM831D Datasheet HTML 4Page - ILSI America LLC IM831D Datasheet HTML 5Page - ILSI America LLC IM831D Datasheet HTML 6Page - ILSI America LLC IM831D Datasheet HTML 7Page - ILSI America LLC IM831D Datasheet HTML 8Page - ILSI America LLC IM831D Datasheet HTML 9Page - ILSI America LLC  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
MEMS Oscillator, -55°C to +125°C, LVCMOS/HCMOS Compatible, 119.342001 MHz to 137.000MHz
IM831 Series
ILSI America Phone 775-851-8880 ● Fax 775-851-8882 ●email: e-mail@ilsiamerica.com ●
www.ilsiamerica.com
Specifications subject to change without notice
Rev 01/30/16_A
Page 9 of 9
Tape and Reel Dimensions
DIRECTION OF FEED
REF: EIA-481-E
Q3 Q4
Q2
Q1
WIDTH
TAPE
PITCH
REEL DIA
Part
Number
Size
Pitch
Tape
Width
Pin
Orient.
Reel
Dia.
Count
IM831B
5.0 x 3.2
8.0 ± 0.1
12.3 max
Q1
180 Dia
1000
330 Dia
3000
IM831C
3.2 x 2.5
4.0 ± 0.1
8.3 max
Q1
180 Dia
3000
IM831D
2.5 x 2.0
4.0 ± 0.1
8.3 max
Q1
180 Dia
3000
IM831E
2.0 x 1.6
4.0 ± 0.1
8.3 max
Q1
180 Dia
3000
Notes:`
All dimensions are in mm.
Do not scale drawings.
PROPRIETARY AND CONFIDENTIAL
THIS DOCUMENT CONTAINS PROPRIETARY INFORMATION, AND SUCH INFORMATION MAY NOT BE DISCLOSED TO OTHERS FOR ANY
PURPOSE NOR USED FOR MANUFACTURING PURPOSES WITHOUT WRITTEN PERMISSION FROM ILSI America.


Similar Part No. - IM831D

ManufacturerPart #DatasheetDescription
logo
MMD Components
IM831D MMD-IM831D Datasheet
644Kb / 9P
   MEMS Oscillator, -55째C to 125째C, LVCMOS/HCMOS Compatible, 119.342001 MHz to 137.000MHz
More results

Similar Description - IM831D

ManufacturerPart #DatasheetDescription
logo
ILSI America LLC
IM810 ILSI-IM810 Datasheet
521Kb / 8P
   MEMS Technology
logo
Omron Electronics LLC
D6F-PH OMRON-D6F-PH Datasheet
2Mb / 2P
   High Impedance MEMS Mass Flow Technology
logo
Hamamatsu Corporation
S11519 HAMAMATSU-S11519_15 Datasheet
571Kb / 4P
   Enhanced near IR sensitivity, using a MEMS technology
S11499 HAMAMATSU-S11499 Datasheet
429Kb / 3P
   Large area, enhanced near IR sensitivity, using a MEMS technology
logo
Jauch Quartz Gmbh
JSO-LC-2.8V JAUCH-JSO-LC-2.8V Datasheet
820Kb / 4P
   MEMS-Oscillator
JSO-LC-3.0V JAUCH-JSO-LC-3.0V Datasheet
820Kb / 4P
   MEMS-Oscillator
logo
CUI INC
CMM-2718AB-38308-TR CUI-CMM-2718AB-38308-TR Datasheet
478Kb / 5P
   MEMS MICROPHONE
CMM-2718AB-383161-TR CUI-CMM-2718AB-383161-TR Datasheet
489Kb / 5P
   MEMS MICROPHONE
CMM-2718AT-42108-TR CUI-CMM-2718AT-42108-TR Datasheet
379Kb / 5P
   MEMS MICROPHONE
CMM-2718AT-42308-TR CUI-CMM-2718AT-42308-TR Datasheet
374Kb / 5P
   MEMS MICROPHONE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com