Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IM831C Datasheet(PDF) 3 Page - ILSI America LLC

Part # IM831C
Description  MEMS Technology
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILSI [ILSI America LLC]
Direct Link  http://www.ilsiamerica.com
Logo ILSI - ILSI America LLC

IM831C Datasheet(HTML) 3 Page - ILSI America LLC

  IM831C Datasheet HTML 1Page - ILSI America LLC IM831C Datasheet HTML 2Page - ILSI America LLC IM831C Datasheet HTML 3Page - ILSI America LLC IM831C Datasheet HTML 4Page - ILSI America LLC IM831C Datasheet HTML 5Page - ILSI America LLC IM831C Datasheet HTML 6Page - ILSI America LLC IM831C Datasheet HTML 7Page - ILSI America LLC IM831C Datasheet HTML 8Page - ILSI America LLC IM831C Datasheet HTML 9Page - ILSI America LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
MEMS Oscillator, -55°C to +125°C, LVCMOS/HCMOS Compatible, 119.342001 MHz to 137.000MHz
IM831 Series
ILSI America Phone 775-851-8880 ● Fax 775-851-8882 ●email: e-mail@ilsiamerica.com ●
www.ilsiamerica.com
Specifications subject to change without notice
Rev 01/30/16_A
Page 3 of 9
Performance Plots:
Figure 1: Idd vs Frequency
Figure 2: Frequency vs Temperature
Figure 3: RMS Period Jitter vs Frequency
Figure 4: Duty Cycle vs Frequency
Figure 5: 20% to 80% Rise Time vs Temperature
Figure 6: 20% to 80% Rise Time vs Temperature


Similar Part No. - IM831C

ManufacturerPart #DatasheetDescription
logo
MMD Components
IM831C MMD-IM831C Datasheet
644Kb / 9P
   MEMS Oscillator, -55째C to 125째C, LVCMOS/HCMOS Compatible, 119.342001 MHz to 137.000MHz
More results

Similar Description - IM831C

ManufacturerPart #DatasheetDescription
logo
ILSI America LLC
IM810 ILSI-IM810 Datasheet
521Kb / 8P
   MEMS Technology
logo
Omron Electronics LLC
D6F-PH OMRON-D6F-PH Datasheet
2Mb / 2P
   High Impedance MEMS Mass Flow Technology
logo
Hamamatsu Corporation
S11519 HAMAMATSU-S11519_15 Datasheet
571Kb / 4P
   Enhanced near IR sensitivity, using a MEMS technology
S11499 HAMAMATSU-S11499 Datasheet
429Kb / 3P
   Large area, enhanced near IR sensitivity, using a MEMS technology
logo
Jauch Quartz Gmbh
JSO-LC-2.8V JAUCH-JSO-LC-2.8V Datasheet
820Kb / 4P
   MEMS-Oscillator
JSO-LC-3.0V JAUCH-JSO-LC-3.0V Datasheet
820Kb / 4P
   MEMS-Oscillator
logo
CUI INC
CMM-2718AB-38308-TR CUI-CMM-2718AB-38308-TR Datasheet
478Kb / 5P
   MEMS MICROPHONE
CMM-2718AB-383161-TR CUI-CMM-2718AB-383161-TR Datasheet
489Kb / 5P
   MEMS MICROPHONE
CMM-2718AT-42108-TR CUI-CMM-2718AT-42108-TR Datasheet
379Kb / 5P
   MEMS MICROPHONE
CMM-2718AT-42308-TR CUI-CMM-2718AT-42308-TR Datasheet
374Kb / 5P
   MEMS MICROPHONE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com