Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IM820 Datasheet(PDF) 3 Page - ILSI America LLC

Part # IM820
Description  Pb-free, RoHS and REACH compliant
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILSI [ILSI America LLC]
Direct Link  http://www.ilsiamerica.com
Logo ILSI - ILSI America LLC

IM820 Datasheet(HTML) 3 Page - ILSI America LLC

  IM820 Datasheet HTML 1Page - ILSI America LLC IM820 Datasheet HTML 2Page - ILSI America LLC IM820 Datasheet HTML 3Page - ILSI America LLC IM820 Datasheet HTML 4Page - ILSI America LLC IM820 Datasheet HTML 5Page - ILSI America LLC IM820 Datasheet HTML 6Page - ILSI America LLC IM820 Datasheet HTML 7Page - ILSI America LLC IM820 Datasheet HTML 8Page - ILSI America LLC IM820 Datasheet HTML 9Page - ILSI America LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
MEMS Oscillator, High Temperature, LVCMOS/HCMOS Compatible, 1.000 MHz to 100.000MHz
IM820 Series
ILSI America Phone 775-851-8880 ● Fax 775-851-8882 ●email: e-mail@ilsiamerica.com ●
www.ilsiamerica.com
Specifications subject to change without notice
Rev 01/30/16_A
Page 3 of 9
Performance Plots:
Firgure 1: Idd vs Frequency
Figure 2: Frequency vs Temperature
Figure 3: RMS Period Jitter vs Frequency
Figure 4Duty Cycle vs Frequency
Figure 5: 20% to 80% Rise Time vs Temperature
Figure 6: 20% to 80% Fall Time vs Temperature


Similar Part No. - IM820

ManufacturerPart #DatasheetDescription
logo
ILSI America LLC
IM821 ILSI-IM821 Datasheet
613Kb / 9P
   Fast delivery times
IM821B ILSI-IM821B Datasheet
613Kb / 9P
   Fast delivery times
IM821C ILSI-IM821C Datasheet
613Kb / 9P
   Fast delivery times
IM821D ILSI-IM821D Datasheet
613Kb / 9P
   Fast delivery times
IM821E ILSI-IM821E Datasheet
613Kb / 9P
   Fast delivery times
More results

Similar Description - IM820

ManufacturerPart #DatasheetDescription
logo
ILSI America LLC
IM830 ILSI-IM830 Datasheet
734Kb / 9P
   Pb-free, RoHS and REACH compliant
IM890 ILSI-IM890 Datasheet
1Mb / 10P
   Pb-free, RoHS and REACH compliant
logo
COSMO Electronics Corp...
KT1000 COSMO-KT1000 Datasheet
196Kb / 8P
   Pb free and RoHS compliant
KT1010 COSMO-KT1010 Datasheet
196Kb / 8P
   Pb free and RoHS compliant
KT1600 COSMO-KT1600 Datasheet
196Kb / 8P
   Pb free and RoHS compliant
logo
M/A-COM Technology Solu...
MAFL-011057 MA-COM-MAFL-011057 Datasheet
223Kb / 6P
   RoHS Compliant and Pb free
logo
Abracon Corporation
ALFB-01 ABRACON-ALFB-01 Datasheet
535Kb / 1P
   RoHS compliant and Pb free
10.30.13
logo
COSMO Electronics Corp...
KT1200 COSMO-KT1200 Datasheet
159Kb / 8P
   Pb free and RoHS compliant
KTLP160J COSMO-KTLP160J_13 Datasheet
129Kb / 6P
   Pb free and RoHS compliant
KTLP161J COSMO-KTLP161J_13 Datasheet
130Kb / 6P
   Pb free and RoHS compliant
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com