Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EP7309 Datasheet(PDF) 33 Page - Cirrus Logic

Part # EP7309
Description  HIGH PERFORMANCE LOW POWER SYSTEM ON CHIP ENHANCED DIGITAL AUDIO INTERFACE
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

EP7309 Datasheet(HTML) 33 Page - Cirrus Logic

Back Button EP7309 Datasheet HTML 29Page - Cirrus Logic EP7309 Datasheet HTML 30Page - Cirrus Logic EP7309 Datasheet HTML 31Page - Cirrus Logic EP7309 Datasheet HTML 32Page - Cirrus Logic EP7309 Datasheet HTML 33Page - Cirrus Logic EP7309 Datasheet HTML 34Page - Cirrus Logic EP7309 Datasheet HTML 35Page - Cirrus Logic EP7309 Datasheet HTML 36Page - Cirrus Logic EP7309 Datasheet HTML 37Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 46 page
background image
DS507PP1
Copyright 2001 Cirrus Logic (All Rights Reserved)
33
EP7309
High-Performance, Low-Power System on Chip
256-Ball PBGA Pinout (Top View)
)
256-Ball PBGA Ball Listing
The list is ordered by ball location.
1
2
3
4
5
6
7
8
910
11
121314
15
16
A
VDDIO
nCS[4]
nCS[1]
N/C
N/C
DD[1]
M
VDDIO
D[0]
D[2]
A[3]
VDDIO
A[6]
MOSCOUT VDDOSC
VSSIO
A
B
nCS[5]
VDDIO
nCS[3]
nMOE
VDDIO
N/C
DD[2]
CL[1]
VDDCORE
D[1]
A[2]
A[4]
A[5]
WAKEUP
VDDIO
nURESET B
C
VDDIO
EXPCLK
VSSIO
VDDIO
VSSIO
VSSIO
VSSIO
VDDIO
VSSIO
VSSIO
VSSIO
VDDIO
VSSIO
VSSIO
nPOR
nEXTPWR C
D
WRITE
EXPRDY
VSSIO
VDDIO
nCS[2]
nMWE
N/C
CL[2]
VSSRTC
D[4]
nPWRFL
MOSCIN
VDDIO
VSSIO
D[7]
D[8]
D
E
RXD[2]
PB[7]
TDI
WORD
VSSIO
nCS[0]
N/C
FRM
A[0]
D[5]
VSSOSC
VSSIO
nMEDCHG/
nBROM
VDDIO
D[9]
D[10]
E
F
PB[5]
PB[3]
VSSIO
TXD[2]
RUN/
CLKEN
VSSIO
N/C
DD[3]
A[1]
D[6]
VSSRTC
BATOK
nBATCHG
VSSIO
D[11]
VDDIO
F
G
PB[1]
VDDIO
TDO
PB[4]
PB[6]
VSSRTC
VSSRTC
DD[0]
D[3]
VSSRTC
A[7]
A[8]
A[9]
VSSIO
D[12]
D[13]
G
H
PA[7]
PA[5]
VSSIO
PA[4]
PA[6]
PB[0]
PB[2]
VSSRTC
VSSRTC
A[10]
A[11]
A[12]
A[13]
VSSIO
D[14]
D[15]
H
J
PA[3]
PA[1]
VSSIO
PA[2]
PA[0]
TXD[1]
CTS
VSSRTC
VSSRTC
A[17]
A[16]
A[15]
A[14]
nTRST
D[16]
D[17]
J
K LEDDRV
PHDIN
VSSIO
DCD
nTEST[1]
EINT[3]
VSSRTC
ADCIN
COL[4]
TCLK
D[20]
D[19]
D[18]
VSSIO
VDDIO
VDDIO
K
L
RXD[1]
DSR
VDDIO
nEINT[1]
PE[2]/
CLKSEL
VSSRTC
PD[0]/
LEDFLSH
VSSRTC
COL[6]
D[31]
VSSRTC
A[22]
A[21]
VSSIO
A[18]
A[19]
L
M nTEST[0]
nEINT[2]
VDDIO
PE[0]/
BOOTSEL[0]
TMS
VDDIO
SSITXFR
DRIVE[1]
FB[0]
COL[0]
D[27]
VSSIO
A[23]
VDDIO
A[20]
D[21]
M
N nEXTFIQ
PE[1]/
BOOTSEL[1]
VSSIO
VDDIO
PD[5]
PD[2]
SSIRXDA
ADCCLK
SMPCLK
COL[2]
D[29]
D[26]
HALFWORD
VSSIO
D[22]
D[23]
N
P VSSRTC
RTCOUT
VSSIO
VSSIO
VDDIO
VSSIO
VSSIO
VDDIO
VSSIO
VDDIO
VSSIO
VSSIO
VDDIO
VSSIO
D[24]
VDDIO
P
R
RTCIN
VDDIO
PD[4]
PD[1]
SSITXDA
nADCCS
VDDIO
ADCOUT
COL[7]
COL[3]
COL[1]
D[30]
A[27]
A[25]
VDDIO
A[24]
R
T VDDRTC
PD[7]
PD[6]
PD[3]
SSICLK
SSIRXFR VDDCORE DRIVE[0]
FB[1]
COL[5]
VDDIO
BUZ
D[28]
A[26]
D[25]
VSSIO
T
Table U. 256-Ball PBGA Ball Listing
Ball Location
Name
Type
Description
A1
VDDIO
Pad power
Digital I/O power, 3.3V
A2
nCS[4]
O
Chip select out
A3
nCS[1]
O
Chip select out
A4
N/C
O
A5
N/C
O
A6
DD[1]
O
LCD serial display data
A7
M
O
LCD AC bias drive
A8
VDDIO
Pad power
Digital I/O power, 3.3V
A9
D[0]
I/O
Data I/O
A10
D[2]
I/O
Data I/O
A11
A[3]
O
System byte address
A12
VDDIO
Pad power
Digital I/O power, 3.3V
A13
A[6]
O
System byte address
A14
MOSCOUT
O
Main oscillator out
A15
VDDOSC
Oscillator
power
Oscillator power in, 2.5V
A16
VSSIO
Pad ground
I/O ground
B1
nCS[5]
O
Chip select out
B2
VDDIO
Pad power
I/O ground
B3
nCS[3]
O
Chip select out
B4
nMOE
O
ROM, expansion OP enable
B5
VDDIO
Pad power
Digital I/O power, 3.3V
B6
N/C
O
Table U. 256-Ball PBGA Ball Listing (Continued)
Ball Location
Name
Type
Description


Similar Part No. - EP7309

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
EP7309 CIRRUS-EP7309 Datasheet
1Mb / 51P
   High-performance, Low-power, System-on-chip with Enhanced Digital Audio Interface
EP7309-CB CIRRUS-EP7309-CB Datasheet
1Mb / 51P
   High-performance, Low-power, System-on-chip with Enhanced Digital Audio Interface
EP7309-CBZ CIRRUS-EP7309-CBZ Datasheet
1Mb / 51P
   High-performance, Low-power, System-on-chip with Enhanced Digital Audio Interface
EP7309-CV CIRRUS-EP7309-CV Datasheet
1Mb / 51P
   High-performance, Low-power, System-on-chip with Enhanced Digital Audio Interface
EP7309-CVZ CIRRUS-EP7309-CVZ Datasheet
1Mb / 51P
   High-performance, Low-power, System-on-chip with Enhanced Digital Audio Interface
More results

Similar Description - EP7309

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
EP7309 CIRRUS-EP7309_05 Datasheet
1Mb / 51P
   High-performance, Low-power, System-on-chip with Enhanced Digital Audio Interface
EP7311 CIRRUS-EP7311_05 Datasheet
1Mb / 58P
   High-performance, Low-power, System-on-chip with SDRAM & Enhanced Digital Audio Interface
EP7312 CIRRUS-EP7312 Datasheet
1Mb / 64P
   HIGH-PERFORMANCE, LOW-POWER SYSTEM ON CHIP WITH SDRAM AND ENHANCED DIGITAL AUDIO INTERFACE
EP7311 CIRRUS-EP7311 Datasheet
1Mb / 54P
   HIGH-PERFORMANCE, LOW-POWER SYSTEM-ON-CHIP WITH SDRAM AND ENHANCED DIGITAL AUDIO INTERFACE
EP7212 CIRRUS-EP7212 Datasheet
2Mb / 136P
   HIGH-PERFORMANCE, LOW-POWER SYSTEM-ON-CHIP WITH LCD CONTROLLER AND DIGITAL AUDIO INTERFACE(DAI)
EP7312 CIRRUS-EP7312_05 Datasheet
1Mb / 64P
   High-performance, Low-power, System-on-chip with SDRAM & Enhanced with SDRAM & Enhanced
EP7209 CIRRUS-EP7209 Datasheet
1Mb / 128P
   Ultra-Low-Power Audio Decoder System-on-Chip
EP7211 CIRRUS-EP7211 Datasheet
2Mb / 166P
   HIGH-PERFORMANCE ULTRA-LOW-POWER SYSTEM-ON-CHIP WITH LCD CONTROLLER
logo
ON Semiconductor
NCS36510 ONSEMI-NCS36510_16 Datasheet
215Kb / 34P
   Low Power System-on-Chip
September, 2016 ??Rev. 0
logo
Silicon Laboratories
EM341 SILABS-EM341 Datasheet
3Mb / 237P
   High-Performance, Integrated RF4CE System-on-Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com