Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

107SVH050MFE Datasheet(PDF) 4 Page - Illinois Capacitor, Inc.

Part No. 107SVH050MFE
Description  Small size Extended Life Low cost
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Homepage  http://www.illinoiscapacitor.com
Logo 

107SVH050MFE Datasheet(HTML) 4 Page - Illinois Capacitor, Inc.

   
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SVH
+105°C, Long Life, 2000
hours
Capacitance
(µF)
WVDC
IC PART NUMBER
Maximum
ESR (Ω)
120 Hz,
+20°C
Maximum
RMS Ripple
Current
(mA)
120 Hz,
+105°C
Dims DxL
(mm)
220
16
227SVH016MEL
1.51
105
6.3x7.7
220
25
227SVH025MFE
1.21
240
8x10.5
220
35
227SVH035MFE
1.5071
170
8x10.5
220
50
227SVH050MGE
1.06
375
10x10.5
220
63
227SVH063MTP
1.3564
470
12.5x13.5
330
6.3
337SVH6R3MEL
1.507
140
6.3x7.7
330
25
337SVH025MFE
0.8
320
8x10.5
330
35
337SVH035MGE
0.7
410
10x10.5
330
50
337SVH050MTP
0.9043
490
12.5x13.5
330
50
337SVH050MTP
0.9043
490
12.5x13.5
330
63
337SVH063MKQ
0.7033
650
16x16.5
470
16
477SVH016MFE
0.71
240
8x10.5
470
25
477SVH025MGE
0.56
450
10x10.5
470
35
477SVH035MTP
0.78
520
12.5x13.5
470
50
477SVH050MTBW 0.5644
550
12.5x16
470
63
477SVH063MKQ
0.4938
700
16x16.5
680
6.3
687SVH6R3MFE
0.73
340
8x10.5
680
25
687SVH025MGE
0.39
490
10x10.5
680
35
687SVH035MTP
0.54
590
12.5x13.5
1000
10
108SVH010MGE
0.4
450
10x10.5
1000
25
108SVH025MTP
0.43
510
12.5x13.5
1000
35
108SVH035MKQ
0.36
800
16x16.5
1000
50
108SVH050MKQ
0.3
800
16x16.5
1500
6.3
158SVH6R3MGE
0.39
460
10x10.5
1500
25
158SVH025MTBW
0.29
590
12.5x16
1500
35
158SVH035MKQ
0.24
1000
16x16.5
2200
10
228SVH010MTP
0.23
680
12.5x13.5
2200
25
228SVH025MTP
0.2
900
16x16.5


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn