Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

336SVL050MFE Datasheet(PDF) 1 Page - Illinois Capacitor, Inc.

Part No. 336SVL050MFE
Description  Small size Long Life
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Homepage  http://www.illinoiscapacitor.com
Logo 

336SVL050MFE Datasheet(HTML) 1 Page - Illinois Capacitor, Inc.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
Small size Long Life
APPLICATIONS
Filtering Bypass/ Coupling De-Coupling
Operating Temperature Range
-55°C to +105°C
Capacitance Tolerance
+20% at 120 Hz, 20°C
Surge Voltage
WVDC
6.3
10
16
25
35
50
SVDC
7.9
13
20
32
44
63
Dissipation Factor
WVDC
6.3
10
16
25
35
50
.32
.24
.2
.16
.13
.12
Leakage Current
2 Minutes
.01CV or 3uA,Whichever is greater
Low Temperature
Stability
Impedance Ratio
(120 Hz)
Rated WVDC
6.3
10
16
25
35
50
-25°C to +20°C
4
3
2
2
2
2
-40°C to +20°C
10
7
5
3
3
3
Load Life
5000 hours(3000 hours for D=4,5,6.3mm) at 105°C with rated WVDC
Capacitance Change
<30% of initial measured value
Dissipation Factor
<300% of maximum specified value
Leakage Current
<100% of maximum specified value
Shelf Life
1000 hours at 105°C with no voltage applied
Capacitance Change
<30% of initial measured value
Dissipation Factor
<300% of maximum specified value
Leakage Current
<100% of maximum specified value
Resistance to Soldering Heat
Capacitors placed on a 250°C hot plate for 30 seconds with their electrode
terminations facing downward will fulfill the following conditions after being
cooled to room temperature
Capacitance Change
<10% of initial measured value
Dissipation Factor
<100% of maximum specified value
Leakage Current
<100% of maximum specified value
Ripple Current Multipliers
Frequency (Hz)
50
120
300
1k
100k
.7
1.0
1.17
1.36
1.5
D
L
W+0.2
H+0.2
C+0.2
R
LL+0.2
S+0.2
4
5.8 +/-0.3
4.3
4.3
5.0
0.5~0.8
1.8
1.0
5
5.8 +/-0.3
5.3
5.3
6.0
0.5~0.8
2.1
1.3
6.3
5.8 +/-0.3
6.6
6.6
7.3
0.5~0.8
2.4
2.2
6.3
7.7 +/-0.3
6.6
6.6
7.3
0.5~0.8
2.4
2.2
8
10.5+/-0.5
8.3
8.3
9.0
0.7~1.0
2.9
3.1
10
10.5+/-0.5
10.3
10.3
11.0
0.7~1.0
3.2
4.5


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn