Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY62256VLL-70RZC Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY62256VLL-70RZC
Description  32K x 8 Static RAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62256VLL-70RZC Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY62256VLL-70RZC Datasheet HTML 1Page - Cypress Semiconductor CY62256VLL-70RZC Datasheet HTML 2Page - Cypress Semiconductor CY62256VLL-70RZC Datasheet HTML 3Page - Cypress Semiconductor CY62256VLL-70RZC Datasheet HTML 4Page - Cypress Semiconductor CY62256VLL-70RZC Datasheet HTML 5Page - Cypress Semiconductor CY62256VLL-70RZC Datasheet HTML 6Page - Cypress Semiconductor CY62256VLL-70RZC Datasheet HTML 7Page - Cypress Semiconductor CY62256VLL-70RZC Datasheet HTML 8Page - Cypress Semiconductor CY62256VLL-70RZC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
256K (32K x 8) Static RAM
CY62256V
Cypress Semiconductor Corporation
3901 North First Street
San Jose
CA 95134
408-943-2600
Document #: 38-05057 Rev. *D
Revised June 28, 2004
Features
• Temperature Ranges
— Commercial: 0°C to 70°C
— Industrial: –40°C to 85°C
— Automotive: –40°C to 125°C
• Speed: 70 ns and 100 ns
• Low voltage range:
— CY62256V (2.7V–3.6V)
— CY62256V25 (2.3V–2.7V)
• Low active power and standby power
• Easy memory expansion with CE and OE features
• TTL-compatible inputs and outputs
• Automatic power-down when deselected
• CMOS for optimum speed/power
• Package available in a standard 450-mil-wide (300-mil
body width) 28-lead narrow SOIC, 28-lead TSOP-1, and
reverse 28-lead TSOP-1 package
Functional Description[1]
The CY62256V family is composed of two high-performance
CMOS static RAM’s organized as 32K words by 8 bits. Easy
memory expansion is provided by an active LOW chip enable
(CE) and active LOW output enable (OE) and three-state
drivers. These devices have an automatic power-down
feature, reducing the power consumption by over 99% when
deselected.
An active LOW write enable signal (WE) controls the
writing/reading operation of the memory. When CE and WE
inputs are both LOW, data on the eight data input/output pins
(I/O0 through I/O7) is written into the memory location
addressed by the address present on the address pins (A0
through A14). Reading the device is accomplished by selecting
the device and enabling the outputs, CE and OE active LOW,
while WE remains inactive or HIGH. Under these conditions,
the contents of the location addressed by the information on
address pins are present on the eight data input/output pins.
The input/output pins remain in a high-impedance state unless
the chip is selected, outputs are enabled, and write enable
(WE) is HIGH.
Note:
1.
For best practice recommendations, please refer to the Cypress application note “System Design Guidelines” on http://www.cypress.com.
A9
A8
A7
A6
A5
A4
A3
A2
COLUMN
DECODER
INPUTBUFFER
POWER
DOWN
WE
OE
I/O0
CE
I/O1
I/O2
I/O3
512 × 512
ARRAY
I/O7
I/O6
I/O5
I/O4
A10
Logic Block Diagram


Similar Part No. - CY62256VLL-70RZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62256VLL-70SNC CYPRESS-CY62256VLL-70SNC Datasheet
440Kb / 12P
   256K (32K x 8) Static RAM
CY62256VLL-70SNE CYPRESS-CY62256VLL-70SNE Datasheet
440Kb / 12P
   256K (32K x 8) Static RAM
CY62256VLL-70SNXC CYPRESS-CY62256VLL-70SNXC Datasheet
440Kb / 12P
   256K (32K x 8) Static RAM
CY62256VLL-70SNXE CYPRESS-CY62256VLL-70SNXE Datasheet
440Kb / 12P
   256K (32K x 8) Static RAM
CY62256VLL-70SNXI CYPRESS-CY62256VLL-70SNXI Datasheet
440Kb / 12P
   256K (32K x 8) Static RAM
More results

Similar Description - CY62256VLL-70RZC

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
HX6256 HONEYWELL-HX6256 Datasheet
780Kb / 13P
   32K x 8 Static RAM
logo
Cypress Semiconductor
CY7C199 CYPRESS-CY7C199 Datasheet
317Kb / 13P
   32K x 8 Static RAM
CY7C199N CYPRESS-CY7C199N Datasheet
488Kb / 10P
   32K x 8 Static RAM
CY7C199 CYPRESS-CY7C199_06 Datasheet
315Kb / 11P
   32K x 8 Static RAM
logo
Honeywell Solid State E...
HC6856 HONEYWELL-HC6856 Datasheet
160Kb / 12P
   32K x 8 STATIC RAM
logo
Weida Semiconductor, In...
WCMS0808U1X WEIDA-WCMS0808U1X Datasheet
224Kb / 10P
   32K x 8 Static RAM
logo
Cypress Semiconductor
CY7C199B CYPRESS-CY7C199B Datasheet
257Kb / 15P
   32K x 8 Static RAM
CY7C199C CYPRESS-CY7C199C Datasheet
117Kb / 12P
   32K x 8 Static RAM
logo
Weida Semiconductor, In...
WCFS0808C1E WEIDA-WCFS0808C1E Datasheet
193Kb / 10P
   32K x 8 Static RAM
logo
Cypress Semiconductor
CY7C198 CYPRESS-CY7C198 Datasheet
467Kb / 9P
   32K x 8 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com