Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1726 Datasheet(PDF) 10 Page - Dallas Semiconductor

Part # DS1726
Description  High-Precision 3-Wire Digital Thermometer and Thermostat
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1726 Datasheet(HTML) 10 Page - Dallas Semiconductor

Back Button DS1726 Datasheet HTML 5Page - Dallas Semiconductor DS1726 Datasheet HTML 6Page - Dallas Semiconductor DS1726 Datasheet HTML 7Page - Dallas Semiconductor DS1726 Datasheet HTML 8Page - Dallas Semiconductor DS1726 Datasheet HTML 9Page - Dallas Semiconductor DS1726 Datasheet HTML 10Page - Dallas Semiconductor DS1726 Datasheet HTML 11Page - Dallas Semiconductor DS1726 Datasheet HTML 12Page - Dallas Semiconductor DS1726 Datasheet HTML 13Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
DS1626/DS1726
10 of 13
Table 5. CONFIGURATION REGISTER BIT DESCRIPTIONS
BIT NAME
(USER ACCESS)
FUNCTIONAL DESCRIPTION
DONE
(Read Only)
Power-up state = 1.
DONE = 0. Temperature conversion is in progress.
DONE = 1. Temperature conversion is complete.
THF
(Read/Write)
Power-up state = 0.
THF = 1. The measured temperature has reached or exceeded the value stored in
the TH register. THF will remain a 1 until it is overwritten with a 0 by the user,
the power is cycled, or a Software POR command is issued.
TLF
(Read/Write)
Power-up state = 0.
TLF = 1. The measured temperature has equaled or dropped below the value
stored in the TL register. TLF will remain a 1 until it is overwritten with a 0 by
the user, the power is cycled, or a Software POR command is issued.
NVB
(Read Only)
Power-up state = 0.
NVB = 1. Write to an E2 memory cell is in progress.
NVB = 0. NV memory is not busy.
R1*
(Read/Write)
Power-up state = last value written to this bit.
Sets conversion resolution (see Table 6).
Initial state from factory = 1.
R0*
(Read/Write)
Power-up state = last value written to this bit.
Sets conversion resolution (see Table 6).
Initial state from factory = 1.
CPU*
(Read/Write)
Power-up state = last value written to this bit.
CPU = 1. Stand-alone mode is disabled.
CPU = 0. Stand-alone mode is enabled when
RST = 0. See CPU BIT AND
STAND-ALONE THERMOSTAT OPERATION section for more information.
Initial state from factory = 0.
1SHOT*
(Read/Write)
Power-up state = last value written to this bit.
1SHOT = 1: One-Shot Mode. The Start Convert T command initiates a single
temperature conversion and then the device goes into a low-power standby state.
1SHOT = 0: Continuous Conversion Mode. The Start Convert T command
initiates continuous temperature conversions.
Initial state from factory = 0.
*NV (EEPROM)
Table 6. RESOLUTION CONFIGURATION
R1
R0
RESOLUTION
CONVERSION
TIME (MAX)
0
0
9-bit
93.75ms
0
1
10-bit
187.5ms
1
0
11-bit
375ms
1
1
12-bit
750ms


Similar Part No. - DS1726

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1726 DALLAS-DS1726 Datasheet
135Kb / 14P
   High-Precision 3-Wire Digital Thermometer and Thermostat
logo
Maxim Integrated Produc...
DS1726U MAXIM-DS1726U Datasheet
147Kb / 12P
   High-Precision 3-Wire Digital Thermometer and Thermostat
REV: 071107
DS1726U++ MAXIM-DS1726U+ Datasheet
147Kb / 12P
   High-Precision 3-Wire Digital Thermometer and Thermostat
REV: 071107
DS1726U+T&R MAXIM-DS1726U+T&R Datasheet
147Kb / 12P
   High-Precision 3-Wire Digital Thermometer and Thermostat
REV: 071107
DS1726U/T&R MAXIM-DS1726U/T&R Datasheet
147Kb / 12P
   High-Precision 3-Wire Digital Thermometer and Thermostat
REV: 071107
More results

Similar Description - DS1726

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1626 DALLAS-DS1626_07 Datasheet
135Kb / 14P
   High-Precision 3-Wire Digital Thermometer and Thermostat
logo
Maxim Integrated Produc...
DS1626 MAXIM-DS1626 Datasheet
147Kb / 12P
   High-Precision 3-Wire Digital Thermometer and Thermostat
REV: 071107
DS1631 MAXIM-DS1631_15 Datasheet
464Kb / 14P
   High-Precision Digital Thermometer and Thermostat
Rev 1; 1/15
DS1631 MAXIM-DS1631 Datasheet
196Kb / 15P
   High-Precision Digital Thermometer and Thermostat
102307
logo
Dallas Semiconductor
DS1631-DS1731 DALLAS-DS1631-DS1731 Datasheet
243Kb / 14P
   High-Precision Digital Thermometer and Thermostat
logo
Maxim Integrated Produc...
DS1721U MAXIM-DS1721U Datasheet
269Kb / 17P
   2-Wire Digital Thermometer and Thermostat
110405
DS1721 MAXIM-DS1721 Datasheet
263Kb / 17P
   2-Wire Digital Thermometer and Thermostat
110405
logo
Dallas Semiconductor
DS1721 DALLAS-DS1721 Datasheet
210Kb / 16P
   2-Wire Digital Thermometer and Thermostat
logo
Maxim Integrated Produc...
DS75LV MAXIM-DS75LV Datasheet
280Kb / 13P
   Digital Thermometer and Thermostat
051106
DS1620S MAXIM-DS1620S Datasheet
270Kb / 12P
   Digital Thermometer and Thermostat
053105
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com