Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

405PPS700KS Datasheet(PDF) 1 Page - Illinois Capacitor, Inc.

Part # 405PPS700KS
Description  High dvdt ??Good Pulse Current ??Stable with temperature
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

405PPS700KS Datasheet(HTML) 1 Page - Illinois Capacitor, Inc.

  405PPS700KS Datasheet HTML 1Page - Illinois Capacitor, Inc. 405PPS700KS Datasheet HTML 2Page - Illinois Capacitor, Inc. 405PPS700KS Datasheet HTML 3Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FEATURES
High dvdt Good Pulse Current Stable with temperature
and Frequency
APPLICATIONS
Inverters/Converters Power Semiconductor circuits
Induction Heating Switching Power Supplies
Operating Temperature Range
-40°C to +85°C
Capacitance Tolerance
+10% at 1 kHz, 25°C
+5% optional
Surge Voltage(SVDC)
WVDC
700
850
1000
1200
1500
2000
2500
3000
SVDC
1100
1300
1550
1750
2200
2600
3300
4000
AC voltage (50/60 Hz)
WVDC
700
850
1000
1200
1500
2000
2500
3000
VAC
420
500
525
550
600
650
700
750
Dissipation Factor (MAX)
25°C
Frequency
(kHz)
C<0.1uF
C>1uF
1
0.05%
0.07%
Insulation Resistance
@25°C (<70% RH)for 1 minute at
100VDC applied
30000 MΩxμF
(not to exceed 30GΩ)
Self Inductance
<1 nano-Henry per mm of lead spacing
Capacitance Drift Factor
<0.5% after 2 years at 40°C
Life Expectancy
30000 hours @VAC, 70°C
100000 hours @VDC, 70°C
Capacitance Change
<3% of initially measured value
Failure Quota
300/ billion component hours
Damp Heat test
56 days at 40°C with 90 to 95%RH, +40°C and no voltage applied
Capacitance Change
<2% of initially measured value
Dissipation Factor
<0.0001 at 1kHz and 25°C
Insulation Resistance
>50% of maximum specified value
Self Inductance
<1 nano-Henry per mm of body length and lead length
Capacitance Drift Factor
<1.0% after 2 years at 40°C
Capacitance Temperature
Coefficient
-200 ppm/°C, +100ppm/°C
Dielectric Strength
Terminal to Terminal
Terminal to case
160% of rated VDC or 200% VDC
applied for 2 Seconds and 25°C
3kVAC, 50/60Hz applied between the
leads and case for 60 seconds
Dielectric
Polypropylene
Construction
Metallized film with internal series connections
Coating
Flame Retardant polyester tape wrap (UL 501) with epoxy resin end fill(UL94V0)
Leads
Lead free tinned copper leads
L MAX
29
34
34
46
46
55
59
D
<17.5
<18
>18
<25
>25
all
all
d +0.05
0.8
0.8
1.0
1.0
1.2
1.2
1.2


Similar Part No. - 405PPS700KS

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
405PPS700KS ILLINOISCAPACITOR-405PPS700KS Datasheet
386Kb / 5P
   Metallized Polypropylene Film Capacitors for Power Semiconductor Circuits
More results

Similar Description - 405PPS700KS

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
PPA ILLINOISCAPACITOR-PPA Datasheet
316Kb / 3P
   High dvdt ??Good Pulse Current ??Stable with
MAR ILLINOISCAPACITOR-MAR Datasheet
229Kb / 3P
   Small size ??Good dvdt ??Medium current
PHB ILLINOISCAPACITOR-PHB Datasheet
273Kb / 6P
   High Current - High voltage ??Good Pulse Current rating
MAB ILLINOISCAPACITOR-MAB Datasheet
258Kb / 4P
   Small size ??Good dvdt ??EN60252-1 rated
logo
Unisonic Technologies
M54223L-D08-T UTC-M54223L-D08-T Datasheet
260Kb / 8P
   With good input sensitivity current temperature characteristics
logo
Illinois Capacitor, Inc...
MPR ILLINOISCAPACITOR-MPR Datasheet
202Kb / 2P
   Small size ??Low ESR ??Good Pulse Capabilities ??Stable
PMC ILLINOISCAPACITOR-PMC Datasheet
549Kb / 4P
   High current ??High dvdt ??multiple lug styles
277ULR6R3MDY ILLINOISCAPACITOR-277ULR6R3MDY Datasheet
333Kb / 3P
   High Temperature ??Very Low ESR ??High Ripple Current ??Stable with Temperature ??High Frequency
UVR ILLINOISCAPACITOR-UVR Datasheet
177Kb / 2P
   High temperature ??Very Low ESR ??High ripple current ??stable with temperature ??High frequency
107UVR6R3MEW ILLINOISCAPACITOR-107UVR6R3MEW Datasheet
259Kb / 2P
   High Temperature ??Very Low ESR ??High Ripple Current ??Stable with Temperature ??High Frequency
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com