Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG190 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # DG190
Description  High-Speed Drivers with Dual SPDT JFET Switches
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG190 Datasheet(HTML) 4 Page - Vishay Siliconix

  DG190 Datasheet HTML 1Page - Vishay Siliconix DG190 Datasheet HTML 2Page - Vishay Siliconix DG190 Datasheet HTML 3Page - Vishay Siliconix DG190 Datasheet HTML 4Page - Vishay Siliconix DG190 Datasheet HTML 5Page - Vishay Siliconix DG190 Datasheet HTML 6Page - Vishay Siliconix DG190 Datasheet HTML 7Page - Vishay Siliconix DG190 Datasheet HTML 8Page - Vishay Siliconix DG190 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
DG189/190/191
Vishay Siliconix
www.vishay.com
4
Document Number: 70034
S-51140—Rev. D, 20-Jun-05
SPECIFICATIONSa FOR DG190
Test Conditions
Unless Specified
A Suffix
−55 to 125_C
B Suffix
−25 to 85_C
Parameter
Symbol
V+ = 15 V, V− = −15 V, VL = 5 V
VR = 0 V, VIN = 0.8 V or 2 Vf
Tempb
Typc
Mind
Maxd
Mind
Maxd
Unit
Analog Switch
Analog Signal Rangee
VANALOG
Full
−7.5
15
−7.5
15
V
Drain-Source
On-Resistance
rDS(on)
IS = −10 mA, VD = −7.5 V
Room
Full
18
30
60
50
75
W
Source Off
IS( ff)
VS = "10 V, VD = #10 V
V+ = 10 V, V− = −20 V
Room
Hot
0.06
1
100
5
100
Source Off
Leakage Current
IS(off)
VS = "7.5 V, VD = #7.5 V
Room
Hot
0.1
1
100
5
100
Drain Off
ID( ff)
VS = "10 V, VD = #10 V
V+ = 10 V, V− = −20 V
Room
Hot
0.05
1
100
5
100
nA
Drain Off
Leakage Current
ID(off)
VS = "7.5 V, VD = #7.5 V
Room
Hot
0.06
1
100
5
100
Channel On
Leakage Current
ID(on)
VD = VS = "7.5 V
Room
Hot
−0.02
−2
−200
−10
−200
Digital Input
Input Current with
Input Voltage High
IINH
VIN = 5 V
Room
Hot
<0.01
10
20
10
20
mA
Input Current with
Input Voltage Low
IINL
VIN = 0 V
Full
−30
−250
−250
mA
Dynamic Characteristics
Turn-On Time
ton
See Switching Time Test Circuit
Room
85
150
180
ns
Turn-Off Time
toff
See Switching Time Test Circuit
Room
95
130
150
ns
Source-Off Capacitance
CS(off)
VS = −5 V, ID = 0
Room
9
Drain-Off Capacitance
CD(off)
f = 1 MHz
VD = −5 V, IS = 0
Room
6
pF
Channel-On Capacitance
CD(on)
VD = VS = 0 V
Room
14
Off Isolation
OIRR
f = 1 MHz, RL = 75 W
Room
>50
dB
Power Supplies
Positive Supply Current
I+
Room
0.6
1.5
1.5
Negative Supply Current
I−
VIN = 0 V or 5 V
Room
−2.7
−5
−5
mA
Logic Supply Current
IL
VIN = 0 V, or 5 V
Room
3.1
4.5
4.5
mA
Reference Supply Current
IR
Room
−1
−2
−2
Notes:
a.
Refer to PROCESS OPTION FLOWCHART.
b.
Room = 25_C, Full = as determined by the operating temperature suffix.
c.
Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing.
d.
The algebraic convention whereby the most negative value is a minimum and the most positive a maximum, is used in this data sheet.
e.
Guaranteed by design, not subject to production test.
f.
VIN = input voltage to perform proper function.


Similar Part No. - DG190

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
DG190 INTERSIL-DG190 Datasheet
4Mb / 122P
   P-CHANNEL JFET
DG190 INTERSIL-DG190 Datasheet
2Mb / 117P
   Analog Switches and Multiplexers
logo
Vishay Siliconix
DG190 VISHAY-DG190 Datasheet
111Kb / 9P
   High-Speed Drivers with Dual SPDT JFET Switches
18-Jul-08
logo
Intersil Corporation
DG190AP INTERSIL-DG190AP Datasheet
75Kb / 9P
   High-Speed Drivers with JFET Switch
April 1999
DG190AP/883B INTERSIL-DG190AP/883B Datasheet
75Kb / 9P
   High-Speed Drivers with JFET Switch
April 1999
More results

Similar Description - DG190

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG189 VISHAY-DG189_V01 Datasheet
111Kb / 9P
   High-Speed Drivers with Dual SPDT JFET Switches
18-Jul-08
DG188 VISHAY-DG188 Datasheet
89Kb / 8P
   High-Speed Drivers with SPDT JFET Switches
Rev. E, 16-Jun-97
DG186 VISHAY-DG186_V01 Datasheet
88Kb / 9P
   High-Speed Drivers with SPDT JFET Switches
18-Jul-08
logo
TEMIC Semiconductors
DG183 TEMIC-DG183 Datasheet
113Kb / 8P
   High-Speed Drivers with Dual DPST JFET Switches
logo
Vishay Siliconix
DG180 VISHAY-DG180 Datasheet
84Kb / 8P
   High-Speed Drivers with Dual SPST JFET Switches
Rev. D, 16-Jun-97
DG180 VISHAY-DG180_V01 Datasheet
91Kb / 9P
   High-Speed Drivers with Dual SPST JFET Switches
18-Jul-08
DG183 VISHAY-DG183 Datasheet
82Kb / 8P
   High-Speed Drivers and Dual DPST JFET Switches
Rev. D, 16-Jun-97
DG183 VISHAY-DG183_V01 Datasheet
89Kb / 9P
   High-Speed Drivers and Dual DPST JFET Switches
18-Jul-08
logo
Intersil Corporation
DG181 INTERSIL-DG181 Datasheet
75Kb / 9P
   High-Speed Drivers with JFET Switch
April 1999
logo
API Technologies Corp
DD211 APITECH-DD211 Datasheet
1Mb / 1P
   Dual High Speed Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com