Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

506PHC250KS Datasheet(PDF) 1 Page - Illinois Capacitor, Inc.

Part # 506PHC250KS
Description  Metallized polypropylene ??Low self inductance ??High capacitance ??Low ESR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

506PHC250KS Datasheet(HTML) 1 Page - Illinois Capacitor, Inc.

  506PHC250KS Datasheet HTML 1Page - Illinois Capacitor, Inc. 506PHC250KS Datasheet HTML 2Page - Illinois Capacitor, Inc. 506PHC250KS Datasheet HTML 3Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PHC
Metallized Polypropylene Film Capacitors
Axial Leaded for Switching Circuits
Operating Temperature Range
-40˚C to +100˚C
Above +85˚C applied voltage must be de-rated by 1.5%/˚C
Capacitance Tolerance
± 10% at 1kHZ, 25˚C ( ±5% optional)
Surge
Voltage
VDC
250
330
400
600
700
850
Non repetitive
SVDC
400
500
600
800
1000
1200
VDC
250
330
400
600
700
850
VAC
160
220
250
330
400
500
Dissipation Factor (Max)
Tan δ
at 1kHz and 25˚C
C≤5μF
5μF<C≤30μF
C>30μF
.06%
.1%
.15%
Insulation Resistance
after 1 minute of 100VDC
applied between the terminals
at 25˚C
30,000 MΩ x μF
“Not to exceed 30GΩ”
Self Inductance
<1 nano-Henry per mm of body and lead length
Long Term Stability
Capacitance variation <1% MAX after 2 years
Dielectric Strength
Terminal to Terminal
Terminal to Case
160% of VDC applied for 10 seconds and 25°C or
200% of VDC applied for 2 seconds and 25°C
3KVAC at 50/60 Hz applied between the terminals and
case for 60 seconds and 25°C
Life Expectancy
≥100,000 with VDC
≥30,000 with VAC
Failure Quota
300/billion component hours
Damp Heat Test
Test Condition
Performance Requirements
Temperature +40˚C ±2%
Max Capacitance Change
< 2% of initially measured value
Relative Humidity = 93 ±2%
DF Change
< 200% of initially specified value
Test Length = 56 Days
Insulation Resistance
≥50% of minimum specified value
Resistence to Soldering Heat
Solder bath temperature: +260°C +/- 5°C
Exposure time: 10 seconds +/- 1 second
Max Capacitance Change
< 1% of initially measured value
DF Change
< .1% at 1kHz
Insulation Resistance
≥50% of minumum specified value
Construction
Metallized polypropylene film
Electrodes
Vacuum deposited metal layers
Coating
Flame retardant tape wrap (UL 510) with epoxy end fill (UL94V-0)
Lead Terminations
Lead-free tinned copper leads
Diameter
(D)
Lead
Diameter (d)
≤14
0.8
14<D<23
1.0
D>23
1.2
Features
Metallized polypropylene Low self inductance High capacitance Low esr
appLications
switching power supplies solar heaters Dc link Motor speed controls ups
power converters
Your Global Source for World-Class Capacitors
© 2013 Illinois Capacitor, Inc.
ILLINOIS CAPACITOR, INC.
®
north america
asia
Tel: 847.675.1760
Tel: 852.2793 0931
sales@illcap.com
sales@illcap.com.hk


Similar Part No. - 506PHC250KS

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
506PHC250KS ILLINOISCAPACITOR-506PHC250KS Datasheet
392Kb / 5P
   Metallized Polypropylene Film Capacitors for Switching Circuits
More results

Similar Description - 506PHC250KS

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
102YXB300KD ILLINOISCAPACITOR-102YXB300KD Datasheet
232Kb / 3P
   Metalized Polypropylene ??multiple case sizes ??Low ESR and self inductance
logo
List of Unclassifed Man...
300152M6R3JS0E ETC2-300152M6R3JS0E Datasheet
487Kb / 11P
   High Capacitance and Ultra-Low ESR
logo
Cornell Dubilier Electr...
300 CDE-300_17 Datasheet
764Kb / 12P
   High Capacitance and Ultra-Low ESR
logo
Illinois Capacitor, Inc...
MTB ILLINOISCAPACITOR-MTB Datasheet
278Kb / 3P
   Self Healing ??Small Size ??Low ESR
ALG ILLINOISCAPACITOR-ALG Datasheet
176Kb / 2P
   Highest capacitance & Voltage, Low ESR
logo
M/A-COM Technology Solu...
MA4SPS402 MA-COM-MA4SPS402_15 Datasheet
745Kb / 8P
   Low Parasitic Capacitance and Inductance
MADP-017015-1314 MA-COM-MADP-017015-1314_10 Datasheet
247Kb / 4P
   Low Parasitic Capacitance and Inductance
MASW-003103-1364 MA-COM-MASW-003103-1364_15 Datasheet
1Mb / 9P
   Low Parasitic Capacitance and Inductance
logo
Nichicon corporation
PCJ NICHICON-PCJ Datasheet
1,001Kb / 2P
   Chip Type, Low ESR, Higher Capacitance
logo
Kemet Corporation
T530D477M2R5AH4097 KEMET-T530D477M2R5AH4097 Datasheet
106Kb / 2P
   High Capacitance/Ultra-Low ESR Tantalum Surface Mount Capacitor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com