Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT-EX16K Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # PT-EX16K
Description  LCD Projector
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

PT-EX16K Datasheet(HTML) 2 Page - Panasonic Semiconductor

  PT-EX16K Datasheet HTML 1Page - Panasonic Semiconductor PT-EX16K Datasheet HTML 2Page - Panasonic Semiconductor PT-EX16K Datasheet HTML 3Page - Panasonic Semiconductor PT-EX16K Datasheet HTML 4Page - Panasonic Semiconductor PT-EX16K Datasheet HTML 5Page - Panasonic Semiconductor PT-EX16K Datasheet HTML 6Page - Panasonic Semiconductor PT-EX16K Datasheet HTML 7Page - Panasonic Semiconductor PT-EX16K Datasheet HTML 8Page - Panasonic Semiconductor PT-EX16K Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
S P E C
F I L E
PT-EX16K
LCD Projector
As of December 2011
SFL11M011-2
2 / 1 6
Specifications
Main unit
Power supply
Power consumption
LCD panel
Panel size
Display method
Pixels
Pixel configuration
Pure color control device
Lens
Lamp
Screen size
Brightness* 1
Center-to-corner uniformity* 1
Contrast* 1
Resolution
Scanning frequency
HDMI/DVI-I
RGB
YPBPR (YCBCR)
Video/S-Video
Optical axis shift
ET-ELW06
ET-ELW02/ELW04/ELS03/ELM01/ELT02/ELT03
ET-ELS02
Keystone correction range
Installation
200–240 V AC, 11 A, 50/60 Hz (3-wire single-phase)
NOTE: The projector should be connected to an independent circuit. Please consult
your electrician for more details.
1,850 W (18 W with standby mode)
46 mm (1.8 inches) diagonal (4:3 aspect ratio)
Transparent LCD panel (× 3, R/G/B)
786,432 (1,024 × 768) × 3, total of 2,359,296 pixels
Stripe
×1
Optional powered zoom/focus lenses
380 W UHM lamp ×4
1.02 –15.24 m (40 – 600 inches) diagonally, 4:3 aspect ratio
(2.54 –15.24 m (100 – 600 inches) with the ET-ELS03, 4:3 aspect ratio)
16,000 lumens (four lamp, normal/auto mode, with ET-ELS03)
90%
2,500:1 (full on/full off, four lamp, auto mode, with ET-ELS03)
1,024 × 768 pixels (Input signals that exceed this resolution will be
converted to 1,024 × 768 pixels.)
fH: 26 kHz – 80 kHz, fV: 23 Hz– 85 Hz,
dot clock: 162 MHz or lower
fH: 15 kHz–120 kHz, fV: 48 Hz–120 Hz,
dot clock: 230 MHz or lower
525i (480i):
fH 15.75 kHz; fV 60 Hz,
625i (576i):
fH 15.63 kHz; fV 50 Hz,
525p (480p):
fH 31.50 kHz; fV 60 Hz,
625p (576p):
fH 31.25 kHz; fV 50 Hz,
750 (720)/60p:
fH 45.00 kHz; fV 60 Hz,
750 (720)/50p:
fH 37.50 kHz; fV 50 Hz,
1035/60i:
fH 33.75 kHz; fV 60 Hz,
1125 (1080)/60i:
fH 33.75 kHz; fV 60 Hz,
1125 (1080)/50i:
fH 28.13 kHz; fV 50 Hz,
1125 (1080)/25p:
fH 28.13 kHz; fV 25 Hz,
1125 (1080)/25sF: fH 28.13 kHz; fV 50 Hz,
1125 (1080)/24p:
fH 27.00 kHz; fV 24 Hz,
1125 (1080)/24sF: fH 27.00 kHz; fV 48 Hz,
1125 (1080)/30p:
fH 33.75 kHz; fV 30 Hz,
1125 (1080)/30sF: fH 33.75 kHz; fV 60 Hz,
1125 (1080)/60p:
fH 67.50 kHz; fV 60 Hz,
1125 (1080)/50p:
fH 56.25 kHz; fV 50 Hz
fH: 15.75 kHz, fV: 60 Hz [NTSC/NTSC4.43/PAL-M/PAL60]
fH: 15.63 kHz, fV: 50 Hz [PAL/PAL-N/SECAM]
Powered,
Vertical: ±39% from center of screen
Vertical: ±39% from center of screen,
Horizontal: ±10% from center of screen
Vertical: ±50% from center of screen,
Horizontal: ±10% from center of screen
Vertical: ±40° (ET-ELS03, with vertical correction only)
Horizontal: ±40° (ET-ELS03, with horizontal correction only)
Ceiling/desk, front/rear


Similar Part No. - PT-EX16K

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
PT-EX12K PANASONIC-PT-EX12K Datasheet
1,000Kb / 16P
   LCD Projector
More results

Similar Description - PT-EX16K

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
PT-FX400 PANASONIC-PT-FX400 Datasheet
1Mb / 13P
   LCD Projector
PT-EX12K PANASONIC-PT-EX12K Datasheet
1,000Kb / 16P
   LCD Projector
PT-FW430 PANASONIC-PT-FW430 Datasheet
1Mb / 14P
   LCD Projector
logo
PulseCore Semiconductor
ASM3P2856A PULSECORE-ASM3P2856A Datasheet
361Kb / 8P
   Custom Clock generator for LCD Projector
logo
Sony Corporation
CXA3106AQ SONY-CXA3106AQ Datasheet
800Kb / 54P
   PLL IC for LCD Monitor/Projector
CXA3106Q SONY-CXA3106Q Datasheet
962Kb / 50P
   PLL IC for LCD Monitor/Projector
CXA3266Q SONY-CXA3266Q Datasheet
765Kb / 60P
   PLL IC for LCD Monitor/Projector
logo
Sharp Corporation
LQ64SP1 SHARP-LQ64SP1 Datasheet
78Kb / 1P
   Color TFT-LCD Module for OHP/Projector
logo
Panasonic Semiconductor
PT-LX321 PANASONIC-PT-LX321 Datasheet
974Kb / 11P
   DLP??Projector
PT-LW321 PANASONIC-PT-LW321 Datasheet
1Mb / 12P
   DLP Projector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com