Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT-EX16K Datasheet(PDF) 9 Page - Panasonic Semiconductor

Part # PT-EX16K
Description  LCD Projector
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

PT-EX16K Datasheet(HTML) 9 Page - Panasonic Semiconductor

Back Button PT-EX16K Datasheet HTML 5Page - Panasonic Semiconductor PT-EX16K Datasheet HTML 6Page - Panasonic Semiconductor PT-EX16K Datasheet HTML 7Page - Panasonic Semiconductor PT-EX16K Datasheet HTML 8Page - Panasonic Semiconductor PT-EX16K Datasheet HTML 9Page - Panasonic Semiconductor PT-EX16K Datasheet HTML 10Page - Panasonic Semiconductor PT-EX16K Datasheet HTML 11Page - Panasonic Semiconductor PT-EX16K Datasheet HTML 12Page - Panasonic Semiconductor PT-EX16K Datasheet HTML 13Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
S P E C
F I L E
PT-EX16K
LCD Projector
As of December 2011
SFL11M011-2
9 / 1 6
Installable angle
Install the projector at an angle within the range shown below.
• Vertical direction
The projector may be installed at a vertical
angle of 360°.
• Horizontal direction
The projector may be installed at a horizontal
angle of ±10°.


Similar Part No. - PT-EX16K

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
PT-EX12K PANASONIC-PT-EX12K Datasheet
1,000Kb / 16P
   LCD Projector
More results

Similar Description - PT-EX16K

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
PT-FX400 PANASONIC-PT-FX400 Datasheet
1Mb / 13P
   LCD Projector
PT-EX12K PANASONIC-PT-EX12K Datasheet
1,000Kb / 16P
   LCD Projector
PT-FW430 PANASONIC-PT-FW430 Datasheet
1Mb / 14P
   LCD Projector
logo
PulseCore Semiconductor
ASM3P2856A PULSECORE-ASM3P2856A Datasheet
361Kb / 8P
   Custom Clock generator for LCD Projector
logo
Sony Corporation
CXA3106AQ SONY-CXA3106AQ Datasheet
800Kb / 54P
   PLL IC for LCD Monitor/Projector
CXA3106Q SONY-CXA3106Q Datasheet
962Kb / 50P
   PLL IC for LCD Monitor/Projector
CXA3266Q SONY-CXA3266Q Datasheet
765Kb / 60P
   PLL IC for LCD Monitor/Projector
logo
Sharp Corporation
LQ64SP1 SHARP-LQ64SP1 Datasheet
78Kb / 1P
   Color TFT-LCD Module for OHP/Projector
logo
Panasonic Semiconductor
PT-LX321 PANASONIC-PT-LX321 Datasheet
974Kb / 11P
   DLP??Projector
PT-LW321 PANASONIC-PT-LW321 Datasheet
1Mb / 12P
   DLP Projector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com