Electronic Components Datasheet Search |
|
PT-EX12K Datasheet(PDF) 8 Page - Panasonic Semiconductor |
|
PT-EX12K Datasheet(HTML) 8 Page - Panasonic Semiconductor |
8 / 16 page S P E C F I L E PT-EX12K LCD Projector As of April 2012 SFL12M001-2 8 / 1 6 Calculation of the projection distance For a screen size different from the above, use the equation below to calculate the projection distance. Aspect ratio 4:3 Zoom lenses ET-ELW06 minimum L (m) = (diagonal screen size in inches) × 0.024389 – 0.065097 maximum L (m) = (diagonal screen size in inches) × 0.031710 – 0.099560 ET-ELW02 minimum L (m) = (diagonal screen size in inches) × 0.028982 – 0.089642 maximum L (m) = (diagonal screen size in inches) × 0.037722 – 0.089627 ET-ELW04 minimum L (m) = (diagonal screen size in inches) × 0.032144 – 0.139232 maximum L (m) = (diagonal screen size in inches) × 0.041988 – 0.123040 ET-ELS02 minimum L (m) = (diagonal screen size in inches) × 0.042086 – 0.208493 maximum L (m) = (diagonal screen size in inches) × 0.054690 – 0.203992 ET-ELS03 minimum L (m) = (diagonal screen size in inches) × 0.053914 – 0.175760 maximum L (m) = (diagonal screen size in inches) × 0.072616 – 0.163096 ET-ELM01 minimum L (m) = (diagonal screen size in inches) × 0.069440 + 0.086800 maximum L (m) = (diagonal screen size in inches) × 0.089871 + 0.086816 ET-ELT02 minimum L (m) = (diagonal screen size in inches) × 0.087982 + 0.221978 maximum L (m) = (diagonal screen size in inches) × 0.123396 + 0.173741 ET-ELT03 minimum L (m) = (diagonal screen size in inches) × 0.122945 + 0.350492 maximum L (m) = (diagonal screen size in inches) × 0.180688 + 0.343253 Fixed-focus lens ET-ELW03 minimum L (m) = (diagonal screen size in inches) × 0.016666 – 0.067361 NOTE: Distances calculated with the above equations will include a slight error. H (Width of projected image) Standard postition of projected image H (Width of projected image) 0.1H 0.1H Standard postition of projected image Shift range Optical axis shift function allows to shift the position of a projected image as shown below. H (Width of projected image) 0.1H 0.1H Standard postition of projected image • When the ET-ELW02/ELW04/ ELS03/ELM01/ELT02/ELT03 is mounted • When the ET-ELW06 is mounted • When the ET-ELS02 is mounted |
Similar Part No. - PT-EX12K |
|
Similar Description - PT-EX12K |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |