Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

474PPA152K Datasheet(PDF) 1 Page - Illinois Capacitor, Inc.

Part # 474PPA152K
Description  High dvdt ??Good Pulse Current ??Stable with
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

474PPA152K Datasheet(HTML) 1 Page - Illinois Capacitor, Inc.

  474PPA152K Datasheet HTML 1Page - Illinois Capacitor, Inc. 474PPA152K Datasheet HTML 2Page - Illinois Capacitor, Inc. 474PPA152K Datasheet HTML 3Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FEATURES
High dvdt Good Pulse Current Stable with
temperature and Frequency
APPLICATIONS
Inverters/Converters Power Semiconductor circuits
Induction Heating Switching Power Supplies
Operating Temperature Range
-55°C to +85°C
Capacitance Tolerance
+10% at 1 kHz, 25°C
+5% optional
Surge Voltage(SVDC)
WVDC
700
850
1000
1200
1500
2000
2500
3000
SVDC
1000
1200
1400
1600
2000
2400
3000
3500
AC voltage (50/60 Hz)
WVDC
700
850
1000
1200
1500
2000
2500
3000
VAC
420
450
480
500
575
630
700
750
Dissipation Factor (MAX)
25°C
Frequency
(kHz)
C<0.047uF
0.047>C>1uF
C>1uF
1
0.06%
0.05%
0.06%
Insulation Resistance
@25°C (<70% RH)for 1 minute at
100VDC applied
30000 MΩxμF
(not to exceed 30GΩ)
Self Inductance
<1 nano-Henry per mm of lead spacing
Capacitance Drift Factor
<0.5% after 2 years at 40°C
Life Expectancy
30000 hours @VAC, 70°C
100000 hours @VDC, 70°C
Capacitance Change
<3% of initially measured value
Failure Quota
300/ billion component hours
Damp Heat test
56 days at 40°C with 90 to 95%RH, +40°C and no voltage applied
Capacitance Change
<2% of initially measured value
Dissipation Factor
<0.0001 at 1kHz and 25°C
Insulation Resistance
>50% of maximum specified value
Self Inductance
<1 nano-Henry per mm of body length and lead length
Capacitance Drift Factor
<1.0% after 2 years at 40°C
Capacitance Temperature
Coefficient
-200 ppm/°C, +100ppm/°C
Dielectric Strength
Terminal to Terminal
Terminal to case
160% of rated VDC or 200% VDC
applied for 2 Seconds and 25°C
3kVAC, 50/60Hz applied
between the leads and case for
60 seconds
Dielectric
Polypropylene
Construction
Double Metallized film with internal series connections
Coating
Flame Retardant polyester tape wrap (UL 501) with epoxy resin end
fill(UL94V0)
Leads
Lead free tinned copper leads
L MAX
29
34
34
46
46
55
59
D
<17.5
<18
>18
<25
>25
all
all
d+0.05
0.8
0.8
1.0
1.0
1.2
1.2
1.2


Similar Part No. - 474PPA152K

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
474PPA152K ILLINOISCAPACITOR-474PPA152K Datasheet
391Kb / 5P
   Polypropylene Film Capacitors for Power
474PPA152K ILLINOISCAPACITOR-474PPA152K Datasheet
482Kb / 3P
   Axial leaded metallized polypropylene film capacitors for power semiconductors
More results

Similar Description - 474PPA152K

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
PPS ILLINOISCAPACITOR-PPS Datasheet
319Kb / 3P
   High dvdt ??Good Pulse Current ??Stable with temperature
MAR ILLINOISCAPACITOR-MAR Datasheet
229Kb / 3P
   Small size ??Good dvdt ??Medium current
PHB ILLINOISCAPACITOR-PHB Datasheet
273Kb / 6P
   High Current - High voltage ??Good Pulse Current rating
MAB ILLINOISCAPACITOR-MAB Datasheet
258Kb / 4P
   Small size ??Good dvdt ??EN60252-1 rated
MPR ILLINOISCAPACITOR-MPR Datasheet
202Kb / 2P
   Small size ??Low ESR ??Good Pulse Capabilities ??Stable
PMC ILLINOISCAPACITOR-PMC Datasheet
549Kb / 4P
   High current ??High dvdt ??multiple lug styles
logo
Semtech Corporation
SC2434 SEMTECH-SC2434 Datasheet
306Kb / 19P
   TriPhase Current Mode Controller with Power Good
logo
Unisonic Technologies
M54223L-D08-T UTC-M54223L-D08-T Datasheet
260Kb / 8P
   With good input sensitivity current temperature characteristics
logo
Illinois Capacitor, Inc...
PWS ILLINOISCAPACITOR-PWS Datasheet
193Kb / 3P
   Low ESR - High Current ??High pulse current ratings
logo
Ohmite Mfg. Co.
RES-SLIMMOX OHMITE-RES-SLIMMOX Datasheet
439Kb / 5P
   Current pulse limiters
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com