Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

224RSB202K2H Datasheet(PDF) 9 Page - Illinois Capacitor, Inc.

Part No. 224RSB202K2H
Description  Power semiconductor module protection - High pulse and rms current Multiple Leads
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Homepage  http://www.illinoiscapacitor.com
Logo 

224RSB202K2H Datasheet(HTML) 9 Page - Illinois Capacitor, Inc.

 
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
PSB_RSB
2,4,6 Radial Lead, High
current/low ESR
Capacitance
(µF)
WVDC IC PART NUMBER
dv/dt
(v/µ sec.)
Maximum
RMS Ripple
Current
(A)
100 kHz,
+70°C
Typical
ESR (mΩ)
100 kHz,
+25°C
Dims LxHxT
(mm)
S (MM)
d (MM)
P (MM)
# Leads
2.2
1500 225RSB152K4R
575
24.5
3.5
57.5x50x35
52.5
1.2
20.3
4
2.2
2000 225RSB202K6R
725
29.5
3
57.5x57.5x38
52.5
1.2
10.2
6
2.2
2000 225RSB202K4R
725
27
3.1
57.5x57.5x38
52.5
1.2
20.3
4
2.5
700
255PSB700K4J
600
24.5
2.2
42.5x37x28
37.5
1.2
20.3
4
2.5
700 255PSB700K4JA
600
27
2.2
41.5x44x24
37.5
1.2
10.2
4
2.5
700
255RSB700K2J
455
14
4.5
42.5x33.5x22
37.5
1.2
2
2.5
700
255PSB700K2J
600
14
2.7
42.5x37x28
37.5
1.2
2
2.5
700 255PSB700K2JA
600
14
2.7
41.5x44x24
37.5
1.2
2
2.5
850
255RSB850K2J
600
14
4.4
41.5x44x24
37.5
1.2
2
2.5
850
255RSB850K4J
600
21
3.7
41.5x44x24
37.5
1.2
10.2
4
2.5
850
255PSB850K2R
450
14
2.9
57.5x45x30
52.5
1.2
2
2.5
850
255PSB850K4R
450
27
2.2
57.5x45x30
52.5
1.2
20.3
4
2.5
1200 255PSB122K4R
575
27
2.2
57.5x50x35
52.5
1.2
20.3
4
2.5
1200 255PSB122K6R
575
32
2.1
57.5x50x35
52.5
1.2
10.2
6
2.5
1200 255PSB122K2R
575
14
2.8
57.5x50x35
52.5
1.2
2
2.5
1200 255RSB122K4R
500
23
3.5
57.5x45x30
52.5
1.2
20.3
4
2.5
1200 255RSB122K2R
500
14
4.2
57.5x45x30
52.5
1.2
2
2.5
1500 255RSB152K2R
575
14
4
57.5x50x35
52.5
1.2
2
2.5
1500 255RSB152K4R
575
26
3.3
57.5x50x35
52.5
1.2
20.3
4
2.5
1500 255PSB152K4R
725
27
2.2
57.5x57.5x38
52.5
1.2
20.3
4
2.5
1500 255PSB152K6R
725
35
2.1
57.5x57.5x38
52.5
1.2
10.2
6
3
700
305PSB700K4J
600
27
2
42.5x45x30
37.5
1.2
20.3
4
3
700
305PSB700K2J
600
14
2.7
42.5x45x30
37.5
1.2
2
3
850
305PSB850K2R
450
14
3
57.5x45x30
52.5
1.2
2
3
850
305RSB850K4J
600
22
3.3
42.5x45x30
37.5
1.2
20.3
4
3
850
305RSB850K2J
600
14
4
42.5x45x30
37.5
1.2
2
3
850
305PSB850K6R
450
29
2.2
57.5x45x30
52.5
1.2
10.2
6
3
850
305PSB850K4R
450
27
2.3
57.5x45x30
52.5
1.2
20.3
4
3
1000 305PSB102K4R
500
27
2.2
57.5x50x35
52.5
1.2
20.3
4
3
1000 305PSB102K6R
500
31.5
2.1
57.5x50x35
52.5
1.2
10.2
6
3
1000 305RSB102K2R
450
14
3.9
57.5x45x30
37.5
1.2
2
3
1000 305RSB102K4R
450
23.5
3.2
57.5x45x30
37.5
1.2
20.3
4
3
1000 305PSB102K2R
500
14
2.9
57.5x50x35
52.5
1.2
2
3.3
250
335RSB102K4R
1485
24
3.1
57.5x45x30
52.5
1.2
20.3
2
3.3
250
335RSB102K2R
450
14
3.8
57.5x45x30
52.5
1.2
2
3.3
700
335RSB700K2J
455
14
4
42.5x37x28
37.5
1.2
2
3.3
700
335PSB700K2J
600
14
2.7
42.5x45x30
37.5
1.2
2
3.3
700
335PSB700K6J
600
29.5
1.9
42.5x45x30
37.5
1.2
10.2
6
3.3
700
335PSB700K4J
600
27
2
42.5x45x30
37.5
1.2
20.3
4
3.3
700
335RSB700K4J
455
19.5
3.3
42.5x37x28
37.5
1.2
10.2
4
3.3
850
335PSB850K4R
450
27
2
57.5x45x30
52.5
1.2
20.3
4
3.3
850
335PSB850K6R
450
30
2.1
57.5x45x30
52.5
1.2
10.2
6
3.3
850
335PSB850K2R
450
14
2.6
57.5x45x30
52.5
1.2
2
3.3
850
335RSB850K4J
600
23
3.2
42.5x45x30
37.5
1.2
20.3
4
3.3
850
335RSB850K2J
600
14
3.9
42.5x45x30
37.5
1.2
2
3.3
1000 355RSB102K4R
450
24
3.1
57.5x45x30
52.5
1.2
20.3
4
3.3
1000 335PSB102K2R
500
14
2.8
57.5x50x35
52.5
1.2
2
3.3
1000 335PSB102K6R
500
32.5
2
57.5x50x35
52.5
1.2
10.2
6
3.3
1000 335PSB102K4R
500
27
2.1
57.5x50x35
52.5
1.2
20.3
4
3.3
1200 335PSB122K6R
575
36
1.9
57.5x57.5x38
52.5
1.2
10.2
6
3.3
1200 335RSB122K4R
500
27
3
57.5x50x35
52.5
1.2
20.3
4
3.3
1200 335PSB122K4R
575
27
2
57.5x57.5x38
52.5
1.2
20.3
4
3.3
1200 335RSB122K2R
500
14
3.7
57.5x50x35
52.5
1.2
2
3.3
1500 335RSB152K6R
575
31
2.7
57.5x57.5x38
52.5
1.2
10.2
6
3.3
1500 335RSB152K4R
575
27
2.8
57.5x57.5x38
52.5
1.2
20.3
4
3.6
1200 365PSB122K6R
575
37.5
1.8
57.5x57.5x38
52.5
1.2
10.2
6
3.6
1200 365PSB122K4R
575
27
1.9
57.5x57.5x38
52.5
1.2
20.3
4
4
700
405PSB700K2R
360
14
3.1
57.5x45x30
52.5
1.2
2


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn