Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

256MARA02KR Datasheet(PDF) 3 Page - Illinois Capacitor, Inc.

Part # 256MARA02KR
Description  Small size ??Good dvdt ??Medium current
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

256MARA02KR Datasheet(HTML) 3 Page - Illinois Capacitor, Inc.

  256MARA02KR Datasheet HTML 1Page - Illinois Capacitor, Inc. 256MARA02KR Datasheet HTML 2Page - Illinois Capacitor, Inc. 256MARA02KR Datasheet HTML 3Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
MAR
Axial lead
Capacitance
(µF)
WVDC
IC PART NUMBER
dv/dt
(v/µ sec.)
Maximum
RMS Ripple
Current (A)
100 kHz,
+70°C
Typical
ESR (mΩ)
100 kHz,
+25°C
Dims DxL
(mm)
12
700
126MARA06KR
45
14
5.5
35x55
12
700
126MARA06KS
35
14
6.1
33x59
12.5
800
126MARA01KR
50
14
4.9
40.5x55
12.5
800
126MARA01KS
40
14
5.5
37.5x59
15
370
156MARA04KN
25
10.5
5.7
25.5x46
15
500
156MARA03KN
35
13.5
5.4
31x46
15
500
156MARA03KR
25
13
6
28x55
15
500
156MARA03KS
20
12.5
6.8
26.5x59
15
600
156MARA02KR
35
14
5
33x55
15
600
156MARA02KS
25
14
5.6
31x59
15
700
156MARA06KR
45
14
4.9
36.5x55
15
700
156MARA06KS
35
14
5.4
26.5x59
15
800
156MARA01KS
40
14
5.1
41x59
18
700
186MARA06KR
45
14
4.5
41.5x55
18
700
186MARA06KS
35
14
4.9
39.5x59
20
370
206MARA04KN
25
13.5
5
29x46
20
500
206MARA03KR
25
14
5.1
31.5x55
20
500
206MARA03KS
20
14
5.8
30x59
20
600
206MARA02KR
35
14
4.3
37x55
20
600
206MARA02KS
25
14
4.7
35x59
20
700
206MARA06KS
35
14
4.7
41.5x59
22
370
226MARA04KN
25
14
4.7
30.5x46
22
500
226MARA03KR
25
14
4.8
33x55
22
500
226MARA03KS
20
14
5.4
31x59
Capacitance
(µF)
WVDC
IC PART NUMBER
dv/dt
(v/µ sec.)
Maximum
RMS Ripple
Current (A)
100 kHz,
+70°C
Typical
ESR (mΩ)
100 kHz,
+25°C
Dims DxL
(mm)
22
600
226MARA02KR
35
14
4.1
39x55
22
600
226MARA02KS
25
14
4.5
37x59
25
370
256MARA04KN
25
14
4.4
32x46
25
500
256MARA03KR
25
14
4.5
25x55
25
500
256MARA03KS
20
14
5
33x59
25
600
256MARA02KR
35
14
3.8
41.5x55
25
600
256MARA02KS
25
14
4.2
39x59
30
370
306MARA04KR
20
14
4.5
31x55
30
370
306MARA04KS
15
14
5.3
29.5x59
30
500
306MARA03KR
25
14
4.1
38x55
30
500
306MARA03KS
20
14
4.5
36x59
33
370
336MARA04KR
20
14
4.3
32.5x55
33
370
336MARA04KS
15
14
5
31x59
33
500
336MARA03KR
25
14
3.9
39.5x55
33
500
336MARA03KS
20
14
4.3
37.5x59
35
500
356MARA03KR
25
14
3.8
41x55
35
500
356MARA03KS
20
14
4.2
38.5x59
40
370
406MARA04KR
20
14
3.9
36x55
40
370
406MARA04KS
15
14
4.5
33.5x59
40
500
406MARA03KS
20
14
3.9
41x59
50
370
506MARA04KR
20
14
3.5
40x55
50
370
506MARA04KS
15
14
3.9
37x59
60
370
606MARA04KS
15
14
3.5
40x59


Similar Part No. - 256MARA02KR

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
256MARA02KR ILLINOISCAPACITOR-256MARA02KR Datasheet
383Kb / 4P
   Axial Leaded Metallized Polypropylene Film
More results

Similar Description - 256MARA02KR

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
MAB ILLINOISCAPACITOR-MAB Datasheet
258Kb / 4P
   Small size ??Good dvdt ??EN60252-1 rated
PPA ILLINOISCAPACITOR-PPA Datasheet
316Kb / 3P
   High dvdt ??Good Pulse Current ??Stable with
PPS ILLINOISCAPACITOR-PPS Datasheet
319Kb / 3P
   High dvdt ??Good Pulse Current ??Stable with temperature
MPR ILLINOISCAPACITOR-MPR Datasheet
202Kb / 2P
   Small size ??Low ESR ??Good Pulse Capabilities ??Stable
logo
Ningbo songle relay co....
SQ6 SONGLERELAY-SQ6 Datasheet
3Mb / 2P
   Small size, high contact current
logo
Laird Tech Smart Techno...
CMX1211 LSTD-CMX1211 Datasheet
3Mb / 2P
   Small size with high current
logo
Illinois Capacitor, Inc...
PMC ILLINOISCAPACITOR-PMC Datasheet
549Kb / 4P
   High current ??High dvdt ??multiple lug styles
logo
Panasonic Battery Group
TX-TH PANASONICBATTERY-TX-TH Datasheet
62Kb / 4P
   Small size, controlled 7.5A inrush current possible
logo
RF Monolithics, Inc
SF2190B RFM-SF2190B Datasheet
626Kb / 5P
   Small Size
logo
List of Unclassifed Man...
NPI52W151MTRF ETC2-NPI52W151MTRF Datasheet
92Kb / 4P
   HIGH CURRENT, SMALL SIZE (UP TO 8.6 AMPS)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com