Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

405PHB600K2J Datasheet(PDF) 3 Page - Illinois Capacitor, Inc.

Part # 405PHB600K2J
Description  High Current - High voltage ??Good Pulse Current rating
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

405PHB600K2J Datasheet(HTML) 3 Page - Illinois Capacitor, Inc.

  405PHB600K2J Datasheet HTML 1Page - Illinois Capacitor, Inc. 405PHB600K2J Datasheet HTML 2Page - Illinois Capacitor, Inc. 405PHB600K2J Datasheet HTML 3Page - Illinois Capacitor, Inc. 405PHB600K2J Datasheet HTML 4Page - Illinois Capacitor, Inc. 405PHB600K2J Datasheet HTML 5Page - Illinois Capacitor, Inc. 405PHB600K2J Datasheet HTML 6Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
PHB
Metallized Polypropylene,
High Frequency radial lead
box
Capacitance
(µF)
WVDC IC PART NUMBER
dv/dt
(v/µ sec.)
Maximum
RMS Ripple
Current
(A)
100 kHz,
+70°C
Typical
ESR (mΩ)
100 kHz,
+25°C
Dims LxHxT
(mm)
S (MM)
d (MM)
P (MM)
# Leads
0.1
850
104PHB850K2H
300
4
15
32x17x9
27.5
0.8
2
0.1
850
104PHB850K2G
375
4
13
26.5x16x7
22.5
0.8
2
0.15
700
154PHB700K2G
135
4
13
26.5x16x7
22.5
0.8
2
0.15
850
154PHB850K2G
375
5
9.7
26.5x18.5x10
22.5
0.8
2
0.15
850
154PHB850K2H
300
5.5
11
32x20x11
27.5
0.8
2
0.22
600
224PHB600K2G
95
3.5
13
26.5x16x7
22.5
0.8
2
0.22
700
224PHB700K2G
135
4.5
11
26.5x17x8.5
22.5
0.8
2
0.22
850
224PHB850K2G
375
7
7.6
26.5x22x13
22.5
0.8
2
0.22
850
224PHB850K2H
300
6.5
8.3
32x20x11
27.5
0.8
2
0.33
600
334PHB600K2G
95
5
9.5
26.5x17x8.5
22.5
0.8
2
0.33
700
334PHB700K2G
135
6
8.5
26.5x20x11
22.5
0.8
2
0.33
700
334PHB700K2H
105
6
11
32x20x11
27.5
0.8
2
0.33
850
334PHB850K2H
300
8
6.3
32x22x13
27.5
1
2
0.47
400
474PHB400K2G
75
4.5
8.6
26.5x16x7
22.5
0.8
2
0.47
600
474PHB600K2G
95
6
8.3
26.5x18.5x10
22.5
0.8
2
0.47
600
474PHB600K2H
75
6
10
32x20x11
27.5
0.8
2
0.47
700
474PHB700K2H
105
7.5
7.5
32x22x13
27.5
1
2
0.47
850
474PHB850K2H
300
9.5
5.1
32x24.5x15
27.5
1.2
2
0.68
330
684PHB330K2G
60
5
8.9
26.5x16x7
22.5
0.8
2
0.68
400
684PHB400K2G
75
6.5
7.1
26.5x18.5x10
22.5
0.8
2
0.68
400
684PHB400K2H
55
6.5
8.8
32x20x11
27.5
0.8
2
0.68
600
684PHB600K2H
75
7
7.6
32x20x11
27.5
0.8
2
0.68
600
684PHB600K2G
95
7
6.9
26.5x22x13
22.5
0.8
2
0.68
700
684PHB700K2H
105
9
6.1
32x24.5x15
27.5
1
2
0.68
850
684PHB850K2H
300
14
3.8
32x33x18
27.5
1.2
2
0.68
850
684PHB850K4H
300
16
3.1
32x33x18
27.5
1.2
5.1
4
1
250
105PHB250K2G
50
4.5
7.6
26.5x16x7
22.5
0.8
2
1
330
105PHB330K2G
60
6.5
7
26.5x18.5x10
22.5
0.8
2
1
400
105PHB400K2G
75
7.5
5.8
26.5x20x11
22.5
0.8
2
1
400
105PHB400K2H
55
7
6.7
32x20x11
27.5
0.8
2
1
600
105PHB600K2H
75
8.5
6.1
32x22x13
27.5
1
2
1
700
105PHB700K2H
105
13
4.6
32x33x18
27.5
1.2
2
1
700
105PHB700K4H
105
15.5
3.9
32x33x18
27.5
1.2
10.2
4
1
850
105PHB850K4H
300
20.5
2.4
32x37x22
27.5
1.2
10.2
4
1
850
105PHB850K2H
300
14
3.1
32x37x22
27.5
1.2
2
1
850
105PHB850K2J
200
13
4.2
42.5x28x17
37.5
1.2
2
1.5
250
155PHB250K2G
50
6.5
6.1
26.5x17x8.5
22.5
0.8
2
1.5
250
155PHB250K2H
40
6.5
7.1
32x20x11
27.5
0.8
2
1.5
330
155PHB330K2H
45
7.5
6.1
32x20x11
27.5
0.8
2
1.5
400
155PHB400K2H
55
9
5.3
32x22x13
27.5
1
2
1.5
600
155PHB600K2H
75
11.5
4.6
32x28x14
27.5
1.2
2
1.5
700
155PHB700K2H
105
14
4
32x37x22
37.5
1.2
2
1.5
700
155PHB700K2J
70
12
5.6
42.5x28x17
37.5
1.2
2
1.5
700
155PHB700K4H
105
18
3.3
32x37x22
27.5
1.2
10.2
4
1.5
850
155PHB850K2J
200
14
3.4
42.5x30x22
37.5
1.2
2
2
250
205PHB250K2G
50
7.5
5.3
26.5x20x11
22.5
0.8
2
2
250
205PHB250K2H
40
7
6.1
32x20x11
27.5
0.8
2
2
330
205PHB330K2H
45
8.5
5.3
32x22x13
27.5
1
2
2
400
205PHB400K2H
55
10
4.7
32x24.5x15
27.5
1.2
2
2
600
205PHB600K2H
75
14
3.9
32x33x18
27.5
1.2
2
2
600
205PHB600K4H
75
16
3.2
32x33x18
27.5
1.2
10.2
4
2
700
205PHB700K2H
105
14
3.5
32x37x22
27.5
1.2
2
2
700
205PHB700K2J
70
13
4.9
42.5x30x22
37.5
1.2
2
2
700
205PHB700K4H
105
20
2.8
32x37x22
27.5
1.2
10.2
4
2
850
205PHB850K4J
200
23
2.3
42.5x37x28
37.5
1.2
10.2
4
2
850
205PHB850K2J
200
14
3
42.5x37x28
37.5
1.2
2
2.2
250
225PHB250K2G
50
7.5
5.1
26.5x20x11
22.5
0.8
2
2.2
250
225PHB250K2H
40
7
5.8
32x20x11
27.5
0.8
2


Similar Part No. - 405PHB600K2J

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
405PHB600K2J ILLINOISCAPACITOR-405PHB600K2J Datasheet
407Kb / 7P
   Metallized Polypropylene Film Capacitors for Switching Circuits 2, 4 or 6 leaded
More results

Similar Description - 405PHB600K2J

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
PPA ILLINOISCAPACITOR-PPA Datasheet
316Kb / 3P
   High dvdt ??Good Pulse Current ??Stable with
PPS ILLINOISCAPACITOR-PPS Datasheet
319Kb / 3P
   High dvdt ??Good Pulse Current ??Stable with temperature
PWS ILLINOISCAPACITOR-PWS Datasheet
193Kb / 3P
   Low ESR - High Current ??High pulse current ratings
logo
Texas Instruments
OPA544 TI1-OPA544_13 Datasheet
180Kb / 11P
[Old version datasheet]   High-Voltage, High-Current High-Voltage, High-Current
logo
Assmann Electronics Inc...
AWP-30-7540-T ASSMANN-AWP-30-7540-T Datasheet
168Kb / 1P
   Current Rating
AWP-30-8540-T ASSMANN-AWP-30-8540-T Datasheet
133Kb / 1P
   Current Rating
logo
Linear Technology
LT1245IN8 LINER-LT1245IN8 Datasheet
273Kb / 16P
   High Speed Current Mode Pulse Width Modulators
logo
Linear Integrated Syste...
LT1242IS8 LINEAR-LT1242IS8 Datasheet
277Kb / 16P
   High Speed Current Mode Pulse Width Modulators
logo
Linear Technology
LT1241 LINER-LT1241_15 Datasheet
295Kb / 16P
   High Speed Current Mode Pulse Width Modulators
logo
Linear Integrated Syste...
LT1242CS8 LINEAR-LT1242CS8 Datasheet
273Kb / 16P
   High Speed Current Mode Pulse Width Modulators
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com