Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

104PPA122K Datasheet(PDF) 3 Page - Illinois Capacitor, Inc.

Part No. 104PPA122K
Description  High dvdt Good Pulse Current Stable with
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Homepage  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

104PPA122K Datasheet(HTML) 3 Page - Illinois Capacitor, Inc.

  104PPA122K Datasheet HTML 1Page - Illinois Capacitor, Inc. 104PPA122K Datasheet HTML 2Page - Illinois Capacitor, Inc. 104PPA122K Datasheet HTML 3Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
PPA
High Voltage, high dvdt Axial
Lead
Capacitance
(µF)
WVDC
IC PART NUMBER
dv/dt
(v/µ sec.)
Maximum
RMS Ripple
Current (A)
100 kHz,
+70°C
Typical
ESR (mΩ)
100 kHz,
+25°C
Dims DxL
(mm)
0.68
1500
684PPA152K
980
14
3.7
31.5x46
0.68
2000
684PPA202KS
800
14
4.5
31x59
0.68
2000
684PPA202K
875
14
4
32x55
0.68
2500
684PPA252KS
925
14
4.1
38x59
0.68
2500
684PPA252K
1050
14
3.7
40x55
0.82
2500
824PPA252KS
925
14
3.8
41.5x59
1
700
105PPA700KD26
700
12.5
3.2
26x34
1
700
105PPA700K
475
10.5
3.9
21x46
1
850
105PPA850K
600
14
3.3
25x46
1
1000
105PPA102K
680
14
3.2
28x46
1
1200
105PPA122KR
550
14
4
27x55
1
1200
105PPA122KS
350
14
4.5
25.5x59
1
1200
105PPA122K
780
14
3.4
32x46
1
1500
105PPA152KS
625
14
4.2
30.5x59
1
1500
105PPA152K
675
14
3.7
31.5x55
1
1500 105PPA152KD37
980
14
3.2
37x46
1
2000
105PPA202KS
800
14
3.7
37x59
1
2000
105PPA202K
875
14
3.3
39x55
1.2
1200
125PPA122K
550
14
3.4
29.5x55
1.2
1200
125PPA122KS
500
14
3.8
28x59
1.2
1200 125PPA122KD35
780
14
3
34.5x46
1.2
1500
125PPA152K
675
14
3.4
35.5x55
1.2
1500
125PPA152KS
625
14
3.7
33.5x59
1.2
2000
125PPA202KS
800
14
3.4
40.5x59
1.5
700
155PPA700K
475
14
3.3
25.5x46
1.5
850
155PPA850K
600
14
2.8
29.5x46
1.5
1000
155PPA102KS
425
14
3.6
28x59
1.5
1000
155PPA102K
475
14
3.2
29.5x55
1.5
1000 155PPA102KD34
680
14
2.6
33.5x46
1.5
1200 155PPA122KD37
780
14
2.7
37x46
1.5
1200
155PPA122KS
500
14
3.4
31x59
1.5
1200
155PPA122K
550
14
3
33x55
1.5
1500
155PPA152KS
625
14
3.2
37x59
1.5
1500
155PPA152K
675
14
2.9
40x55
2
700
205PPA700KN
475
14
3
29x46
2
850
205PPA850KS
275
14
3.4
28x59
2
850
205PPA850KD34
600
14
2.4
33.5x46
2
850
205PPA850K
425
14
3
29x55
2
1000
205PPA102KR
475
14
2.9
33.5x55
2
1000
205PPA102KS
425
14
3.2
31.5x59
2
1200
205PPA122KR
550
14
2.6
37.5x55
2
1200
205PPA122KS
500
14
2.9
35.5x59
2
1200
205PPA122K
400
12
2.6
39x55
Capacitance
(µF)
WVDC
IC PART NUMBER
dv/dt
(v/µ sec.)
Maximum
RMS Ripple
Current (A)
100 kHz,
+70°C
Typical
ESR (mΩ)
100 kHz,
+25°C
Dims DxL
(mm)
2
1500
205PPA152KS
625
14
2.8
42x59
2.2
700
225PPA700KS
300
14
4.2
25.5x59
2.2
700
225PPA700KD27
350
14
3.8
27x55
2.2
700
225PPA700K
475
14
2.9
30x46
2.2
850
225PPA850K
425
14
2.8
30.5x55
2.2
850
225PPA850KD35
600
14
2.3
35x46
2.2
850
225PPA850KS
375
14
3.2
29.5x59
2.2
1000
225PPA102KS
425
14
3
33x59
2.2
1000
225PPA102K
475
14
2.7
35x55
2.2
1200
225PPA122KS
500
14
2.8
37x59
2.2
1200
225PPA122K
550
14
2.5
39x55
2.5
700
255PPA700KS
300
14
3.9
27.5x59
2.5
700
255PPA700KN
475
14
2.8
32x46
2.5
700
255PPA700KR
350
14
3.5
29x55
2.5
850
255PPA850KN
600
14
2.6
36.5x46
2.5
850
255PPA850KS
375
14
2.5
31x59
2.5
850
255PPA850K
425
14
2.2
32x55
2.5
1200
255PPA122KR
550
14
2.3
41x55
2.5
1200
255PPA122KS
500
14
2.6
39x59
3
700
305PPA700KN
475
14
2.6
35x46
3
700
305PPA700KR
350
14
3.2
31x55
3
700
305PPA700KS
300
14
3.6
29.5x59
3
850
305PPA850KR
425
14
2.5
36x55
3
850
305PPA850KS
375
14
2.8
34x59
3
1000
305PPA102KR
475
14
2.4
40.5x55
3
1000
305PPA102KS
425
14
2.6
38x59
3
1200
305PPA122KS
500
14
2.4
42x59
3.3
700
335PPA700KS
300
14
3.5
30.5x59
3.3
700
335PPA700KD32
350
14
3.1
32x55
3.3
700
335PPA700K
475
14
2.5
36x46
3.3
850
335PPA850K
425
14
2.4
37x55
3.3
850
335PPA850KS
375
14
2.7
35x59
3.3
1000
335PPA102KS
425
14
2.5
40x59
4
700
405PPA700KR
350
14
2.8
34.5x59
4
700
405PPA700KS
300
14
3.1
33x59
4
850
405PPA850KR
425
14
2.3
40.5x55
4
850
405PPA850KS
375
14
2.6
38.5x59
4.7
700
475PPA700KS
300
14
2.9
35.5x59
4.7
700
475PPA700K
350
14
2.6
37.5x55
4.7
850
475PPA850KS
375
14
2.4
41.5x59
5.6
700
565PPA700KS
300
14
2.6
38.5x59
5.6
700
565PPA700K
350
14
2.3
41x55
6.8
700
685PPA700KS
300
14
2.4
42x59


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn