Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

473PPB250K Datasheet(PDF) 2 Page - Illinois Capacitor, Inc.

Part # 473PPB250K
Description  High Pulse Currents - High voltage
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

473PPB250K Datasheet(HTML) 2 Page - Illinois Capacitor, Inc.

  473PPB250K Datasheet HTML 1Page - Illinois Capacitor, Inc. 473PPB250K Datasheet HTML 2Page - Illinois Capacitor, Inc. 473PPB250K Datasheet HTML 3Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
L
18
26.5
32
42.5
S
15
22.5
27.5
37.5
d
0.8
0.8
0.8
1.2
LL
5.0+1.0
5.0+1.0
30+5.0
30+5.0
Permissible (sinusoidal) AC voltage versus frequency for a temperature rise of 10°C
Not for across the line applications


Similar Part No. - 473PPB250K

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
473PPB250K ILLINOISCAPACITOR-473PPB250K Datasheet
391Kb / 4P
   Polypropylene Film Capacitors for Power Semiconductor Circuits
473PPB250K ILLINOISCAPACITOR-473PPB250K Datasheet
554Kb / 3P
   Radial leaded metallized polypropylene film capacitors for Pulse applications
More results

Similar Description - 473PPB250K

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
PPR ILLINOISCAPACITOR-PPR Datasheet
343Kb / 3P
   High Pulse Currents - High voltage
logo
Cornell Dubilier Electr...
DPPS10D1K-F CDE-DPPS10D1K-F Datasheet
241Kb / 2P
   High Voltage, High Frequency, Ultra High Peak Currents
logo
Beijing Yaohuadechang E...
KMG9626 YHDC-KMG9626 Datasheet
1Mb / 1P
   High-voltage Pulse Transformer
logo
Illinois Capacitor, Inc...
PHB ILLINOISCAPACITOR-PHB Datasheet
273Kb / 6P
   High Current - High voltage ??Good Pulse Current rating
logo
Cornell Dubilier Electr...
DMT CDE-DMT Datasheet
64Kb / 3P
   General Purpose, High Peak Currents, High Insulation Resistance
logo
Schurter Inc.
RTS SCHURTER-RTS Datasheet
678Kb / 4P
   SMD thermal fuse for high currents
04.01.2022
logo
Tyco Electronics
MSR MACOM-MSR_05 Datasheet
174Kb / 3P
   High inrush currents with AgSnO contacts
logo
Texas Instruments
UCC25705 TI1-UCC25705_14 Datasheet
801Kb / 22P
[Old version datasheet]   HIGH--SPEED VOLTAGE MODE PULSE WIDTH MODULATOR
UCC25706-Q1 TI1-UCC25706-Q1 Datasheet
589Kb / 18P
[Old version datasheet]   HIGH-SPEED VOLTAGE MODE PULSE WIDTH MODULATOR
UCC25705-Q1 TI-UCC25705-Q1_15 Datasheet
771Kb / 19P
[Old version datasheet]   HIGH-SPEED VOLTAGE MODE PULSE WIDTH MODULATOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com