Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

473PSB252K2H Datasheet(PDF) 7 Page - Illinois Capacitor, Inc.

Part # 473PSB252K2H
Description  Power semiconductor module protection - High pulse and rms current ??Multiple Leads
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

473PSB252K2H Datasheet(HTML) 7 Page - Illinois Capacitor, Inc.

Back Button 473PSB252K2H Datasheet HTML 3Page - Illinois Capacitor, Inc. 473PSB252K2H Datasheet HTML 4Page - Illinois Capacitor, Inc. 473PSB252K2H Datasheet HTML 5Page - Illinois Capacitor, Inc. 473PSB252K2H Datasheet HTML 6Page - Illinois Capacitor, Inc. 473PSB252K2H Datasheet HTML 7Page - Illinois Capacitor, Inc. 473PSB252K2H Datasheet HTML 8Page - Illinois Capacitor, Inc. 473PSB252K2H Datasheet HTML 9Page - Illinois Capacitor, Inc. 473PSB252K2H Datasheet HTML 10Page - Illinois Capacitor, Inc. 473PSB252K2H Datasheet HTML 11Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
PSB_RSB
2,4,6 Radial Lead, High
current/low ESR
Capacitance
(µF)
WVDC IC PART NUMBER
dv/dt
(v/µ sec.)
Maximum
RMS Ripple
Current
(A)
100 kHz,
+70°C
Typical
ESR (mΩ)
100 kHz,
+25°C
Dims LxHxT
(mm)
S (MM)
d (MM)
P (MM)
# Leads
1
1000 105RSB102K2J
750
14
4.7
42.5x30x22
37.5
1.2
2
1
1000 105RSB102K4J
750
15.5
4
42.5x30x22
37.5
1.2
10.2
4
1
1000 105PSB102K2J
870
14
3.6
42.5x37x28
37.5
1.2
2
1
1000 105PSB102K2JA
870
14
3
41.5x44x24
37.5
1.2
2
1
1000 105PSB102K4JA
870
22
2.9
41.5x40x20
37.5
1.2
10.2
2
1
1000 105PSB102K4J
870
22
2.9
42.5x37x28
37.5
1.2
10.2
4
1
1200 105PSB122K4J
1000
22
2.8
42.5x37x28
37.5
1.2
20.3
4
1
1200 105PSB122K2J
1000
14
3.5
42.5x37x28
37.5
1.2
2
1
1200 105PSB122K4JA
1000
23.5
2.8
41.5x44x24
37.5
1.2
10.2
2
1
1200 105RSB122K2J
870
14
4.8
41.5x40x20
37.5
1.2
2
1
1200 105PSB122K2JA
1000
14
3.5
41.5x44x24
37.5
1.2
2
1
1200 105RSB122K4J
870
17.5
4.1
41.5x40x20
37.5
1.2
10.2
4
1
1500 105RSB152K4J
1000
18
4.1
42.5x37x28
37.5
1.2
20.3
4
1
1500 105RSB152K4JA
1000
19.5
4.1
41.5x44x24
37.5
1.2
10.2
4
1
1500 105RSB152K2JA
1000
14
4.8
41.5x44x24
37.5
1.2
2
1
1500 105RSB152K2J
1000
14
4.8
42.5x37x28
37.5
1.2
2
1
1500 105PSB152K2J
1220
14
3.3
42.5x45x30
37.5
1.2
2
1
1500 105PSB152K4J
1220
26
2.6
42.5x45x30
37.5
1.2
20.3
4
1
2000 105PSB202K4R
930
27
2.9
57.5x50x35
52.5
1.2
20.3
4
1
2000 105PSB202K6R
580
27
2.9
57.5x50x35
52.5
1.2
10.2
6
1
2000 105PSB202K2R
930
14
3.6
57.5x50x35
52.5
1.2
2
1
2000 105RSB202K2J
1220
14
4.5
42.5x45x30
37.5
1.2
2
1
2000 105RSB202K4J
1220
21.5
3.8
42.5x45x30
37.5
1.2
20.3
4
1
2500 105PSB252K6R
1150
30.5
2.7
57.5x57.5x38
52.5
1.2
10.2
lugs
1
2500 105RSB252K2R
930
14
4.9
57.5x50x35
52.5
1.2
2
1
2500 105PSB252K4R
1150
27
2.8
57.5x57.5x38
52.5
1.2
20.3
4
1
3000 105RSB302K4R
930
25
4
57.5x57.5x38
52.5
1.2
20.3
4
1
3000 105RSB302K6R
1150
26.5
3.9
57.5x57.5x38
52.5
1.2
10.2
6
1.2
850
125PSB850K2J
900
14
3.1
42.5x33.5x22
37.5
1.2
2
1.2
850
125RSB850K2J
600
11.5
6.1
42x32x17
37.5
1.2
2
1.2
850
125PSB850K4J
900
20
2.4
42.5x33.5x22
37.5
1.2
10.2
4
1.2
1200 125PSB122K2J
1000
14
3.2
42.5x45x30
37.5
1.2
2
1.2
1200 125RSB122K4J
870
19
3.7
42.5x37x28
37.5
1.2
10.2
4
1.2
1200 125RSB122K2J
870
14
4.4
42.5x37x28
37.5
1.2
2
1.2
1200 125PSB122K4J
1000
25
2.5
42.5x45x30
37.5
1.2
20.3
4
1.2
1500 125PSB152K4R
725
25
2.9
57.5x45x30
52.5
1.2
20.3
4
1.2
1500 125PSB152K2R
725
14
3.6
57.5x45x30
52.5
1.2
2
1.2
2000 125PSB202K2R
930
14
3.3
57.5x50x35
52.5
1.2
2
1.2
2000 125RSB202K2R
870
14
4.8
57.5x45x30
52.5
1.2
2
1.2
2000 125RSB202K4R
870
21.5
4.1
57.5x45x30
52.5
1.2
20.3
4
1.2
2000 125PSB202K4R
930
27
2.6
57.5x50x35
52.5
1.2
20.3
4
1.2
2000 125PSB202K6R
930
29.5
2.5
57.5x50x35
52.5
1.2
10.2
6
1.2
2500 125RSB252K4R
930
25
3.7
57.5x50x35
52.5
1.2
20.3
4
1.2
2500 125RSB252K2R
930
14
4.4
57.5x50x35
52.5
1.2
2
1.5
700
155PSB700K2J
600
14
3.6
42.5x30x22
37.5
1.2
2
1.5
850 155PSB850K2JA
750
14
2.9
41.5x44x24
37.5
1.2
2
1.5
850
155RSB850K2J
600
12.5
5.5
42.5x30x22
37.5
1.2
2
1.5
850 155PSB850K4JA
750
26
2.3
41.5x44x24
37.5
1.2
10.2
4
1.5
850
155PSB850K2J
750
14
2.9
42.5x37x28
37.5
1.2
2
1.5
850
155PSB850K4J
750
24
2.3
42.5x37x28
37.5
1.2
20.3
4
1.5
1000 155PSB102K4J
870
26
2.3
42.5x45x30
37.5
1.2
20.3
4
1.5
1000 155PSB102K2J
870
14
3
42.5x45x30
37.5
1.2
2
1.5
1000 155RSB102K4J
750
19.5
3.3
42.5x37x28
37.5
1.2
10.2
4
1.5
1000 155RSB102K2J
750
14
4
42.5x37x28
37.5
1.2
2
1.5
1200 155RSB122K2J
870
14
4
41.5x44x24
37.5
1.2
2
1.5
1200 155RSB122K4J
870
21.5
3.3
41.5x44x24
24
1.2
10.2
4
1.5
1200 155PSB122K2J
100
14
2.9
42.5x45x30
37.5
1.2
2
1.5
1200 155PSB122K4J
1000
27
2.2
42.5x45x30
37.5
1.2
20.3
4


Similar Part No. - 473PSB252K2H

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
473PSB252K2H ILLINOISCAPACITOR-473PSB252K2H Datasheet
402Kb / 9P
   Radial Leaded Polypropylene Film Capacitors with Double Sided Metallized Electrodes
473PSB252K2H ILLINOISCAPACITOR-473PSB252K2H Datasheet
806Kb / 7P
   Radial leaded metallized polypropylene film capacitors
More results

Similar Description - 473PSB252K2H

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
PMB ILLINOISCAPACITOR-PMB Datasheet
661Kb / 5P
   Power semiconductor module protection - High pulse and
logo
List of Unclassifed Man...
FC250B1 ETC2-FC250B1 Datasheet
196Kb / 18P
   Capacitors for High Current, Power Semiconductor, and DC Applications
A97F8620 ETC2-A97F8620 Datasheet
196Kb / 18P
   Capacitors for High Current, Power Semiconductor, and DC Applications
A97F8676S ETC2-A97F8676S Datasheet
590Kb / 18P
   Capacitors for High Current, Power Semiconductor, and DC Applications
logo
Microsemi Corporation
JANTX1N647-1 MICROSEMI-JANTX1N647-1 Datasheet
185Kb / 3P
   High surge current and peak pulse power provides transient voltage protection for sensitive circuits
logo
Sangdest Microelectroni...
153CMQ SMC-153CMQ Datasheet
278Kb / 4P
   Multiple leads per terminal for high frequency, high current PC board mounting
logo
List of Unclassifed Man...
A60X ETC2-A60X Datasheet
435Kb / 4P
   SEMICONDUCTOR PROTECTION FUSES
A150X ETC2-A150X Datasheet
511Kb / 2P
   SEMICONDUCTOR PROTECTION FUSES
A25X ETC2-A25X Datasheet
464Kb / 5P
   SEMICONDUCTOR PROTECTION FUSES
URGG ETC2-URGG Datasheet
347Kb / 2P
   SEMICONDUCTOR PROTECTION FUSES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com