Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SDA2040 Datasheet(PDF) 1 Page - Dc Components

Part # SDA2040
Description  RECTIFIER SPECIALISTS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCCOM [Dc Components]
Direct Link  http://www.dccomponents.com
Logo DCCOM - Dc Components

SDA2040 Datasheet(HTML) 1 Page - Dc Components

  SDA2040 Datasheet HTML 1Page - Dc Components SDA2040 Datasheet HTML 2Page - Dc Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
MECHANICAL DATA
SDA2040
THRU
SDA2045
RECTIFIER SPECIALISTS
R
DC COMPONENTS CO., LTD.
* Low power loss, high eifficiency
* High current capability
* High surge capability
* High reliability
* Case: Molded plastic
* Epoxy: UL 94V-0 rate flame retardant
* Mounting position: Any
* Weight: 2.24 gram
Dimensions in inches and (millimeters)
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
at Derating Csae Temperature
Peak Forward Surge Current IFM(surge): 8.3 ms single half sine-wave
superimposed on rated load (JEDEC Method)
Operating and Storage Temperature Range
SYMBOL
VRRM
VRMS
Amps
20
300
UNITS
Volts
Volts
50
Volts
Amps
1.5
R
θJC
0.62
0.5
mAmps
Maximum Forward Voltage at 20A DC
Volts
Maximum DC Reverse Current at
Rated DC Blocking Voltage
@TC = 25
oC
@TC = 100
oC
SDA2040
SDA2045
IFSM
IO
VDC
VF
IR
TJ, TSTG
-65 to +150
0 C/W
Note : 1. Thermal Resistance Junction to Case per leg.
2. Measured at 1 MHz and applied reverse voltage of 4.0 volts.
Typical Thermal Resistance (Note 1)
TO-220A
TECHNICAL SPECIFICATIONS OF SOLAR CELL PROTECTION SCHOTTKY BARRIER RECTIFIER
VOLTAGE RANGE - 40 to 45 Volts
CURRENT - 20 Amperes
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
o
Ratings at 25 C ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
40
28
40
45
31.5
45
0 C
* Lead: MIL-STD-202E, Method 208 guaranteed
.626(15.9)
.528(13.4)
.583(14.8)
.500(12.7)
.157
(4.0)
.153(3.9)
.142(3.6)
.295(7.5)
.197(5.0)
TYP.
.100
(2.54)
TYP.
.421(10.7)
.374(9.5)
.108
(2.75)
TYP.
.043(1.1)
.024(0.6)
.051
(1.3)
.039
(1.0)
MAX.
.126
(3.2)
TYP.
.028(0.7)
.012(0.3)
.055(1.4)
.043(1.1)
.197(5.0)
.148(3.8)


Similar Part No. - SDA2040

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SDA2040 SIEMENS-SDA2040 Datasheet
415Kb / 10P
   application-oriented single-chip microcomputer
logo
HY ELECTRONIC CORP.
SDA2040 HY-SDA2040 Datasheet
312Kb / 3P
   Photovoltaic Solar Cell Protection Schottky Diode
SDA2040A HY-SDA2040A Datasheet
330Kb / 3P
   Photovoltaic Solar Cell Protection Schottky Diode
More results

Similar Description - SDA2040

ManufacturerPart #DatasheetDescription
logo
Yea Shin Technology Co....
RS1A YEASHIN-RS1A Datasheet
208Kb / 2P
   RECTIFIER SPECIALISTS
logo
Dc Components
1EZ6.2 DCCOM-1EZ6.2 Datasheet
44Kb / 3P
   RECTIFIER SPECIALISTS
MBK22F DCCOM-MBK22F Datasheet
38Kb / 2P
   RECTIFIER SPECIALISTS
MB05F DCCOM-MB05F Datasheet
38Kb / 2P
   RECTIFIER SPECIALISTS
SMB2EZ6.2 DCCOM-SMB2EZ6.2 Datasheet
55Kb / 2P
   RECTIFIER SPECIALISTS
SPA2040 DCCOM-SPA2040 Datasheet
72Kb / 2P
   RECTIFIER SPECIALISTS
SQ1530 DCCOM-SQ1530 Datasheet
44Kb / 2P
   RECTIFIER SPECIALISTS
SS52F DCCOM-SS52F Datasheet
82Kb / 2P
   RECTIFIER SPECIALISTS
DZL4728A DCCOM-DZL4728A Datasheet
31Kb / 2P
   RECTIFIER SPECIALISTS
FMB05F DCCOM-FMB05F Datasheet
38Kb / 2P
   RECTIFIER SPECIALISTS
MB05S DCCOM-MB05S Datasheet
37Kb / 2P
   RECTIFIER SPECIALISTS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com