Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

205MABA02KH Datasheet(PDF) 1 Page - Illinois Capacitor, Inc.

Part # 205MABA02KH
Description  Small size ??Good dvdt ??EN60252-1 rated
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

205MABA02KH Datasheet(HTML) 1 Page - Illinois Capacitor, Inc.

  205MABA02KH Datasheet HTML 1Page - Illinois Capacitor, Inc. 205MABA02KH Datasheet HTML 2Page - Illinois Capacitor, Inc. 205MABA02KH Datasheet HTML 3Page - Illinois Capacitor, Inc. 205MABA02KH Datasheet HTML 4Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FEATURES
Small size Good dvdt EN60252-1 rated
APPLICATIONS
AC application motor run AC/DC motor controls
Switching power supplies
Operating Temperature Range
-40°C to +100°C without approvals
-25°C to +85°C with approvals
Capacitance Tolerance
+10% at 1 kHz, 25°C
+5% optional
Peak, AC voltage
(50/60 Hz)
Code
A04
A03
A02
A01
A05
WVDC
370
500
600
800
1200
SVDC
470
625
750
1050
1500
VAC
160/200
250/320
320/400/430
400/432/500
500/600
Dissipation Factor (MAX)
Tan
δ
at 1 kHz and 25°C
C<2.2uF
2.2<C<15uF
15<C<22uF
C>22uF
.06%
.1%
.12%
.15%
Insulation Resistance
@25°C (<70% RH)for 1 minute
at 100VDC applied
10000 MΩ, C<1uF
3000 MΩxuF, C>1uF
Self Inductance
<1 nano-Henry per mm of lead spacing
Dielectric Strength
Terminal to Terminal
Terminal to Case
160% of VAC for 60 Seconds and 25°C
or 200% VAC applied for 60 Seconds and
25°C for EN 60252-1 approval
3kVAC (50/60 Hz) applied
for 60 Seconds and 25°C
Damp Heat
56 days with no voltage applied at +40C and 93%(+2%) relative humidity
Capacitance Change
<+2% of initially measured value
Dissipation Factor
<.001 at 1 kHz for C>0.1uF
Insulation Resistance
>50% of minimum specified value
Reliability
WVDC
Class A
Class B
Class C
Class D
Hours
30000
10000
3000
1000
test
6000
2000
600
200
Failure quota
500/109 component hours
Construction
metallized film
Coating
Flame Retardant Plastic box with epoxy end fill(UL94V0)
Lead terminations
Lead free tinned copper leads


Similar Part No. - 205MABA02KH

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
205MABA02KH ILLINOISCAPACITOR-205MABA02KH Datasheet
402Kb / 6P
   AC/Motor Run Film Capacitors
205MABA02KH ILLINOISCAPACITOR-205MABA02KH Datasheet
482Kb / 4P
   AC/Motor Run Film Capacitors
More results

Similar Description - 205MABA02KH

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
MAR ILLINOISCAPACITOR-MAR Datasheet
229Kb / 3P
   Small size ??Good dvdt ??Medium current
PPA ILLINOISCAPACITOR-PPA Datasheet
316Kb / 3P
   High dvdt ??Good Pulse Current ??Stable with
PPS ILLINOISCAPACITOR-PPS Datasheet
319Kb / 3P
   High dvdt ??Good Pulse Current ??Stable with temperature
MPR ILLINOISCAPACITOR-MPR Datasheet
202Kb / 2P
   Small size ??Low ESR ??Good Pulse Capabilities ??Stable
logo
Murata Manufacturing Co...
DLW5BSM501TQ2 MURATA1-DLW5BSM501TQ2_V01 Datasheet
420Kb / 3P
   Small size (5.0x5.0mm) and high rated current (1 to 2A)
Last updated07/26/2022
DLW5BSM601TQ2 MURATA1-DLW5BSM601TQ2_V01 Datasheet
420Kb / 3P
   Small size (5.0x5.0mm) and high rated current (1 to 2A)
Last updated07/26/2022
DLW5BSM801TQ2 MURATA1-DLW5BSM801TQ2_V01 Datasheet
419Kb / 3P
   Small size (5.0x5.0mm) and high rated current (1 to 2A)
Last updated07/26/2022
DLW5BSZ601TQ2 MURATA1-DLW5BSZ601TQ2_V01 Datasheet
372Kb / 3P
   Small size (5.0x5.0mm) and high rated current (0.7 to 1.5A)
Last updated07/26/2022
DLW5BSZ501TQ2 MURATA1-DLW5BSZ501TQ2_V01 Datasheet
372Kb / 3P
   Small size (5.0x5.0mm) and high rated current (0.7 to 1.5A)
Last updated07/26/2022
DLW5BSZ801TQ2 MURATA1-DLW5BSZ801TQ2_V01 Datasheet
371Kb / 3P
   Small size (5.0x5.0mm) and high rated current (0.7 to 1.5A)
Last updated07/26/2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com