Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BZV49 Datasheet(PDF) 1 Page - Zetex Semiconductors

Part No. BZV49
Description  SOT89 SILICON PLANAR VOLTAGE REGULATOR DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ZETEX [Zetex Semiconductors]
Homepage  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

BZV49 Datasheet(HTML) 1 Page - Zetex Semiconductors

  BZV49 Datasheet HTML 1Page - Zetex Semiconductors BZV49 Datasheet HTML 2Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BZV49
SERIES
ELECTRICAL CHARACTERISTICS (at Tamb = 25°C).
Type
Zener Voltage
V
Z at IZ=2mA
VOLTS
Differential
Resistance
r
Z at IZ=2mA
Temperature
Coefficient
S
Z at IZ=2mA
mV/°C
Reverse Current
I
R at VR
µA
V
BZV49:
Nom.
Min.
Max.
Max.
Min
Max
Max
Max
C30 30
28.0
32.0
80
24.4
29.4
0.05
21
C36 36
34.0
38.0
90
30.4
37.4
0.05
25
C39 39
37.0
41.0
130
33.4
41.2
0.05
27
C43 43
40.0
46.0
150
37.6
46.6
0.05
30
Type
Zener Voltage (V)
V
Z at IZ=1mA
Differential Resistance (
Ω)
r
Z at IZ=1mA
Partmarking
BZV49:
Min.
Max.
C3V9
3.0
600
W8
C4V3
3.3
600
W9
C4V7
3.7
500
Z1
C5V1
4.2
480
Z2
C5V6
4.8
400
Z3
C6V2
5.6
150
Z4
C6V8
6.3
80
Z5
C7V5
6.9
80
Z6
C8V2
7.6
80
Z7
C9V1
8.4
100
Z8
C10
9.3
150
Z9
C11
10.2
150
Y1
C15
13.7
200
Y4
C16
15.2
200
Y5
C22
20.7
250
Y8
C24
22.7
250
Y9
V
z at IZ=0.5mA
r
z at IZ=0.5mA
C30
27.8
300
X2
C36
33.8
350
36Y
C39
36.7
350
X5
C43
39.7
375
X6
4
3
1
2
SOT89
SOT89 SILICON PLANAR
VOLTAGE REGULATOR DIODES
ISSUE 4 - AUGUST 1996
7
ABSOLUTE MAXIMUM RATINGS (as per Electron Coding Sytem).
PARAMETER
SYMBOL
VALUE
UNIT
Voltage Range
V
Z
3.9 to 43
V
Nominal Tolerance
C
±5
%
Maximum Forward Current
I
F
250
mA
Power Dissipation at T
amb=25°C
P
tot
1W
Operating and Storage Temperature Range
T
j:Tstg
-65 to +150
°C
ELECTRICAL CHARACTERISTICS (at Tamb = 25°C).
Type
Zener Voltage
V
Z at IZ=5mA
VOLTS
Differential
Resistance
r
Z at IZ=5mA
Temperature
Coefficient
S
Z at IZ=5mA
mV/°C
Reverse Current
I
R at VR
µA
V
BZV49:
Nom.
Min.
Max.
Max.
Min
Max
Max
Max
C3V9 3.9
3.7
4.1
100
-3.5
0
3
1
C4V3 4.3
4.0
4.6
90
-3.5
0
3
1
C4V7 4.7
4.4
5.0
80
-3.5
0.2
3
2
C5V1 5.1
4.8
5.4
60
-2.7
1.2
2
2
C5V6 5.6
5.2
6.0
40
-2.0
2.5
1
2
C6V2 6.2
5.8
6.6
10
0.4
3.7
3
4
C6V8 6.8
6.4
7.2
15
1.2
4.5
2
4
C7V5 7.5
7.0
7.9
15
2.5
5.3
1
5
C8V2 8.2
7.7
8.7
15
3.2
6.2
0.7
5
C9V1 9.1
8.5
9.6
15
3.8
7.0
0.5
6
C10 10
9.4
10.6
20
4.5
8.0
0.2
7
C11 11
10.4
11.6
20
5.4
9.0
0.1
8
C15 15
13.8
15.6
30
9.2
13.0
0.05
10
C16 16
15.3
17.1
40
10.4
14.0
0.05
11
C22 22
20.8
23.3
55
16.4
20.0
0.05
15
C24 24
22.8
25.6
70
18.4
22.0
0.05
17
SELECTED RANGE SUPPLIED. OTHER VOLTAGES MAY BE OFFERED SUBJECT TO
AVAILABILITY.
BZV49
SERIES
Pin Configuration
1
3,4
2


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn