Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SR3150 Datasheet(PDF) 1 Page - Dongguan City Niuhang Electronics Co.LTD

Part # SR3150
Description  SCHOTTKY BARRIER RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIUHANG [Dongguan City Niuhang Electronics Co.LTD]
Direct Link  http://www.dgniuhang.com/
Logo NIUHANG - Dongguan City Niuhang Electronics Co.LTD

SR3150 Datasheet(HTML) 1 Page - Dongguan City Niuhang Electronics Co.LTD

  SR3150 Datasheet HTML 1Page - Dongguan City Niuhang Electronics Co.LTD SR3150 Datasheet HTML 2Page - Dongguan City Niuhang Electronics Co.LTD SR3150 Datasheet HTML 3Page - Dongguan City Niuhang Electronics Co.LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Date:2014/10/20
http://www.dgniuhang.com
Page: 1 of 3
Rev.:AA
DO-27/DO-201AD
VOLTAGE
20 THRU 200Volts
3.0 Ampers
CURRENT
Unit:(mm)
FEATURES
MECHANICALDATA
Production
Data Sheet
Niu Hang
Electronic Co. Ltd
SR320 THRU SR3200
SCHOTTKY BARRIER RECTIFIER
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25°C(UNLESS OTHERWISE NOTED)
Single phase half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
0.220 (5.6)
0.197(5.0)
DIA.
0.052 (1.3)
0.035(0.9)
DIA.
0.375(9.5)
0.285(7.2)
1.0 (25.4)
MIN.
1.0 (25.4)
MIN.
The plastic package carries Underwriters Laboratory
Flammability Classification 94V-0
High temperature soldering guaranteed:
Low power loss,high efficiency
Metal silicon junction,majority carrier conduction
250°C/10 seconds,0.375"(9.5mm) lead length,
5 lbs. (2.3kg) tension
High forward surge current capability
Case
Terminals
Polarity
Mounting Position: Any
Weight : 0.04 ounce, 1.10 grams
: JEDEC DO-27 molded plastic body
: Color band denotes cathode end
: Plated axial leads, solderable per MIL-STD-750, Method 2026
Note:1.Measured at 1MHz and applied reverse voltage of 4.0V D.C.
2.Thermal resistance from junction to ambient at 0.375
”(9.5mm)lead length,P.C.B. mounted
SR
320
SR
330
SR
350
SR
340
SR
360
SR
380
SR
370
SR
390
SR
3100
20
14
20
30
21
30
40
28
40
50
35
50
60
42
60
80
56
80
VOLTS
VOLTS
VOLTS
SYMBOLS
UNITS
Amps
Amps
Volts
VRRM
VRMS
VDC
I(AV)
IFSM
VF
3.0
80.0
0.70
Operating junction temperature range
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
0.375
”(9.5mm) lead length(see fig.1)
Peak forward surge current
8.3ms single half sine-wave superimposed on
rated load (JEDEC Method)
Maximum instantaneous forward voltage at 3.0A
Maximum DC reverse current
TA=25 C
at rated DC blocking voltage
TA=100 C
Typical junction capacitance (NOTE 1)
IR
0.5
R
θJA
CJ
TJ,
TSTG
40.0
250
pF
C
mA
Typical thermal resistance (NOTE 2)
C/W
100
70
100
70
49
70
90
63
90
Storage temperature range
C
-65 to +150
-65 to +125
-65 to +150
20.0
10.0
0.55
0.85
160
SR
3200
200
140
200
SR
3150
150
105
150
0.95
0.2
2.0


Similar Part No. - SR3150

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
SR3150 DGNJDZ-SR3150 Datasheet
273Kb / 2P
   3.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Won-Top Electronics
SR3150 WTE-SR3150 Datasheet
61Kb / 4P
   3.0A HIGH VOLTAGE SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
RFE international
SR3150 RFE-SR3150 Datasheet
1Mb / 3P
   Schottky Barrier Rectifiers
10-24-2022
logo
DONGGUAN YOU FENG WEI E...
SR3150 YFWDIODE-SR3150 Datasheet
73Kb / 2P
   3.0Amp Schottky Barrier Rectifiers
logo
Nanjing International G...
SR3150 DGNJDZ-SR3150 Datasheet
256Kb / 2P
   3.0 AMP SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - SR3150

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
   Schottky Barrier Rectifier Schottky Barrier Type
logo
Shenzhen Ping Sheng Ele...
SS12 PFS-SS12 Datasheet
559Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Sanken electric
FMW-2156 SANKEN-FMW-2156 Datasheet
209Kb / 4P
   Schottky Barrier Rectifier
logo
Micro Commercial Compon...
1N60 MCC-1N60 Datasheet
419Kb / 3P
   Schottky Barrier Rectifier
LL60 MCC-LL60 Datasheet
400Kb / 3P
   Schottky Barrier Rectifier
logo
Vishay Siliconix
1N5820 VISHAY-1N5820_09 Datasheet
68Kb / 4P
   Schottky Barrier Rectifier
Revision: 20-Oct-09
logo
Galaxy Semi-Conductor H...
S5817 BILIN-S5817 Datasheet
57Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
SBL1030 VISHAY-SBL1030 Datasheet
142Kb / 5P
   Schottky Barrier Rectifier
Revision: 25-Apr-08
logo
Chenmko Enterprise Co. ...
MPL1035PT CHENMKO-MPL1035PT Datasheet
260Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL270CTPT CHENMKO-SPL270CTPT Datasheet
161Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL320LLPT CHENMKO-SPL320LLPT Datasheet
153Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com