Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMF13A Datasheet(PDF) 2 Page - Dongguan City Niuhang Electronics Co.LTD

Part # SMF13A
Description  TRANSIENT VOLTAGE SUPPRESSOR DIODES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIUHANG [Dongguan City Niuhang Electronics Co.LTD]
Direct Link  http://www.dgniuhang.com/
Logo NIUHANG - Dongguan City Niuhang Electronics Co.LTD

SMF13A Datasheet(HTML) 2 Page - Dongguan City Niuhang Electronics Co.LTD

  SMF13A Datasheet HTML 1Page - Dongguan City Niuhang Electronics Co.LTD SMF13A Datasheet HTML 2Page - Dongguan City Niuhang Electronics Co.LTD SMF13A Datasheet HTML 3Page - Dongguan City Niuhang Electronics Co.LTD SMF13A Datasheet HTML 4Page - Dongguan City Niuhang Electronics Co.LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Date:2014/10/20
Page: 2 of 4
Rev.:AA
Production
Data Sheet
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25°C(UNLESS OTHERWISE NOTED)
SMF5.0 THRU SMF220A
TRANSIENT VOLTAGE SUPPRESSOR DIODES
Min (V)
Max (V)
IT (mA)
SMF5.0A
SMF5.0CA
6.40
7.00
10
400
5.0
21.74
9.2
SMF6.0A
SMF6.0CA
6.67
7.37
10
400
6.0
19.42
10.3
SMF6.5A
SMF6.5CA
7.22
7.98
10
250
6.5
17.86
11.2
SMF7.0A
SMF7.0CA
7.78
8.60
10
100
7.0
16.67
12.0
SMF7.5A
SMF7.5CA
8.33
9.21
1
50
7.5
15.50
12.9
SMF8.0A
SMF8.0CA
8.89
9.83
1
25
8.0
14.71
13.6
SMF8.5A
SMF8.5CA
9.44
10.40
1
10
8.5
13.89
14.4
SMF9.0A
SMF9.0CA
10.00
11.10
1
5
9.0
12.99
15.4
SMF10A
SMF10CA
11.10
12.30
1
2.5
10.0
11.76
17.0
SMF11A
SMF11CA
12.20
13.50
1
2.5
11.0
10.99
18.2
SMF12A
SMF12CA
13.30
14.70
1
2.5
12.0
10.05
19.9
SMF13A
SMF13CA
14.40
15.90
1
1
13.0
9.30
21.5
SMF14A
SMF14CA
15.60
17.20
1
1
14.0
8.62
23.2
SMF15A
SMF15CA
16.70
18.50
1
1
15.0
8.20
24.4
SMF16A
SMF16CA
17.80
19.70
1
1
16.0
7.69
26.0
SMF17A
SMF17CA
18.90
20.90
1
1
17.0
7.25
27.6
SMF18A
SMF18CA
20.00
22.10
1
1
18.0
6.85
29.2
SMF19A
SMF19CA
21.10
23.30
1
1
19.0
6.54
30.6
SMF20A
SMF20CA
22.20
24.50
1
1
20.0
6.17
32.4
SMF22A
SMF22CA
24.40
26.90
1
1
22.0
5.63
35.5
SMF24A
SMF24CA
26.70
29.50
1
1
24.0
5.14
38.9
SMF26A
SMF26CA
28.90
31.90
1
1
26.0
4.75
42.1
SMF28A
SMF28CA
31.10
34.40
1
1
28.0
4.41
45.4
SMF30A
SMF30CA
33.30
36.80
1
1
30.0
4.13
48.4
SMF33A
SMF33CA
36.70
40.60
1
1
33.0
3.75
53.3
SMF36A
SMF36CA
40.00
44.20
1
1
36.0
3.44
58.1
SMF40A
SMF40CA
44.40
49.10
1
1
40.0
3.10
64.5
Working
Peak Reverse
Voltage
VRWM
(V)
Maximum
Reverse
Surge
Current IPP
(A)
Maximum
Clamping
Voltage VC
@IPP
(V)
Part Number
(Uni)
Part Number
(Bi)
Breakdown Voltage VBR @IT
Maximum
Reverse
Leakage IR
@VRWM
(uA)
SMF40A
SMF40CA
44.40
49.10
1
1
40.0
3.10
64.5
SMF43A
SMF43CA
47.80
52.80
1
1
43.0
2.88
69.4
SMF45A
SMF45CA
50.00
55.30
1
1
45.0
2.75
72.7
SMF48A
SMF48CA
53.30
58.90
1
1
48.0
2.58
77.4
SMF51A
SMF51CA
56.70
62.70
1
1
51.0
2.43
82.4
SMF54A
SMF54CA
60.00
66.30
1
1
54.0
2.30
87.1
SMF58A
SMF58CA
64.40
71.20
1
1
58.0
2.14
93.6
SMF60A
SMF60CA
66.70
73.70
1
1
60.0
2.07
96.8
SMF64A
SMF64CA
71.10
78.60
1
1
64.0
1.94
103.0
SMF70A
SMF70CA
77.80
86.00
1
1
70.0
1.77
113.0
SMF75A
SMF75CA
83.30
92.10
1
1
75.0
1.65
121.0
SMF78A
SMF78CA
86.70
95.80
1
1
78.0
1.59
126.0
SMF80A
SMF80CA
88.80
97.60
1
1
80.0
1.55
129.0
SMF85A
SMF85CA
94.40
104.00
1
1
85.0
1.46
137.0
SMF90A
SMF90CA
100.00
111.00
1
1
90.0
1.37
146.0
SMF100A
SMF100CA
111.00
123.00
1
1
100.0
1.23
162.0
SMF110A
SMF110CA
122.00
135.00
1
1
110.0
1.13
177.0
SMF120A
SMF120CA
133.00
147.00
1
1
120.0
1.04
193.0
SMF130A
SMF130CA
144.00
159.00
1
1
130.0
0.96
209.0
SMF140A
SMF140CA
155.00
171.00
1
1
140.0
0.89
224.0
SMF150A
SMF150CA
167.00
185.00
1
1
150.0
0.82
243.0
SMF160A
SMF160CA
178.00
197.00
1
1
160.0
0.77
259.0
SMF170A
SMF170CA
189.00
209.00
1
1
170.0
0.73
275.0
SMF180A
SMF180CA
200.00
220.00
1
1
180.0
0.68
292.0
SMF190A
SMF190CA
211.00
232.00
1
1
190.0
0.65
308.0
SMF200A
SMF200CA
224.00
247.00
1
1
200.0
0.62
324.0
SMF220A
SMF220CA
246.00
272.00
1
1
220.0
0.56
356.0
Note: 1. The available parts are "A" type only,the parts without A(VBR is ±10%) is not available
2. Add suffix 'C 'or ' CA ' after part number to specify Bi-directional devices 3. For Bi-Directional devices having VR of 10 volts and under, the IR limit is double
Niu Hang
Electronic Co. Ltd
http://www.dgniuhang.com


Similar Part No. - SMF13A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SMF13A VISHAY-SMF13A Datasheet
92Kb / 6P
   Surface Mount ESD Protection Diodes
Rev. 2.5, 22-Sep-10
logo
RFE international
SMF13A RFE-SMF13A Datasheet
1Mb / 4P
   Surface Mount Transient Voltage Suppressor
11-07-2022
logo
DONGGUAN YOU FENG WEI E...
SMF13A YFWDIODE-SMF13A Datasheet
88Kb / 4P
   Surface mounttransient voltage suppressor power 400 watts
logo
Anova Technologies CO.,...
SMF13A ANOVA-SMF13A Datasheet
351Kb / 3P
   Surface Mount Transient Voltage Suppressors
logo
Vishay Siliconix
SMF13A VISHAY-SMF13A Datasheet
108Kb / 7P
   Surface Mount ESD Protection Diodes
Rev. 2.6, 30-Nov-11
More results

Similar Description - SMF13A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZG04 PHILIPS-BZG04 Datasheet
31Kb / 7P
   Transient voltage suppressor diodes
1996 Sep 19
logo
Yangzhou yangjie electr...
SMAJ YANGJIE-SMAJ_11 Datasheet
199Kb / 5P
   Transient Voltage Suppressor Diodes
logo
Diotec Semiconductor
P4SMAJ65 DIOTEC-P4SMAJ65_14 Datasheet
128Kb / 4P
   Transient Voltage Suppressor Diodes
logo
Yangzhou yangjie electr...
SA10 YANGJIE-SA10_17 Datasheet
191Kb / 5P
   Transient Voltage Suppressor Diodes
SMBJ10 YANGJIE-SMBJ10_17 Datasheet
213Kb / 5P
   Transient Voltage Suppressor Diodes
logo
Infineon Technologies A...
ESD5V3S1B-02LS INFINEON-ESD5V3S1B-02LS Datasheet
1Mb / 17P
   Transient Voltage Suppressor Diodes
Revision 1.0, 2011-04-08
ESD3V3U4ULC INFINEON-ESD3V3U4ULC_13 Datasheet
1Mb / 18P
   Transient Voltage Suppressor Diodes
Rev. 1.6, 2013-02-20
ESD112-B1-02ELS INFINEON-ESD112-B1-02ELS Datasheet
971Kb / 15P
   Transient Voltage Suppressor Diodes
Rev. 1.3, 2013-11-27
logo
First Silicon Co., Ltd
P4KE6.8 FS-P4KE6.8 Datasheet
336Kb / 5P
   Transient Voltage Suppressor Diodes
logo
Dongguan City Niuhang E...
SMF5.0A NIUHANG-SMF5.0A Datasheet
471Kb / 6P
   TRANSIENT VOLTAGE SUPPRESSOR DIODES
logo
Diotec Semiconductor
P6KE68 DIOTEC-P6KE68_14 Datasheet
114Kb / 4P
   Transient Voltage Suppressor Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com