Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SR270 Datasheet(PDF) 1 Page - Dongguan City Niuhang Electronics Co.LTD

Part No. SR270
Description  SCHOTTKY BARRIER RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NIUHANG [Dongguan City Niuhang Electronics Co.LTD]
Homepage  http://www.dgniuhang.com/
Logo 

SR270 Datasheet(HTML) 1 Page - Dongguan City Niuhang Electronics Co.LTD

   
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Date:2014/10/20
http://www.dgniuhang.com
Page: 1 of 3
Rev.:AA
DO-15
VOLTAGE
20 THRU 200Volts
2.0 Ampers
CURRENT
Unit:(mm)
FEATURES
MECHANICALDATA
Production
Data Sheet
Niu Hang
Electronic Co. Ltd
SR220 THRU SR2200
SCHOTTKY BARRIER RECTIFIER
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25°C(UNLESS OTHERWISE NOTED)
Single phase half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
The plastic package carries Underwriters Laboratory
Flammability Classification 94V-0
High temperature soldering guaranteed:
Low power loss,high efficiency
Metal silicon junction,majority carrier conduction
250°C/10 seconds,0.375"(9.5mm) lead length,
5 lbs. (2.3kg) tension
High forward surge current capability
Case
Terminals
Polarity
Mounting Position: Any
Weight : 0.014 ounce, 0.40 grams
: JEDEC DO-15 molded plastic body
: Color band denotes cathode end
: Plated axial leads, solderable per MIL-STD-750, Method 2026
1.0(25.4)
MIN.
1.0(25.4)
MIN.
.300(7.6)
.230(5.8)
.034(.9)
.028(.7)
DIA.
.140(3.6)
.104(2.6)
DIA.
Note:1.Measured at 1MHz and applied reverse voltage of 4.0V D.C.
2.Thermal resistance from junction to ambient at 0.375
”(9.5mm)lead length,P.C.B. mounted
20
14
20
30
21
30
40
28
40
50
35
50
60
42
60
80
56
80
SR
220
VOLTS
VOLTS
VOLTS
SYMBOLS
UNITS
Amp
Amps
Volts
VRRM
VRMS
VDC
I(AV)
IFSM
VF
2.0
60.0
0.70
Operating junction temperature range
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
0.375
”(9.5mm) lead length(see fig.1)
Peak forward surge current
8.3ms single half sine-wave superimposed on
rated load (JEDEC Method)
Maximum instantaneous forward voltage at 2.0A
Maximum DC reverse current
TA=25 C
at rated DC blocking voltage
TA=100 C
Typical junction capacitance (NOTE 1)
IR
0.5
RθJA
CJ
TJ
TSTG
50.0
80
pF
C
mA
Typical thermal resistance (NOTE 2)
C/W
SR
230
SR
250
SR
240
SR
260
SR
280
SR
270
SR
290
100
70
100
SR
2100
70
49
70
90
63
90
Storage temperature range
C
-65 to +150
-65 to +125
-65 to +150
10.0
0.55
0.85
220
5.0
150
105
100
SR
2150
200
140
200
SR
2200
0.95
0.2
2.0


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn