Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMAJ16A Datasheet(PDF) 5 Page - Dongguan City Niuhang Electronics Co.LTD

Part # SMAJ16A
Description  TRANSIENT VOLTAGE SUPPRESSOR DIODES
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIUHANG [Dongguan City Niuhang Electronics Co.LTD]
Direct Link  http://www.dgniuhang.com/
Logo NIUHANG - Dongguan City Niuhang Electronics Co.LTD

SMAJ16A Datasheet(HTML) 5 Page - Dongguan City Niuhang Electronics Co.LTD

  SMAJ16A Datasheet HTML 1Page - Dongguan City Niuhang Electronics Co.LTD SMAJ16A Datasheet HTML 2Page - Dongguan City Niuhang Electronics Co.LTD SMAJ16A Datasheet HTML 3Page - Dongguan City Niuhang Electronics Co.LTD SMAJ16A Datasheet HTML 4Page - Dongguan City Niuhang Electronics Co.LTD SMAJ16A Datasheet HTML 5Page - Dongguan City Niuhang Electronics Co.LTD SMAJ16A Datasheet HTML 6Page - Dongguan City Niuhang Electronics Co.LTD  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Production
Data Sheet
Niu Hang
Electronic Co. Ltd
http://www.dgniuhang.com
Page: 5 of 6
Date:2014/10/20
Rev.:AA
TRANSIENT VOLTAGE SUPPRESSOR DIODES
SMAJ5.0A/CA THRU SMAJ300A/CA
Soldering Parameters
Environmental Specifications
Physical Specifications
Physical Specifications
Weight
0.002 ounce, 0.061 gram
Case
JEDEC DO-214AC Molded Plastic over
glass passivated junction
Polarity
Color band denotes cathode except Bipolar
Terminal
MatteTin-plated leads, Solderable per
JESD22-B102
Soldering Parameters
Time (t)
Ts(min)
Ts(max)
TL
TP
ts
Preheat
tL
tp
Ramp-up
Critical Zone
TL to TP
Ramp-down
t 25˚C to Peak
25˚C
Reflow Condition
Lead–freeassembly
Pre Heat
-Temperature Min (T
s(min))
150°C
-Temperature Max (T
s(max))
200°C
-Time (min to max) (t
s)
60–180 secs
Average ramp up rate (LiquidusTemp (T
L)
to peak
3°C/second max
T
S(max) to TL - Ramp-up Rate
3°C/second max
-Temperature (T
L) (Liquidus)
217°C
-Time (min to max) (t
s)
60–150 seconds
PeakTemperature (T
P)
260+0/-5 °C
Time within 5°C of actual peak
Temperature (t
p)
20–40 seconds
Ramp-down Rate
6°C/second max
Time 25°C to peakTemperature (T
P )
8 minutes Max.
Do not exceed
280°C
Environmental Specifications
HighTemp. Storage
JESD22-A103
HTRB
JESD22-A108
Temperature Cycling
JESD22-A104
MSL
JEDEC-J-STD-020, Level 1
H3TRB
JESD22-A101
RSH
JESD22-B106
Physical Specifications
Weight
0.002 ounce, 0.061 gram
Case
JEDEC DO-214AC Molded Plastic over
glass passivated junction
Polarity
Color band denotes cathode except Bipolar
Terminal
MatteTin-plated leads, Solderable per
JESD22-B102
Soldering Parameters
Time (t)
Ts(min)
Ts(max)
TL
TP
ts
Preheat
tL
tp
Ramp-up
Critical Zone
TL to TP
Ramp-down
t 25˚C to Peak
25˚C
Reflow Condition
Lead–freeassembly
Pre Heat
-Temperature Min (T
s(min))
150°C
-Temperature Max (T
s(max))
200°C
-Time (min to max) (t
s)
60–180 secs
Average ramp up rate (LiquidusTemp (T
L)
to peak
3°C/second max
T
S(max) to TL - Ramp-up Rate
3°C/second max
-Temperature (T
L) (Liquidus)
217°C
-Time (min to max) (t
s)
60–150 seconds
PeakTemperature (T
P)
260+0/-5 °C
Time within 5°C of actual peak
Temperature (t
p)
20–40 seconds
Ramp-down Rate
6°C/second max
Time 25°C to peakTemperature (T
P )
8 minutes Max.
Do not exceed
280°C
Environmental Specifications
HighTemp. Storage
JESD22-A103
HTRB
JESD22-A108
Temperature Cycling
JESD22-A104
MSL
JEDEC-J-STD-020, Level 1
H3TRB
JESD22-A101
RSH
JESD22-B106
Physical Specifications
Weight
0.002 ounce, 0.061 gram
Case
JEDEC DO-214AC Molded Plastic over
glass passivated junction
Polarity
Color band denotes cathode except Bipolar
Terminal
MatteTin-plated leads, Solderable per
JESD22-B102
Soldering Parameters
Time (t)
Ts(min)
Ts(max)
TL
TP
ts
Preheat
tL
tp
Ramp-up
Critical Zone
TL to TP
Ramp-down
t 25˚C to Peak
25˚C
Reflow Condition
Lead–freeassembly
Pre Heat
-Temperature Min (T
s(min))
150°C
-Temperature Max (T
s(max))
200°C
-Time (min to max) (t
s)
60–180 secs
Average ramp up rate (LiquidusTemp (T
L)
to peak
3°C/second max
T
S(max) to TL - Ramp-up Rate
3°C/second max
-Temperature (T
L) (Liquidus)
217°C
-Time (min to max) (t
s)
60–150 seconds
PeakTemperature (T
P)
260+0/-5 °C
Time within 5°C of actual peak
Temperature (t
p)
20–40 seconds
Ramp-down Rate
6°C/second max
Time 25°C to peakTemperature (T
P )
8 minutes Max.
Do not exceed
280°C
Environmental Specifications
HighTemp. Storage
JESD22-A103
HTRB
JESD22-A108
Temperature Cycling
JESD22-A104
MSL
JEDEC-J-STD-020, Level 1
H3TRB
JESD22-A101
RSH
JESD22-B106
Physical Specifications
Weight
0.002 ounce, 0.061 gram
Case
JEDEC DO-214AC Molded Plastic over
glass passivated junction
Polarity
Color band denotes cathode except Bipolar
Terminal
MatteTin-plated leads, Solderable per
JESD22-B102
Soldering Parameters
Time (t)
Ts(min)
Ts(max)
TL
TP
ts
Preheat
tL
tp
Ramp-up
Critical Zone
TL to TP
Ramp-down
t 25˚C to Peak
25˚C
Reflow Condition
Lead–freeassembly
Pre Heat
-Temperature Min (T
s(min))
150°C
-Temperature Max (T
s(max))
200°C
-Time (min to max) (t
s)
60–180 secs
Average ramp up rate (LiquidusTemp (T
L)
to peak
3°C/second max
T
S(max) to TL - Ramp-up Rate
3°C/second max
-Temperature (T
L) (Liquidus)
217°C
-Time (min to max) (t
s)
60–150 seconds
PeakTemperature (T
P)
260+0/-5 °C
Time within 5°C of actual peak
Temperature (t
p)
20–40 seconds
Ramp-down Rate
6°C/second max
Time 25°C to peakTemperature (T
P )
8 minutes Max.
Do not exceed
280°C
Environmental Specifications
HighTemp. Storage
JESD22-A103
HTRB
JESD22-A108
Temperature Cycling
JESD22-A104
MSL
JEDEC-J-STD-020, Level 1
H3TRB
JESD22-A101
RSH
JESD22-B106
MOUNTING PAD LAYOUT
Unit
:inch(mm)
DO-214AC(SMA)


Similar Part No. - SMAJ16A

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SMAJ16A LITTELFUSE-SMAJ16A Datasheet
3Mb / 146P
   TVS Diode Products
logo
Jiangsu High diode Semi...
SMAJ16A HDSEMI-SMAJ16A Datasheet
1Mb / 7P
   SMAK Plastic-Encapsulate Diodes
logo
SAMYANG ELECTRONICS CO....
SMAJ16A SAMYANG-SMAJ16A Datasheet
2Mb / 6P
   Surface Mount Transient Voltage Suppressors
logo
Jinan Gude Electronic D...
SMAJ16A JGD-SMAJ16A Datasheet
313Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Socay Electornics Co., ...
SMAJ16A SOCAY-SMAJ16A Datasheet
3Mb / 56P
   Surface Mount Transient Voltage Suppressors (TVS)
More results

Similar Description - SMAJ16A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZG04 PHILIPS-BZG04 Datasheet
31Kb / 7P
   Transient voltage suppressor diodes
1996 Sep 19
logo
Yangzhou yangjie electr...
SMAJ YANGJIE-SMAJ_11 Datasheet
199Kb / 5P
   Transient Voltage Suppressor Diodes
logo
Diotec Semiconductor
P4SMAJ65 DIOTEC-P4SMAJ65_14 Datasheet
128Kb / 4P
   Transient Voltage Suppressor Diodes
logo
Yangzhou yangjie electr...
SA10 YANGJIE-SA10_17 Datasheet
191Kb / 5P
   Transient Voltage Suppressor Diodes
SMBJ10 YANGJIE-SMBJ10_17 Datasheet
213Kb / 5P
   Transient Voltage Suppressor Diodes
logo
Infineon Technologies A...
ESD5V3S1B-02LS INFINEON-ESD5V3S1B-02LS Datasheet
1Mb / 17P
   Transient Voltage Suppressor Diodes
Revision 1.0, 2011-04-08
ESD3V3U4ULC INFINEON-ESD3V3U4ULC_13 Datasheet
1Mb / 18P
   Transient Voltage Suppressor Diodes
Rev. 1.6, 2013-02-20
ESD112-B1-02ELS INFINEON-ESD112-B1-02ELS Datasheet
971Kb / 15P
   Transient Voltage Suppressor Diodes
Rev. 1.3, 2013-11-27
logo
First Silicon Co., Ltd
P4KE6.8 FS-P4KE6.8 Datasheet
336Kb / 5P
   Transient Voltage Suppressor Diodes
logo
Dongguan City Niuhang E...
SMF5.0A NIUHANG-SMF5.0A Datasheet
471Kb / 6P
   TRANSIENT VOLTAGE SUPPRESSOR DIODES
logo
Diotec Semiconductor
P6KE68 DIOTEC-P6KE68_14 Datasheet
114Kb / 4P
   Transient Voltage Suppressor Diodes
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com