Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SK3200 Datasheet(PDF) 2 Page - Dongguan City Niuhang Electronics Co.LTD

Part # SK3200
Description  SUFACE MOUNT SCHOTTKY RECTIFIERS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIUHANG [Dongguan City Niuhang Electronics Co.LTD]
Direct Link  http://www.dgniuhang.com/
Logo NIUHANG - Dongguan City Niuhang Electronics Co.LTD

SK3200 Datasheet(HTML) 2 Page - Dongguan City Niuhang Electronics Co.LTD

  SK3200 Datasheet HTML 1Page - Dongguan City Niuhang Electronics Co.LTD SK3200 Datasheet HTML 2Page - Dongguan City Niuhang Electronics Co.LTD SK3200 Datasheet HTML 3Page - Dongguan City Niuhang Electronics Co.LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Production
Data Sheet
Niu Hang
Electronic Co. Ltd
http://www.dgniuhang.com
Page: 2 of 3
Date:2014/10/20
Rev.:AA
RATINGANDCHARACTERISTICCURVES
(TA=25°C(UNLESS OTHERWISE NOTED)
SUFACE MOUNT SCHOTTKY RECTIFIERS
SK32 THRU SK3200
Fig.1- FORWARD CURRENT DERATING CURVE
AMBIENT TEMPERATURE,( C)
3.0
2.4
1.8
1.2
0.6
0
0
25
50
75
100
125
150
175
SK32-SK36
SK38-SK3200
Single Phase
Half Wave 60Hz
Resistive or
inductive Load
Fig.2-TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
FORWARD VOLTAGE,(V)
FORWARD VOLTAGE,(V)
50
10.0
1
0.1
0.01
SK32-SK34
SK35-SK36
SK38-SK3150
TJ=25 C
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
SK3200
Fig.3 TYPICAL REVERSE CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE VOLTAGE,(%)
0
20
40
60
80
100
100
10
1
0.1
0.01
0.001
TJ=75 C
TJ=25 C
TJ=100 C
Fig.4 TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE,(V)
0.1
1.0
10
100
10
100
1000
2000
TJ=25 C
SK32-SK34
SK35-SK3200
Fig.5- MAXIMUM NON - REPETITIVE SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
100
80
60
40
20
0
1
10
100
8.3ms SINGLE HALF SINE-WAVE
(JEDEC Method)
0.01
0.1
1
10
100
100
10
1
0.1
t,PULSE DURATION,sec.
FIG.6-TYPICAL TRANSIENT THERMAL IMPEDANCE


Similar Part No. - SK3200

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SK3200 MCC-SK3200 Datasheet
188Kb / 2P
   3 Amp Schottky Rectifier 200 Volts
SK3200 MCC-SK3200 Datasheet
394Kb / 3P
   3 Amp Schottky Rectifier 200 Volts
logo
Microdiode Electronics ...
SK3200 CHENDA-SK3200 Datasheet
131Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SK3200 CHENDA-SK3200 Datasheet
925Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shenzhen Yixinwei Techn...
SK3200 YIXIN-SK3200 Datasheet
206Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SK3200

ManufacturerPart #DatasheetDescription
logo
Dongguan City Niuhang E...
SS24AL NIUHANG-SS24AL Datasheet
293Kb / 3P
   SUFACE MOUNT SCHOTTKY RECTIFIERS
SS320-SMB-NH-E-OK NIUHANG-SS320-SMB-NH-E-OK Datasheet
1Mb / 3P
   SUFACE MOUNT SCHOTTKY RECTIFIERS
SS320-SMA-NH-E-OK NIUHANG-SS320-SMA-NH-E-OK Datasheet
1Mb / 3P
   SUFACE MOUNT SCHOTTKY RECTIFIERS
logo
Gaomi Xinghe Electronic...
SK17 GXELECTRONICS-SK17 Datasheet
1Mb / 3P
   Suface Mount Schottky Barrier Rectifiers
logo
Silan Microelectronics ...
SK12 SILAN-SK12 Datasheet
294Kb / 3P
   Suface Moint Schottky Barrier Rectifiers
logo
Shanghai Leiditech Elec...
RS3AF LEIDITECH-RS3AF Datasheet
142Kb / 3P
   Suface Mount Fast Recovery Rectifiers
logo
Omron Electronics LLC
G6S2FTRDC5 OMRON-G6S2FTRDC5 Datasheet
749Kb / 12P
   Suface Mount DPDT Relay
logo
Microdiode Electronics ...
DFR03A CHENDA-DFR03A Datasheet
148Kb / 2P
   SUFACE MOUNT FAST RECOVERY RECTIFIER
logo
Formosa MS
DFR1A FORMOSA-DFR1A Datasheet
134Kb / 2P
   SUFACE MOUNT FAST RECOVERY RECTIFIER
logo
Microdiode Electronics ...
DFR05A CHENDA-DFR05A Datasheet
161Kb / 2P
   SUFACE MOUNT FAST RECOVERY RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com