Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SK22-SMA-NH-E Datasheet(PDF) 2 Page - Dongguan City Niuhang Electronics Co.LTD

Part # SK22-SMA-NH-E
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIUHANG [Dongguan City Niuhang Electronics Co.LTD]
Direct Link  http://www.dgniuhang.com/
Logo NIUHANG - Dongguan City Niuhang Electronics Co.LTD

SK22-SMA-NH-E Datasheet(HTML) 2 Page - Dongguan City Niuhang Electronics Co.LTD

  SK22-SMA-NH-E Datasheet HTML 1Page - Dongguan City Niuhang Electronics Co.LTD SK22-SMA-NH-E Datasheet HTML 2Page - Dongguan City Niuhang Electronics Co.LTD SK22-SMA-NH-E Datasheet HTML 3Page - Dongguan City Niuhang Electronics Co.LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Production
Data Sheet
Niu Hang
Electronic Co. Ltd
http://www.dgniuhang.com
Page: 2 of 3
Date:2014/10/20
Rev.:AA
RATINGANDCHARACTERISTICCURVES
Fig.1 FORWARD CURRENT DERATING CURVE
Fig.4 TYPICAL JUNCTION CAPACITANCE
Fig.3 TYPICAL REVERSE CHARACTERISTICS
Fig.2-TYPICAL INSTANTANEOUS FORWARD
Fig.5- MAXIMUM NON - REPETITIVE SURGE CURRENT
AMBIENT TEMPERATURE,( C)
NUMBER OF CYCLES AT 60 Hz
INSTANTANEOUS FORWARD VOLEAGE,
VOLTS
PERCENT OF PEAK REVERSE VOLTAGE,%
REVERSE VOLTAGE,VOLTS
SK22 THRU SK220
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
2.0
1.6
1.2
0.8
0.4
0
0
25
50
75
100
125
150
175
SK22-SK26
SK28-SK220
Single Phase
Half Wave 60Hz
Resistive or
inductive Load
50
10.0
1
0.1
0.01
SK22-SK24
SK25-SK26
SK28-SK215
TJ=25 C
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
SK220
0
20
40
60
80
100
100
10
1
0.1
0.01
0.001
TJ=75 C
TJ=25 C
TJ=100 C
0.1
1.0
10
100
10
100
1000
2000
TJ=25 C
SK22-SK24
SK25-SK220
50
40
30
20
10
0
1
10
100
8.3ms SINGLE HALF SINE-WAVE
(JEDEC Method)
FIG. 6-TYPICAL TRANSIENT THERMAL IMPEDANCE
0.01
0.1
1
10
100
100
10
1
0.1
t,PULSE DURATION,sec.


Similar Part No. - SK22-SMA-NH-E

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
SK22-SMA YFWDIODE-SK22-SMA Datasheet
97Kb / 2P
   Schottky rectifier
More results

Similar Description - SK22-SMA-NH-E

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
SS12 SSE-SS12 Datasheet
16Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SX32 PANJIT-SX32_04 Datasheet
41Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
General Semiconductor
SS22 GE-SS22 Datasheet
85Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Sunrise Electr...
SK12 SSE-SK12 Datasheet
17Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
GOOD-ARK Electronics
SK22 GOOD-ARK-SK22 Datasheet
182Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Comchip Technology
CDBV120 COMCHIP-CDBV120 Datasheet
217Kb / 2P
   Surface Mount Schottky Barrier Rectifier
logo
Diotech Company.
SK52C DIOTECH-SK52C Datasheet
756Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
EIC discrete Semiconduc...
SKN0 EIC-SKN0_05 Datasheet
97Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SK52 EIC-SK52_05 Datasheet
97Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SS12F PANJIT-SS12F Datasheet
258Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shenzhen Taychipst Elec...
S510B TAYCHIPST-S510B Datasheet
8Mb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com