Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR76201EVB Datasheet(PDF) 9 Page - Exar Corporation

Part # XR76201EVB
Description  40V PowerBloxTM 1.5A Synchronous Step-Down COT Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR76201EVB Datasheet(HTML) 9 Page - Exar Corporation

Back Button XR76201EVB Datasheet HTML 5Page - Exar Corporation XR76201EVB Datasheet HTML 6Page - Exar Corporation XR76201EVB Datasheet HTML 7Page - Exar Corporation XR76201EVB Datasheet HTML 8Page - Exar Corporation XR76201EVB Datasheet HTML 9Page - Exar Corporation XR76201EVB Datasheet HTML 10Page - Exar Corporation XR76201EVB Datasheet HTML 11Page - Exar Corporation XR76201EVB Datasheet HTML 12Page - Exar Corporation XR76201EVB Datasheet HTML 13Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
XR
76201
9/16
REV1A
Typical Performance Characteristics (Continued)
Efficiency
Unless otherwise noted: TAMBIENT = 25°C, no air flow, L = 6.8µH, inductor losses are included, Application Circuit from the
Application Information section.
50
75
80
85
90
95
100
0.1 0.2
IOUT (A)
55
60
65
70
1.5
0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2 1.3 1.4
5.0V DCM
3.3V DCM
1.8V DCM
5.0V CCM
3.3V CCM
1.8V CCM
12.0V DCM
12.0V CCM
700kHz
800kHz
600kHz
400kHz
50
75
80
85
90
95
100
0.1 0.2
IOUT (A)
55
60
65
70
1.5
0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2 1.3 1.4
600kHz
5.0V DCM
3.3V DCM
1.8V DCM
5.0V CCM
3.3V CCM
1.8V CCM
500kHz
400kHz
Figure 19.
Efficiency, VIN = 12V
Figure 20.
Efficiency, VIN = 24V


Similar Part No. - XR76201EVB

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR76203 EXAR-XR76203 Datasheet
1Mb / 20P
   3A/5A/8A Synchronous Step Down COT Regulator
XR76203-Q EXAR-XR76203-Q Datasheet
689Kb / 20P
   AEC-Q100 Qualified 40V PowerBlox 3A/5A/8A Synchronous Step Down COT Regulator
XR76203EL-F EXAR-XR76203EL-F Datasheet
1Mb / 20P
   3A/5A/8A Synchronous Step Down COT Regulator
XR76203EL-Q EXAR-XR76203EL-Q Datasheet
689Kb / 20P
   AEC-Q100 Qualified 40V PowerBlox 3A/5A/8A Synchronous Step Down COT Regulator
XR76203ELMTR-F EXAR-XR76203ELMTR-F Datasheet
1Mb / 20P
   3A/5A/8A Synchronous Step Down COT Regulator
More results

Similar Description - XR76201EVB

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR76208EL-Q EXAR-XR76208EL-Q Datasheet
689Kb / 21P
   AEC-Q100 Qualified 40V PowerBloxTM 3A/5A/8A Synchronous Step Down COT Regulator
XR76121 EXAR-XR76121 Datasheet
1Mb / 18P
   PowerBloxTM 20A Synchronous Step-Down COT Regulators
XR75100 EXAR-XR75100 Datasheet
3Mb / 15P
   40V Synchronous Step Down COT Controller
XR76115 EXAR-XR76115 Datasheet
2Mb / 16P
   15A Synchronous Step Down COT Regulator
logo
ACE Technology Co., LTD...
ACE735N ACE-ACE735N Datasheet
190Kb / 3P
   High Efficiency, 1.5A 40V Input Synchronous Step-Down Regulator
VER 1.2
logo
Exar Corporation
XR79206EL-F EXAR-XR79206EL-F Datasheet
2Mb / 20P
   40V, 6A Synchronous Step-Down COT Power Module
logo
National Semiconductor ...
LM34919 NSC-LM34919 Datasheet
369Kb / 18P
   40V, 600 mA Step Down COT Switching Regulator
logo
Torex Semiconductor
XC9260 TOREX-XC9260 Datasheet
1Mb / 28P
   COT Control, 1.5A Synchronous Step-Down DC/DC Converters
XD9260 TOREX-XD9260 Datasheet
1Mb / 27P
   COT Control, 1.5A Synchronous Step-Down DC/DC Converters
XC9262 TOREX-XC9262 Datasheet
972Kb / 26P
   COT Control, 1.5A Synchronous Step-Down DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com