Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RS1AF-NH-OK Datasheet(PDF) 1 Page - Dongguan City Niuhang Electronics Co.LTD

Part # RS1AF-NH-OK
Description  FAST RECOVERY RECTIFIERS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIUHANG [Dongguan City Niuhang Electronics Co.LTD]
Direct Link  http://www.dgniuhang.com/
Logo NIUHANG - Dongguan City Niuhang Electronics Co.LTD

RS1AF-NH-OK Datasheet(HTML) 1 Page - Dongguan City Niuhang Electronics Co.LTD

  RS1AF-NH-OK Datasheet HTML 1Page - Dongguan City Niuhang Electronics Co.LTD RS1AF-NH-OK Datasheet HTML 2Page - Dongguan City Niuhang Electronics Co.LTD RS1AF-NH-OK Datasheet HTML 3Page - Dongguan City Niuhang Electronics Co.LTD RS1AF-NH-OK Datasheet HTML 4Page - Dongguan City Niuhang Electronics Co.LTD RS1AF-NH-OK Datasheet HTML 5Page - Dongguan City Niuhang Electronics Co.LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
CUSTOMER:
Specification
For Approval
Niu Hang Electronic Co. Ltd
纽航电子有限公司
产品规格承认书
客户名称
PRODUCT NAME:
产品名称
WARE PN:
型号规格
送样日期/DATE
地址:广东省东莞市莞城东城南路东升大厦7楼
Adress:Dongsheng building F7,Dongcheng South Road
电话/Tel.:+86-769-22509959/+86-769-22509859
传真/Fax.:+86-769-26265150
邮件/E-mail:niuhang@dgniuhang.com
网址/Website:www.dgniuhang.com
Guancheng District,Dongguan,Guangdong,P.R.China.
邮编/Post Code:523000
MODEL DETAIL:
客户料号
SUPPLIER:
 供应商
制作/MAKE BY
审核/CHECKED BY
批准/APPROVE BY
和平
小阳
江小芬
2016年10月27日
承认日期/DATE
承认/TESTED BY
审核/CHECKED BY
客户承认/CUSTOMER APPROVE BY
东莞市腾茂电子有限公司
快恢复二极管/FAST RECOVERY RECTIFIERS
RS1MF 1A/1KV SMAF
东莞市纽航电子有限公司
批准/APPROVE BY


Similar Part No. - RS1AF-NH-OK

ManufacturerPart #DatasheetDescription
logo
Dongguan Pingjingsemi T...
RS1AF-PJ PJSEMI-RS1AF-PJ Datasheet
756Kb / 3P
   SURFACE MOUNT FAST RECOVERY RECTIFIERS
logo
DONGGUAN YOU FENG WEI E...
RS1AF-SMAF YFWDIODE-RS1AF-SMAF Datasheet
419Kb / 3P
   Surface Mount Fast Recovery Rectifiers
RS1AF-SMAF YFWDIODE-RS1AF-SMAF_17 Datasheet
419Kb / 3P
   Surface Mount Fast Recovery Rectifiers
logo
List of Unclassifed Man...
RS1AF-THR-RS1MF ETC2-RS1AF-THR-RS1MF Datasheet
529Kb / 2P
   The plastic package carries Underwriters Laboratory Flammability Classification 94V-0
More results

Similar Description - RS1AF-NH-OK

ManufacturerPart #DatasheetDescription
logo
CHENG-YI ELECTRONIC CO....
FR201 CHENG-YI-FR201 Datasheet
103Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Compact Technology Corp...
1N4933 CTC-1N4933 Datasheet
71Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Shanghai Shunye Electro...
FR201 SY-FR201 Datasheet
233Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
EIC discrete Semiconduc...
FT2000AA EIC-FT2000AA Datasheet
110Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Sensitron
1N5186 SENSITRON-1N5186 Datasheet
36Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
EIC discrete Semiconduc...
RGP20A EIC-RGP20A Datasheet
57Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Microsemi Corporation
JAN1N3891 MICROSEMI-JAN1N3891 Datasheet
528Kb / 7P
   FAST RECOVERY RECTIFIERS
logo
Sangdest Microelectroni...
FR101 SMC-FR101 Datasheet
174Kb / 4P
   FAST RECOVERY RECTIFIERS
logo
Leshan Radio Company
1F3 LRC-1F3_15 Datasheet
189Kb / 7P
   Fast Recovery Rectifiers
1N4936 LRC-1N4936_15 Datasheet
200Kb / 7P
   Fast Recovery Rectifiers
logo
Taiwan Semiconductor Co...
BA157 TSC-BA157_14 Datasheet
379Kb / 4P
   Fast Recovery Rectifiers
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com