Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR18910ILMTR-64 Datasheet(PDF) 10 Page - Exar Corporation

Part # XR18910ILMTR-64
Description  8:1 Sensor Interface Analog Front End
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR18910ILMTR-64 Datasheet(HTML) 10 Page - Exar Corporation

Back Button XR18910ILMTR-64 Datasheet HTML 6Page - Exar Corporation XR18910ILMTR-64 Datasheet HTML 7Page - Exar Corporation XR18910ILMTR-64 Datasheet HTML 8Page - Exar Corporation XR18910ILMTR-64 Datasheet HTML 9Page - Exar Corporation XR18910ILMTR-64 Datasheet HTML 10Page - Exar Corporation XR18910ILMTR-64 Datasheet HTML 11Page - Exar Corporation XR18910ILMTR-64 Datasheet HTML 12Page - Exar Corporation XR18910ILMTR-64 Datasheet HTML 13Page - Exar Corporation XR18910ILMTR-64 Datasheet HTML 14Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
10/19
REV1A
Typical Performance Characteristics (Continued)
TA = 25°C, VCC = 3.3V, VDD = 1.8V, RL = 10kΩ to 1.5V, G = 760, unless otherwise noted.
-2.5
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
2.5
0
2
4
6
8
10
Time (seconds)
0
10
20
30
40
50
60
70
80
90
100
0.01
0.1
1
10
100
1000
Frequency (kHz)
G = 760
Figure 14. Input Voltage Noise vs. Frequency
Figure 15. 0.1Hz to 10Hz RTI Voltage Noise
1.35
1.4
1.45
1.5
1.55
0.25
0.75
1.25
1.75
2.25
2.75
Input Common Mode Voltage (V)
G = 2
G = 300
G = 760
-1
0
1
2
3
4
5
-10
-5
0
5
10
Output Current (mA)
G = 2
Figure 12. Output Offset Voltage vs. Output Current
Figure 13. Output Offset vs. Input Common Mode Voltage
0
1
2
3
4
0
10
20
30
40
50
ILDO (mA)
VCC = 3.3V
VCC = 5V
1.5
2
2.5
3
3.5
0
5
10
15
20
25
ILDO (mA)
G = 2
Current Sense Mode Active
Figure 10. LDO Current vs. Output Voltage
Figure 11. LDO Output Current
XR
18910


Similar Part No. - XR18910ILMTR-64

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR18W750 EXAR-XR18W750 Datasheet
908Kb / 44P
   WIRELESS UART CONTROLLER
XR18W750IL48 EXAR-XR18W750IL48 Datasheet
908Kb / 44P
   WIRELESS UART CONTROLLER
XR18W753 EXAR-XR18W753 Datasheet
341Kb / 27P
   SINGLE CHIP 868MHZ TO 956MHZ RF TRANSCEIVER
XR18W753IL48 EXAR-XR18W753IL48 Datasheet
341Kb / 27P
   SINGLE CHIP 868MHZ TO 956MHZ RF TRANSCEIVER
More results

Similar Description - XR18910ILMTR-64

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP2036 MICROCHIP-MCP2036 Datasheet
669Kb / 30P
   Inductive Sensor Analog Front End Device
2009
logo
STMicroelectronics
TDA7521 STMICROELECTRONICS-TDA7521 Datasheet
95Kb / 11P
   Analog Front End
logo
DATEL, Inc.
ADCDS-1801LC-C DATEL-ADCDS-1801LC-C Datasheet
138Kb / 1P
   Analog Front End
ADCDS-1603LEX-C DATEL-ADCDS-1603LEX-C Datasheet
110Kb / 1P
   Analog Front End
logo
Shenzhen Huazhimei Semi...
HM1001 HMSEMI-HM1001 Datasheet
486Kb / 9P
   Infrared sensor analog front end dedicated chip
logo
DATEL, Inc.
ADCDS-1603LC-C DATEL-ADCDS-1603LC-C Datasheet
138Kb / 1P
   Analog Front End
logo
Texas Instruments
VSP2590 TI-VSP2590 Datasheet
583Kb / 36P
[Old version datasheet]   DUAL-CHANNEL IMAGE SENSOR ANALOG FRONT-END
VSP7500 TI1-VSP7500 Datasheet
342Kb / 13P
[Old version datasheet]   FOUR-CHANNEL IMAGE SENSOR ANALOG FRONT-END
logo
DATEL, Inc.
ADCDS-1801LEX-C DATEL-ADCDS-1801LEX-C Datasheet
139Kb / 1P
   Analog Front End
logo
Texas Instruments
AFE5805 TI-AFE5805 Datasheet
417Kb / 32P
[Old version datasheet]   8-CHANNEL ANALOG FRONT-END FOR ULTRASOUND
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com