Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR18910IL-65 Datasheet(PDF) 3 Page - Exar Corporation

Part # XR18910IL-65
Description  8:1 Sensor Interface Analog Front End
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR18910IL-65 Datasheet(HTML) 3 Page - Exar Corporation

  XR18910IL-65 Datasheet HTML 1Page - Exar Corporation XR18910IL-65 Datasheet HTML 2Page - Exar Corporation XR18910IL-65 Datasheet HTML 3Page - Exar Corporation XR18910IL-65 Datasheet HTML 4Page - Exar Corporation XR18910IL-65 Datasheet HTML 5Page - Exar Corporation XR18910IL-65 Datasheet HTML 6Page - Exar Corporation XR18910IL-65 Datasheet HTML 7Page - Exar Corporation XR18910IL-65 Datasheet HTML 8Page - Exar Corporation XR18910IL-65 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
3/19
REV1A
Electrical Characteristics
TA = 25°C, VCC = 3.3V, VDD = 1.8V, RL = 10kΩ to 1.5V, G = 760, unless otherwise noted.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
DC Performance
VIO
Input offset voltage
Input referred
-3
±0.02
3
mV
dVIO
Input offset voltage average drift
3
μV/°C
IB
Input bias current
-100
15
100
pA
IOS
Input offset current
-100
1
100
pA
PSRR
Power supply rejection ratio
VCC = 2.7V to 5V
60
91
dB
G
Gain = 2
Nominal, refer to Gain Register Table (pg. 7)
2.0
V/V
Gain = 20
20.0
V/V
Gain = 40
40.0
V/V
Gain = 80
80.0
V/V
Gain = 150
150.0
V/V
Gain = 300
299.9
V/V
Gain = 600
599.6
V/V
Gain = 760
759.4
V/V
GE
Gain error
-0.5
0.5
%
Gain error vs temperature
±10
ppm/°C
ISVCC
VCC supply current
No load to output, no load to LDO
435
530
μA
ISVCCD
Disable VCC supply current
No load to output, no load to LDO
48
62
μA
ISVDD
VDD supply current
No load to output, no load to LDO, I2C running
22
29
μA
ISTOTAL
Total supply current
No load to output, no load to LDO
457
559
μA
ISDTOTAL
Total disable supply current
No load to output, no load to LDO, LDO DIS
45
μA
No load to output, no load to LDO, LDO EN
70
91
μA
Input Characteristics
Input impedance
1013 || 11.2
Ω || pF
CMIR
Common mode input range
0.5
0.23 to
3.06
2.5
V
CMRR
Common mode rejection ratio
Input referred, VCM = 0.5 to 2.0V
75
88
dB
Output Characteristics
VOUT
Output voltage swing
RL = 10kΩ to 1.5V
0.1
0.04 to
3.29
3.1
V
VOO
Output offset
Offset DAC 0 00 0000 0000, G = 2
1.4
1.5
1.6
V
Offset DAC
Offset DAC range
RTI (referred to input)
±560
mV
Offset monotonicity
8
10
Bits
LDO
Output voltage
1.5k load, LDO bit LOW
-6%
3
+6%
V
1.5k load, LDO bit HIGH
-6%
2.65
+6%
V
Dropout voltage
VCC = 2.8V, LDO = 2.65V, ILOAD = 10mA
150
mV
Output current
10
25
mA
Power supply rejection ratio
Output referred, VCC = 3V to 5V, LDO = 2.65V
45
63
dB
Output referred, VCC = 3.3V to 5V, LDO = 3V
45
63
dB
Output current sense transimpedance slope
Output voltage relative to 1.5V / LDO current, G = 2
0.08
0.1
0.12
V/mA
Output current sense range clip
G = 2
18.8
mA
XR
18910


Similar Part No. - XR18910IL-65

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR18W750 EXAR-XR18W750 Datasheet
908Kb / 44P
   WIRELESS UART CONTROLLER
XR18W750IL48 EXAR-XR18W750IL48 Datasheet
908Kb / 44P
   WIRELESS UART CONTROLLER
XR18W753 EXAR-XR18W753 Datasheet
341Kb / 27P
   SINGLE CHIP 868MHZ TO 956MHZ RF TRANSCEIVER
XR18W753IL48 EXAR-XR18W753IL48 Datasheet
341Kb / 27P
   SINGLE CHIP 868MHZ TO 956MHZ RF TRANSCEIVER
More results

Similar Description - XR18910IL-65

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP2036 MICROCHIP-MCP2036 Datasheet
669Kb / 30P
   Inductive Sensor Analog Front End Device
2009
logo
STMicroelectronics
TDA7521 STMICROELECTRONICS-TDA7521 Datasheet
95Kb / 11P
   Analog Front End
logo
DATEL, Inc.
ADCDS-1801LC-C DATEL-ADCDS-1801LC-C Datasheet
138Kb / 1P
   Analog Front End
ADCDS-1603LEX-C DATEL-ADCDS-1603LEX-C Datasheet
110Kb / 1P
   Analog Front End
logo
Shenzhen Huazhimei Semi...
HM1001 HMSEMI-HM1001 Datasheet
486Kb / 9P
   Infrared sensor analog front end dedicated chip
logo
DATEL, Inc.
ADCDS-1603LC-C DATEL-ADCDS-1603LC-C Datasheet
138Kb / 1P
   Analog Front End
logo
Texas Instruments
VSP2590 TI-VSP2590 Datasheet
583Kb / 36P
[Old version datasheet]   DUAL-CHANNEL IMAGE SENSOR ANALOG FRONT-END
VSP7500 TI1-VSP7500 Datasheet
342Kb / 13P
[Old version datasheet]   FOUR-CHANNEL IMAGE SENSOR ANALOG FRONT-END
logo
DATEL, Inc.
ADCDS-1801LEX-C DATEL-ADCDS-1801LEX-C Datasheet
139Kb / 1P
   Analog Front End
logo
Texas Instruments
AFE5805 TI-AFE5805 Datasheet
417Kb / 32P
[Old version datasheet]   8-CHANNEL ANALOG FRONT-END FOR ULTRASOUND
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com