Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR18910ILTR-66 Datasheet(PDF) 4 Page - Exar Corporation

Part # XR18910ILTR-66
Description  8:1 Sensor Interface Analog Front End
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR18910ILTR-66 Datasheet(HTML) 4 Page - Exar Corporation

  XR18910ILTR-66 Datasheet HTML 1Page - Exar Corporation XR18910ILTR-66 Datasheet HTML 2Page - Exar Corporation XR18910ILTR-66 Datasheet HTML 3Page - Exar Corporation XR18910ILTR-66 Datasheet HTML 4Page - Exar Corporation XR18910ILTR-66 Datasheet HTML 5Page - Exar Corporation XR18910ILTR-66 Datasheet HTML 6Page - Exar Corporation XR18910ILTR-66 Datasheet HTML 7Page - Exar Corporation XR18910ILTR-66 Datasheet HTML 8Page - Exar Corporation XR18910ILTR-66 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
4/19
REV1A
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Dynamic Performance
BW
-3dB bandwidth
G = 760
66
kHz
G = 2
1300
kHz
SR
Slew rate
VOUT = 1VP-P, G = 2
1
V/μs
eNI
Input voltage noise, RTI
f = 10Hz
75
nV/√Hz
f = 100Hz
46
nV/√Hz
f = 1kHz
35
nV/√Hz
iN
Input current noise
f = 10Hz
0.6
fA/√Hz
eNP-P
Peak-to-peak noise
f = 0.1 to 10Hz
2
μVP-P
XTALK
Crosstalk
Channel-to-channel, f = 1kHz
90
dB
TS
Set-up time, 1% settling
Analog ready after serial register finished write
3.5
μs
TWAKE
Wake up time, 1% settling
Wake from ACK of SLEEP_OUT command
9.6
μs
Digital Characteristics (CMOS)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VIH
Logic input HIGH
0.7
x VDD
VDD
V
VIL
Logic input LOW
0
0.3
x VDD
V
IIH
Input leakage HIGH
VI = VS
10
μA
IIL
Input leakage LOW
VI = 0
-10
μA
CLKF
Clock rate
0.4
MHz
I2C Bus Timing
TA = -40 to 85°C, VDD = 1.8 to 5V, unless otherwise noted.
Symbol
Parameter
Standard Mode
I2C-BUS
Fast Mode
I2C-BUS
Units
Min
Max
Min
Max
fSCL
Operating frequency
0
100
0
400
kHz
TBUF
Bus free time between STOP and
START
4.7
1.3
μs
THD;STA
START condition hold time
4.0
0.6
μs
TSU;STA
START condition setup time
4.7
0.6
μs
THD;DAT
Data hold time
0
0
μs
TVD;ACK
Data valid acknowledge
0.6
0.6
μs
TVD;DAT
SCL LOW to data out valid
0.6
0.6
ns
TSU;DAT
Data setup time
250
150
ns
TLOW
Clock LOW period
4.7
1.3
μs
THIGH
Clock HIGH period
4.0
0.6
μs
TF
Clock/data fall time
300
300
ns
TR
Clock/data rise time
1000
300
ns
TSP
Pulse width of spikes tolerance
0.5
0.5
μs
Electrical Characteristics (Continued)
TA = 25°C, VCC = 3.3V, VDD = 1.8V, RL = 10kΩ to 1.5V, G = 760, unless otherwise noted.
XR
18910


Similar Part No. - XR18910ILTR-66

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR18W750 EXAR-XR18W750 Datasheet
908Kb / 44P
   WIRELESS UART CONTROLLER
XR18W750IL48 EXAR-XR18W750IL48 Datasheet
908Kb / 44P
   WIRELESS UART CONTROLLER
XR18W753 EXAR-XR18W753 Datasheet
341Kb / 27P
   SINGLE CHIP 868MHZ TO 956MHZ RF TRANSCEIVER
XR18W753IL48 EXAR-XR18W753IL48 Datasheet
341Kb / 27P
   SINGLE CHIP 868MHZ TO 956MHZ RF TRANSCEIVER
More results

Similar Description - XR18910ILTR-66

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP2036 MICROCHIP-MCP2036 Datasheet
669Kb / 30P
   Inductive Sensor Analog Front End Device
2009
logo
STMicroelectronics
TDA7521 STMICROELECTRONICS-TDA7521 Datasheet
95Kb / 11P
   Analog Front End
logo
DATEL, Inc.
ADCDS-1801LC-C DATEL-ADCDS-1801LC-C Datasheet
138Kb / 1P
   Analog Front End
ADCDS-1603LEX-C DATEL-ADCDS-1603LEX-C Datasheet
110Kb / 1P
   Analog Front End
logo
Shenzhen Huazhimei Semi...
HM1001 HMSEMI-HM1001 Datasheet
486Kb / 9P
   Infrared sensor analog front end dedicated chip
logo
DATEL, Inc.
ADCDS-1603LC-C DATEL-ADCDS-1603LC-C Datasheet
138Kb / 1P
   Analog Front End
logo
Texas Instruments
VSP2590 TI-VSP2590 Datasheet
583Kb / 36P
[Old version datasheet]   DUAL-CHANNEL IMAGE SENSOR ANALOG FRONT-END
VSP7500 TI1-VSP7500 Datasheet
342Kb / 13P
[Old version datasheet]   FOUR-CHANNEL IMAGE SENSOR ANALOG FRONT-END
logo
DATEL, Inc.
ADCDS-1801LEX-C DATEL-ADCDS-1801LEX-C Datasheet
139Kb / 1P
   Analog Front End
logo
Texas Instruments
AFE5805 TI-AFE5805 Datasheet
417Kb / 32P
[Old version datasheet]   8-CHANNEL ANALOG FRONT-END FOR ULTRASOUND
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com