Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR18910IL-66 Datasheet(PDF) 6 Page - Exar Corporation

Part # XR18910IL-66
Description  8:1 Sensor Interface Analog Front End
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR18910IL-66 Datasheet(HTML) 6 Page - Exar Corporation

Back Button XR18910IL-66 Datasheet HTML 2Page - Exar Corporation XR18910IL-66 Datasheet HTML 3Page - Exar Corporation XR18910IL-66 Datasheet HTML 4Page - Exar Corporation XR18910IL-66 Datasheet HTML 5Page - Exar Corporation XR18910IL-66 Datasheet HTML 6Page - Exar Corporation XR18910IL-66 Datasheet HTML 7Page - Exar Corporation XR18910IL-66 Datasheet HTML 8Page - Exar Corporation XR18910IL-66 Datasheet HTML 9Page - Exar Corporation XR18910IL-66 Datasheet HTML 10Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
6/19
REV1A
Electrical Characteristics (Continued)
Table 1. Register List
Reg No.
Name
Function
R/
W/
C
Byte of
Parameter
Parameter
Default
Code
Power-up
Condition
Remark
Hex
Dec
0x00
0
NOP
No operation
C
0
N/A
Does not execute a function. NOP is used to
test successful I2C communication
Reset
0x01
1
SW_RESET
Software reset
C
0
N/A
Resets all registers to default values
Read ID
0x02
2
DEVICE_ID
Read Device ID
R
2
[15:0]: report “8910” in
BCD
0x8910
Instructs the XR18910 to report its device ID
8910 in binary form (1000 1001 0001 0000)
0x03
3
VERSION_ID
Read HW & SW
version numbers
R
2
[15:12]: reserved
[11:8]: Hardware version #
[7:0]: Software version #
N/A
Initial H/W version number is ‘0’;
Initial S/W version number is ‘01’.
Sleep in/out
0x04
4
SLEEP_OUT_
REG
Normal operating
mode, system active
C
0
N/A
Active
Puts the XR18910 into active mode. (wake up)
0x05
5
SLEEP_IN_
REG
Sleep Mode
C
0
N/A
Active
Puts the analog portion of the XR18910 into
sleep mode.
During sleep mode, the only I2C command
that can be received/processed is the
SLEEP_OUT command (0x04). All other
register addresses will be ignored.
Basic Config
0x06
6
Gain
Gain select
R/W
1
[2:0]: Gain select
0x00
Gain = 2
Eight gain settings are selectable (from 2V/V
to 760V/V), refer to the Gain Register Table
for more information.
0x07
7
LDO
LDO Settings
R/W
1
[0]:LDO 3V, 2.65V
[1]:LDO disable
0x00
LDO = 3V
Bit 0 controls the LDO voltage (0:3V;1:2.65V).
Bit 1 (Sleep Mode only). Bit 1 controls whether
the LDO shuts down or stays on during Sleep
Mode. (0: Enable; 1: Disable). When the
XR18910 is active, the LDO is always on.
0x08
8
LDO Current
Sense Select
LDO Current Sense
C
0
N/A
Off
When on, the LDO current is sensed and a
proportional voltage is present at the output of
the XR18910.
Current Sense Mode remains active until an input
select command is received by the XR18910.
Channel Switch (Input MUX Select)
0x10
16
Select_Input_1
Select Channel 1
C
0
N/A
Channel 1
is selected
Select +IN1, -IN1; Channel 1
0x12
18
Select_Input_2
Select Channel 2
C
0
Select +IN2, -IN2; Channel 2
0x14
20
Select_Input_3
Select Channel 3
C
0
Select +IN3, -IN3; Channel 3
0x15
21
Select_Input_4
Select Channel 4
C
0
Select +IN4, -IN4; Channel 4
0x18
24
Select_Input_5
Select Channel 5
C
0
Select +IN5, -IN5; Channel 5
0x1A
26
Select_Input_6
Select Channel 6
C
0
Select +IN6, -IN6; Channel 6
0x1C
28
Select_Input_7
Select Channel 7
C
0
Select +IN7, -IN7; Channel 7
0x1E
30
Select_Input_8
Select Channel 8
C
0
Select +IN8, -IN8; Channel 8
Offset DAC Config
0x20
32
DAC1
Configures DAC offset
applied to Channel 1
R/W
2
[10]: DAC Sign
[9:0]: DAC Range
0x00
0mV
offset
Bit 10 controls the sign of the DAC offset
voltage. Bits 9 thru 0 control the value of
the DAC offset voltage.
[10]: DAC Sign 0 = positive; 1 = negative
0x22
34
DAC2
Configures DAC offset
applied to Channel 2
R/W
2
0x24
36
DAC3
Configures DAC offset
applied to Channel 3
R/W
2
0x25
37
DAC4
Configures DAC offset
applied to Channel 4
R/W
2
0x28
40
DAC5
Configures DAC offset
applied to Channel 5
R/W
2
0x2A
42
DAC6
Configures DAC offset
applied to Channel 6
R/W
2
0x2C
44
DAC7
Configures DAC offset
applied to Channel 7
R/W
2
0x2E
46
DAC8
Configures DAC offset
applied to Channel 8
R/W
2
NOTE:
Register numbers not listed above have no function.
XR
18910


Similar Part No. - XR18910IL-66

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR18W750 EXAR-XR18W750 Datasheet
908Kb / 44P
   WIRELESS UART CONTROLLER
XR18W750IL48 EXAR-XR18W750IL48 Datasheet
908Kb / 44P
   WIRELESS UART CONTROLLER
XR18W753 EXAR-XR18W753 Datasheet
341Kb / 27P
   SINGLE CHIP 868MHZ TO 956MHZ RF TRANSCEIVER
XR18W753IL48 EXAR-XR18W753IL48 Datasheet
341Kb / 27P
   SINGLE CHIP 868MHZ TO 956MHZ RF TRANSCEIVER
More results

Similar Description - XR18910IL-66

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP2036 MICROCHIP-MCP2036 Datasheet
669Kb / 30P
   Inductive Sensor Analog Front End Device
2009
logo
STMicroelectronics
TDA7521 STMICROELECTRONICS-TDA7521 Datasheet
95Kb / 11P
   Analog Front End
logo
DATEL, Inc.
ADCDS-1801LC-C DATEL-ADCDS-1801LC-C Datasheet
138Kb / 1P
   Analog Front End
ADCDS-1603LEX-C DATEL-ADCDS-1603LEX-C Datasheet
110Kb / 1P
   Analog Front End
logo
Shenzhen Huazhimei Semi...
HM1001 HMSEMI-HM1001 Datasheet
486Kb / 9P
   Infrared sensor analog front end dedicated chip
logo
DATEL, Inc.
ADCDS-1603LC-C DATEL-ADCDS-1603LC-C Datasheet
138Kb / 1P
   Analog Front End
logo
Texas Instruments
VSP2590 TI-VSP2590 Datasheet
583Kb / 36P
[Old version datasheet]   DUAL-CHANNEL IMAGE SENSOR ANALOG FRONT-END
VSP7500 TI1-VSP7500 Datasheet
342Kb / 13P
[Old version datasheet]   FOUR-CHANNEL IMAGE SENSOR ANALOG FRONT-END
logo
DATEL, Inc.
ADCDS-1801LEX-C DATEL-ADCDS-1801LEX-C Datasheet
139Kb / 1P
   Analog Front End
logo
Texas Instruments
AFE5805 TI-AFE5805 Datasheet
417Kb / 32P
[Old version datasheet]   8-CHANNEL ANALOG FRONT-END FOR ULTRASOUND
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com