Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR620AISO8EVB Datasheet(PDF) 1 Page - Exar Corporation

Part # XR620AISO8EVB
Description  Instrumentation Amplifier
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR620AISO8EVB Datasheet(HTML) 1 Page - Exar Corporation

  XR620AISO8EVB Datasheet HTML 1Page - Exar Corporation XR620AISO8EVB Datasheet HTML 2Page - Exar Corporation XR620AISO8EVB Datasheet HTML 3Page - Exar Corporation XR620AISO8EVB Datasheet HTML 4Page - Exar Corporation XR620AISO8EVB Datasheet HTML 5Page - Exar Corporation XR620AISO8EVB Datasheet HTML 6Page - Exar Corporation XR620AISO8EVB Datasheet HTML 7Page - Exar Corporation XR620AISO8EVB Datasheet HTML 8Page - Exar Corporation XR620AISO8EVB Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
XR620A
Instrumentation Amplifier
© 2013-2015 Exar Corporation
1 / 15
exar.com/XR620A
Rev 1B
FEATURES
±2.3V to ±18V supply voltage range
Gain range of 1 to 10,000
Gain set with one external resistor
±125μV maximum input offset voltage
0.1μV/°C input offset drift
700kHz bandwidth at G = 1
1.2V/μs slew rate
90dB minimum CMRR at G = 10
2.2mA maximum supply current
6.6nV/√Hz input voltage noise
70nV/√Hz output voltage noise
0.2μVpp input noise (0.1Hz to 10Hz)
DIP-8 or Pb-free SOIC-8
APPLICATIONS
Bridge amplifier
Weigh scales
Thermocouple amplifier
ECG and medical instrumentation
MRI (Magnetic Resonance Imaging)
Patient monitors
Transducer interface
Data acquisition systems
Strain gauge amplifier
Industrial process controls
General Description
The XR620A is a low power, general purpose instrumentation amplifier
with a gain range of 1 to 10,000. The XR620A is offered in 8-lead SOIC or
DIP packages and requires only one external gain setting resistor making
it smaller and easier to implement than discrete, 3-amp designs.
While consuming only 2.2mA of supply current, the XR620A offers a low
6.6nV/Hz input voltage noise and 0.2μVpp noise from 0.1Hz to 10Hz.
The XR620A offers a low input offset voltage of ±125μV that only varies
0.1μV/°C over it’s operating temperature range of -40°C to +85°C. The
XR620A also features 50ppm maximum nonlinearity. These features
make it well suited for use in data acquisition systems.
Typical Application
2
1
8
3
4
7
6
5
VOUT
XR620A
–Input
To Power
Supply Ground
Reference
+Input
+VS
RG
–VS
Load
Thermocouple Amplifier
Competitive Plot
-7
-6
-5
-4
-3
-2
-1
0
1
2
3
0.0001
0.001
0.01
0.1
1
10
Frequency (MHz)
XR620A
Competitor A
VOUT = 0.2Vpp
RL = 2kΩ
G = 1
VS = ±15V
Ordering Information - back page


Similar Part No. - XR620AISO8EVB

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR68C192 EXAR-XR68C192 Datasheet
282Kb / 32P
   DUAL UNIVERSAL ASYNCHRONOUS RECEIVER AND TRANSMITTER
XR68C192 EXAR-XR68C192 Datasheet
188Kb / 33P
   DUAL UNIVERSAL ASYNCHRONOUS RECEIVER AND TRANSMITTER
XR68C192CJ EXAR-XR68C192CJ Datasheet
282Kb / 32P
   DUAL UNIVERSAL ASYNCHRONOUS RECEIVER AND TRANSMITTER
XR68C192CJ EXAR-XR68C192CJ Datasheet
188Kb / 33P
   DUAL UNIVERSAL ASYNCHRONOUS RECEIVER AND TRANSMITTER
XR68C192CP EXAR-XR68C192CP Datasheet
282Kb / 32P
   DUAL UNIVERSAL ASYNCHRONOUS RECEIVER AND TRANSMITTER
More results

Similar Description - XR620AISO8EVB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PGA202 TI1-PGA202_00 Datasheet
106Kb / 11P
[Old version datasheet]   INSTRUMENTATION AMPLIFIER
INA120 TI-INA120 Datasheet
128Kb / 12P
[Old version datasheet]   INSTRUMENTATION AMPLIFIER
logo
Cadeka Microcircuits LL...
CLC1200 CADEKA-CLC1200 Datasheet
1Mb / 15P
   Instrumentation Amplifier
logo
Texas Instruments
INA322 TI1-INA322_16 Datasheet
815Kb / 22P
[Old version datasheet]   INSTRUMENTATION AMPLIFIER
INA337 TI1-INA337_14 Datasheet
830Kb / 19P
[Old version datasheet]   INSTRUMENTATION AMPLIFIER
PGA206 TI1-PGA206_16 Datasheet
213Kb / 13P
[Old version datasheet]   INSTRUMENTATION AMPLIFIER
logo
Burr-Brown (TI)
ISO165 BURR-BROWN-ISO165 Datasheet
164Kb / 8P
   INSTRUMENTATION AMPLIFIER
logo
Texas Instruments
INA2141 TI1-INA2141 Datasheet
751Kb / 15P
[Old version datasheet]   INSTRUMENTATION AMPLIFIER
PGA204 TI1-PGA204_16 Datasheet
794Kb / 20P
[Old version datasheet]   INSTRUMENTATION AMPLIFIER
logo
Exar Corporation
CLC1200 EXAR-CLC1200 Datasheet
1Mb / 15P
   Instrumentation Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com