Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR10910 Datasheet(PDF) 19 Page - Exar Corporation

Part # XR10910
Description  16:1 Sensor Interface
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR10910 Datasheet(HTML) 19 Page - Exar Corporation

Back Button XR10910 Datasheet HTML 11Page - Exar Corporation XR10910 Datasheet HTML 12Page - Exar Corporation XR10910 Datasheet HTML 13Page - Exar Corporation XR10910 Datasheet HTML 14Page - Exar Corporation XR10910 Datasheet HTML 15Page - Exar Corporation XR10910 Datasheet HTML 16Page - Exar Corporation XR10910 Datasheet HTML 17Page - Exar Corporation XR10910 Datasheet HTML 18Page - Exar Corporation XR10910 Datasheet HTML 19Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 19 / 19 page
background image
For Further Assistance:
Email: CustomerSupport@exar.com or HPATechSupport@exar.com
Exar Technical Documentation: http://www.exar.com/techdoc/
Exar Corporation Headquarters and Sales Offices
48760 Kato Road
Tel.: +1 (510) 668-7000
Fremont, CA 94538 - USA
Fax: +1 (510) 668-7001
NOTICE
EXAR Corporation reserves the right to make changes to the products contained in this publication in order to improve design, performance or reliability. EXAR Corporation
assumes no responsibility for the use of any circuits described herein, conveys no license under any patent or other right, and makes no representation that the circuits are free
of patent infringement. Charts and schedules contained here in are only for illustration purposes and may vary depending upon a user’s specific application. While the information
in this publication has been carefully checked; no responsibility, however, is assumed for inaccuracies.
EXAR Corporation does not recommend the use of any of its products in life support applications where the failure or malfunction of the product can reasonably be expected
to cause failure of the life support system or to significantly affect its safety or effectiveness. Products are not authorized for use in such applications unless EXAR Corporation
receives, in writing, assurances to its satisfaction that: (a) the risk of injury or damage has been minimized; (b) the user assumes all such risks; (c) potential liability of EXAR
Corporation is adequately protected under the circumstances.
Reproduction, in part or whole, without the prior written consent of EXAR Corporation is prohibited.
© 2014-2015 Exar Corporation
19 / 19
exar.com/XR10910
Rev 1B
XR10910
Ordering Information
Part Number
Package
Green
Operating Temperature Range
Packaging
XR10910IL40-F
QFN-40
Yes
-40°C to +85°C
Tray
XR10910IL40TR-F
QFN-40
Yes
-40°C to +85°C
Tape & Reel
XR10910IL40EVB
Evaluation Board
N/A
N/A
N/A


Similar Part No. - XR10910

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XR1000 MIMIX-XR1000 Datasheet
490Kb / 6P
   17.0-27.0 GHz GaAs MMIC Receiver
XR1001 MIMIX-XR1001 Datasheet
1Mb / 8P
   33.0-40.0 GHz GaAs MMIC Receiver
XR1001-BD MIMIX-XR1001-BD Datasheet
288Kb / 8P
   33.0-40.0 GHz GaAs MMIC Receiver
XR1001-BD-000V MIMIX-XR1001-BD-000V Datasheet
288Kb / 8P
   33.0-40.0 GHz GaAs MMIC Receiver
XR1001-BD-000W MIMIX-XR1001-BD-000W Datasheet
288Kb / 8P
   33.0-40.0 GHz GaAs MMIC Receiver
More results

Similar Description - XR10910

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR18910 EXAR-XR18910 Datasheet
948Kb / 19P
   8:1 Sensor Interface Analog Front End
logo
Intel Corporation
28F016XD INTEL-28F016XD Datasheet
1Mb / 54P
   16-MBIT (1 MBIT x 16) DRAM-INTERFACE FLASH MEMORY
logo
LSI Computer Systems
LS6511 LSI-LS6511 Datasheet
46Kb / 4P
   PIR SENSOR INTERFACE
LS6506R LSI-LS6506R Datasheet
240Kb / 12P
   PIR SENSOR INTERFACE
logo
Melexis Microelectronic...
MLX90314 MELEXIS-MLX90314 Datasheet
3Mb / 28P
   Programmable Sensor Interface
logo
Texas Instruments
TPIC8101 TI-TPIC8101_05 Datasheet
324Kb / 20P
[Old version datasheet]   KNOCK SENSOR INTERFACE
logo
Melexis Microelectronic...
MLX90314 MELEXIS-MLX90314_17 Datasheet
1Mb / 33P
   Programmable Sensor Interface
logo
LSI Computer Systems
LS6505 LSI-LS6505_06 Datasheet
67Kb / 4P
   PIR SENSOR INTERFACE
LS6511 LSI-LS6511_06 Datasheet
274Kb / 4P
   PIR SENSOR INTERFACE
LS6522 LSI-LS6522 Datasheet
286Kb / 8P
   PIR SENSOR INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com