Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K28 Datasheet(PDF) 2 Page - Dongguan City Niuhang Electronics Co.LTD

Part # K28
Description  SCHOTTKY RECTIFIERS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIUHANG [Dongguan City Niuhang Electronics Co.LTD]
Direct Link  http://www.dgniuhang.com/
Logo NIUHANG - Dongguan City Niuhang Electronics Co.LTD

K28 Datasheet(HTML) 2 Page - Dongguan City Niuhang Electronics Co.LTD

  K28 Datasheet HTML 1Page - Dongguan City Niuhang Electronics Co.LTD K28 Datasheet HTML 2Page - Dongguan City Niuhang Electronics Co.LTD K28 Datasheet HTML 3Page - Dongguan City Niuhang Electronics Co.LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Production
Data Sheet
Niu Hang
Electronic Co. Ltd
Page: 2 of 3
Date:2014/10/20
Rev.:AA
RATINGANDCHARACTERISTICCURVES
(TA=25°C(UNLESS OTHERWISE NOTED)
T L
,
(°C)
V F
Fig.1-FORWARD CURRENT DERATING CURVE
Fig.2-TYPEICAL FORWARD CHARACTERISTICS
Fig.3-TYPICAL REVERSE CHARACTERISTICS
Fig.4-TYPICAL JUNCTION CAPACITANCE
VR
Fig.5-MAX. NON-REPETITIVE SURGE CURRENT
,REVERSE VOLTAGE(V)
LEAD TEMPERATURE
,FORWARD VOLTAGE(V)
PERCENT OF RATED PEAK REVERSE VOLTAGE(%)
NUMBER OF CYCLES AT60HZ
http://www.dgniuhang.com
2.0
1.6
1.2
0.8
0.4
0
0
25
50
75
100
125
150
175
Single Phase
Half Wave 60Hz
Resistive or
inductive Load
K27-K210
K22-K26
0.2
0.4
0.6
0.8
1.0
1.1
0.01
0.1
1
20
10
TJ=25 C
PULSE WIDTH=300
µs
1%DUTY CYCLE
K25-K26
K22-K24
K27-K210
0
20
40
60
80
100
100
10
1
0.1
0.01
0.001
TJ=25 C
TJ=100 C
TJ=75 C
0.1
1.0
10
100
TJ=25 C
10
100
1000
2000
K25-K210
K22-K24
40
32
24
16
8
0
1
10
100
8.3ms SINGLE HALF SINE-WAVE
(JEDEC Method)
K22 THRU K210
SCHOTTKY RECTIFIERS


Similar Part No. - K28

ManufacturerPart #DatasheetDescription
logo
SAMYANG ELECTRONICS CO....
K28 SAMYANG-K28 Datasheet
1Mb / 2P
   SCHOTTKY BARRIE R RECTIFIERS
logo
List of Unclassifed Man...
K28110-PROPLUS ETC2-K28110-PROPLUS Datasheet
5Mb / 64P
   T O TA L L A M P S O LU T I O N S
K2821-K60 ETC2-K2821-K60 Datasheet
323Kb / 17P
   Multilayer Chip Capacitors
K2822-K60 ETC2-K2822-K60 Datasheet
323Kb / 17P
   Multilayer Chip Capacitors
K2822-K62 ETC2-K2822-K62 Datasheet
323Kb / 17P
   Multilayer Chip Capacitors
More results

Similar Description - K28

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
SB220 LRC-SB220 Datasheet
262Kb / 7P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
logo
Fairchild Semiconductor
SS26 FAIRCHILD-SS26 Datasheet
49Kb / 3P
   Schottky Rectifiers
logo
Motorola, Inc
MBR040 MOTOROLA-MBR040 Datasheet
159Kb / 2P
   Schottky rectifiers
logo
Central Semiconductor C...
CSHDD16-40C CENTRAL-CSHDD16-40C_15 Datasheet
557Kb / 2P
   SCHOTTKY RECTIFIERS
logo
Fairchild Semiconductor
SS32 FAIRCHILD-SS32_01 Datasheet
53Kb / 3P
   Schottky Rectifiers
logo
Dongguan City Niuhang E...
MBR2020CT NIUHANG-MBR2020CT Datasheet
2Mb / 5P
   SCHOTTKY RECTIFIERS
MBR1020DD NIUHANG-MBR1020DD Datasheet
485Kb / 5P
   SCHOTTKY RECTIFIERS
SS52F NIUHANG-SS52F Datasheet
321Kb / 3P
   SCHOTTKY RECTIFIERS
MBR1020DCT NIUHANG-MBR1020DCT Datasheet
431Kb / 3P
   SCHOTTKY RECTIFIERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com